データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ML2036 データシート(PDF) 8 Page - Fairchild Semiconductor

部品番号 ML2036
部品情報  Serial Input Programmable Sine Wave Generator with Digital Gain Control
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ML2036 データシート(HTML) 8 Page - Fairchild Semiconductor

Back Button ML2036 Datasheet HTML 4Page - Fairchild Semiconductor ML2036 Datasheet HTML 5Page - Fairchild Semiconductor ML2036 Datasheet HTML 6Page - Fairchild Semiconductor ML2036 Datasheet HTML 7Page - Fairchild Semiconductor ML2036 Datasheet HTML 8Page - Fairchild Semiconductor ML2036 Datasheet HTML 9Page - Fairchild Semiconductor ML2036 Datasheet HTML 10Page - Fairchild Semiconductor ML2036 Datasheet HTML 11Page - Fairchild Semiconductor ML2036 Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ML2036
PRODUCT SPECIFICATION
8
REV. 1.0.2 7/26/01
The crystal must have the following characteristics:
1.
Parallel resonant type
2.
Frequency: 3MHz to 12.4MHz
3.
Maximum equivalent series resistance of 15
Ω at a drive
levels of 1µW to 200µW, and 30
Ω at drive levels of
10nW to 1µW
4.
Typical load capacitance: 18pF
5.
Maximum case capacitance: 7pF
The frequency of oscillation will be a function of the crystal
parameters and PC board capacitance. Crystals that meet
these requirements at 12.352000MHz are M-tron 3709-010
12.352 for 0°C to 70°C and 3709-020 12.352 for -40°C to
85°C operation.
The ML2036 has two clock outputs that can be used to drive
other external devices. The CLK OUT 1 output is a buffered
output from the oscillator divided by 2. The CLK OUT 2
output is a buffered output from the oscillator divided by 8.
Serial Digital Interface
The digital interface consists of a shift register and data
latch. The serial 16-bit data word on SID is clocked into a
16-bit shift register on rising edges of the serial shift clock,
SCK. The LSB should be shifted in first and the MSB last as
shown in Figure 4. The data that has been shifted into the
shift register is loaded into a 16-bit data latch on the falling
edge of LATI. To insure that true data is loaded into the data
latch from the shift register, LATI falling edge should occur
when SCK is low, as shown in figure 1. LATI should be low
while shifting data into the shift register to avoid inadvert-
ently entering the power down mode. Note that all data is
entered and latched on the edges, not levels, of SCK and
LATI.
Inhibit and Power Down Modes
The ML2036 has an inhibit mode and a power down mode
which are controlled by the three-level PDN–INH input as
described in Table 1. If a logic “1”, (VI3) is applied to the
PDN–INH pin, the power down mode is entered by entering
all zeros in the shift register and applying a logic “1” to LATI
and holding it high. A zero data detect circuit detects when
all bits in the shift register are zeros. In this state, the power
consumption is reduced to 11.5mW max, and VOUT goes to
0V as shown in Figure 6 and appears as 10k
Ω to AGND.
CLK IN can be left active or removed during power down
mode. Also, the ML2036 can be placed in the power down
mode by applying a logic “0” to the PDN–INH pin, regard-
less of the contents of the shift register and the state of LATI.
If VSS to VSS + 0.5V (VI2) is applied to the PDN–INH pin,
the inhibit mode is entered by shifting all zeros into the shift
register and applying a logic “1” to the LATI pin. Once the
inhibit mode is entered VOUT will complete the last half
cycle of the sinewave and then be held at approximately
VOS, such that no voltage step occurs, as shown in Figure 6.
Power Supplies
The analog circuits in ML2036 are powered from VCC to
VSS and are referenced to AGND. The digital circuits in the
device are powered from VCC to DGND. It is recommended
that AGND and DGND be connected together close to the
device, and have a good connection back to the power
source.
It is recommended that the power supplies to the device
should be bypassed by placing decoupling capacitors from
VCC to AGND and VSS to AGND as physically close to the
device as possible.


同様の部品番号 - ML2036

メーカー部品番号データシート部品情報
logo
Micro Linear Corporatio...
ML2036 MICRO-LINEAR-ML2036 Datasheet
254Kb / 12P
   Serial Input Programmable Sine Wave Generator with Digital Gain Control
ML2036CP MICRO-LINEAR-ML2036CP Datasheet
254Kb / 12P
   Serial Input Programmable Sine Wave Generator with Digital Gain Control
ML2036CS MICRO-LINEAR-ML2036CS Datasheet
254Kb / 12P
   Serial Input Programmable Sine Wave Generator with Digital Gain Control
ML2036IP MICRO-LINEAR-ML2036IP Datasheet
254Kb / 12P
   Serial Input Programmable Sine Wave Generator with Digital Gain Control
ML2036IS MICRO-LINEAR-ML2036IS Datasheet
254Kb / 12P
   Serial Input Programmable Sine Wave Generator with Digital Gain Control
More results

同様の説明 - ML2036

メーカー部品番号データシート部品情報
logo
Micro Linear Corporatio...
ML2036 MICRO-LINEAR-ML2036 Datasheet
254Kb / 12P
   Serial Input Programmable Sine Wave Generator with Digital Gain Control
ML2037 MICRO-LINEAR-ML2037 Datasheet
208Kb / 10P
   500kHz, Serial Input, Programmable Sine Wave Generator with Digital Gain Control
logo
Fairchild Semiconductor
ML2035 FAIRCHILD-ML2035 Datasheet
168Kb / 9P
   Serial Input Programmable Sine Wave Generator
logo
Micro Linear Corporatio...
ML2035 MICRO-LINEAR-ML2035 Datasheet
207Kb / 9P
   Serial Input Programmable Sine Wave Generator
logo
IK Semicon Co., Ltd
IK6501 IKSEMICON-IK6501 Datasheet
2Mb / 20P
   Sine-wave PWM control
IK6501-01 IKSEMICON-IK6501-01 Datasheet
2Mb / 20P
   Sine-wave PWM control
logo
Linear Technology
LTC6912 LINER-LTC6912_15 Datasheet
423Kb / 24P
   Dual Programmable Gain Amplifiers with Serial Digital Interface
LTC6912 LINER-LTC6912 Datasheet
417Kb / 24P
   Dual Programmable Gain Amplifiers with Serial Digital Interface
logo
List of Unclassifed Man...
3003 ETC2-3003 Datasheet
493Kb / 1P
   10 MHz Sine/Square Wave Generator
logo
B&K Precision Corporati...
3003 BK-3003 Datasheet
493Kb / 1P
   10 MHz Sine/Square Wave Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com