データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ML4803CS-1 データシート(PDF) 6 Page - Fairchild Semiconductor

部品番号 ML4803CS-1
部品情報  8-Pin PFC and PWM Controller Combo
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ML4803CS-1 データシート(HTML) 6 Page - Fairchild Semiconductor

Back Button ML4803CS-1 Datasheet HTML 2Page - Fairchild Semiconductor ML4803CS-1 Datasheet HTML 3Page - Fairchild Semiconductor ML4803CS-1 Datasheet HTML 4Page - Fairchild Semiconductor ML4803CS-1 Datasheet HTML 5Page - Fairchild Semiconductor ML4803CS-1 Datasheet HTML 6Page - Fairchild Semiconductor ML4803CS-1 Datasheet HTML 7Page - Fairchild Semiconductor ML4803CS-1 Datasheet HTML 8Page - Fairchild Semiconductor ML4803CS-1 Datasheet HTML 9Page - Fairchild Semiconductor ML4803CS-1 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ML4803
PRODUCT SPECIFICATION
6
REV. 1.1.3 8/3/01
In the case of leading edge modulation, the switch is turned
OFF right at the leading edge of the system clock. When the
modulating ramp reaches the level of the error amplifier
output voltage, the switch will be turned ON. The effective
duty-cycle of the leading edge modulation is determined
during the OFF time of the switch. Figure 3 shows a leading
edge control scheme.
One of the advantages of this control technique is that it
requires only one system clock. Switch 1 (SW1) turns OFF
and Switch 2 (SW2) turns ON at the same instant to mini-
mize the momentary “no-load” period, thus lowering ripple
voltage generated by the switching action. With such
synchronized switching, the ripple voltage of the first stage
is reduced. Calculation and evaluation have shown that the
120Hz component of the PFC’s output ripple voltage can be
reduced by as much as 30% using this method, substantially
reducing dissipation in the high-voltage PFC capacitor.
Typical Applications
One Pin Error Amp
The ML4803 utilizes a one pin voltage error amplifier in the
PFC section (VEAO). The error amplifier is in reality a cur-
rent sink which forces 35µA through the output program-
ming resistor. The nominal voltage at the VEAO pin is 5V.
The VEAO voltage range is 4 to 6V. For a 11.3M
Ω resistor
chain to the boost output voltage and 5V steady state at the
VEAO, the boost output voltage would be 400V.
Programming Resistor Value
Equation 1 calculates the required programming resistor
value.
PFC Voltage Loop Compensation
The voltage-loop bandwidth must be set to less than 120Hz
to limit the amount of line current harmonic distortion.
A typical crossover frequency is 30Hz. Equation 1, for
simplicity, assumes that the pole capacitor dominates
the error amplifier gain at the loop unity-gain frequency.
Equation 2 places a pole at the crossover frequency,
providing 45 degrees of phase margin. Equation 3 places a
zero one decade prior to the pole. Bode plots showing the
overall gain and phase are shown in Figures 5 and 6. Figure 4
displays a simplified model of the voltage loop.
Rp
VV
I
V
A
M
BOOST
EAO
PGM
=
=
=
400
50V
35
113
.
.
µ
(1)
C
Pin
RV
VEAO
C
f)
COMP
p
BOOST
OUT
=
××
×
×
× ×
(2
2
π
(2)
C
W
COMP
300
11.3M
× 400V × 0.5V × 220µF × (2 × π × 30Hz)
F
2
16n
=
=
COMP
C
Figure 3. Typical Leading Edge Control Scheme.
REF
EA
+
+
OSC
DFF
R
D
Q
Q
CLK
U1
RAMP
CLK
U4
U3
C1
RL
I4
SW2
SW1
+
DC
I1
I2
I3
VIN
L1
VEAO
CMP
U2
RAMP
VEAO
TIME
VSW1
TIME


同様の部品番号 - ML4803CS-1

メーカー部品番号データシート部品情報
logo
Micro Linear Corporatio...
ML4803CS-1 MICRO-LINEAR-ML4803CS-1 Datasheet
195Kb / 13P
   8-Pin PFC and PWM Controller Combo
More results

同様の説明 - ML4803CS-1

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FAN4803CP2 FAIRCHILD-FAN4803CP2 Datasheet
116Kb / 12P
   8-Pin PFC and PWM Controller Combo
FAN4803CP1 FAIRCHILD-FAN4803CP1 Datasheet
109Kb / 12P
   8-Pin PFC and PWM Controller Combo
FAN4803CS1X FAIRCHILD-FAN4803CS1X Datasheet
109Kb / 1P
   8-Pin PFC and PWM Controller Combo
logo
Micro Linear Corporatio...
ML4803 MICRO-LINEAR-ML4803 Datasheet
195Kb / 13P
   8-Pin PFC and PWM Controller Combo
logo
Fairchild Semiconductor
FAN4803CS1 FAIRCHILD-FAN4803CS1 Datasheet
109Kb / 12P
   8-Pin PFC and PWM Controller Combo
FAN4803 FAIRCHILD-FAN4803 Datasheet
103Kb / 12P
   8-Pin PFC and PWM Controller Combo
FAN4803CS2X FAIRCHILD-FAN4803CS2X Datasheet
109Kb / 12P
   8-Pin PFC and PWM Controller Combo
FAN4803CS2 FAIRCHILD-FAN4803CS2 Datasheet
109Kb / 12P
   8-Pin PFC and PWM Controller Combo
logo
Champion Microelectroni...
CM6903 CHAMP-CM6903 Datasheet
257Kb / 14P
   Low Pin Count PFC/PWM Controller Combo
CM6903B CHAMP-CM6903B Datasheet
222Kb / 14P
   Low Pin Count PFC/PWM CONTROLLER COMBO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com