データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ML4804CP データシート(PDF) 2 Page - Fairchild Semiconductor

部品番号 ML4804CP
部品情報  Power Factor Correction and PWM Controller Combo
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ML4804CP データシート(HTML) 2 Page - Fairchild Semiconductor

  ML4804CP Datasheet HTML 1Page - Fairchild Semiconductor ML4804CP Datasheet HTML 2Page - Fairchild Semiconductor ML4804CP Datasheet HTML 3Page - Fairchild Semiconductor ML4804CP Datasheet HTML 4Page - Fairchild Semiconductor ML4804CP Datasheet HTML 5Page - Fairchild Semiconductor ML4804CP Datasheet HTML 6Page - Fairchild Semiconductor ML4804CP Datasheet HTML 7Page - Fairchild Semiconductor ML4804CP Datasheet HTML 8Page - Fairchild Semiconductor ML4804CP Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
ML4804
2
REV. 1.0.2 3/9/2001
PIN CONFIGURATION
PIN DESCRIPTION
PIN
NAME
FUNCTION
9
DC ILIMIT
PWM cycle-by-cycle current
limit comparator input
10
GND
Ground
11
PWM OUT
PWM driver output
12
PFC OUT
PFC driver output
13
VCC
Positive supply
14
VREF
Buffered output for the internal
7.5V reference
15
VFB
PFC transconductance voltage
error amplifier input
16
VEAO
PFC transconductance voltage
error amplifier output
PIN
NAME
FUNCTION
1
IEAO
Slew rate enhanced PFC
transconductance error amplifier output
2IAC
PFC AC line reference input to Gain
Modulator
3ISENSE
Current sense input to the PFC Gain
Modulator
4VRMS
PFC Gain Modulator RMS line voltage
compensation input
5
SS
Connection point for the PWM soft start
capacitor
6VDC
PWM voltage feedback input
7
RAMP 1
Oscillator timing node; timing set
by RTCT
8
RAMP 2
When in current mode, this pin
functions as the current sense input;
when in voltage mode, it is the PWM
modulation ramp input.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
IEAO
IAC
ISENSE
VRMS
SS
VDC
RAMP 1
RAMP 2
VEAO
VFB
VREF
VCC
PFC OUT
PWM OUT
GND
DC ILIMIT
TOP VIEW
ML4804
16-Pin PDIP (P16)
16-Pin Narrow SOIC (S16N)


同様の部品番号 - ML4804CP

メーカー部品番号データシート部品情報
logo
Micro Linear Corporatio...
ML4804CP MICRO-LINEAR-ML4804CP Datasheet
246Kb / 14P
   Power Factor Correction and PWM Controller Combo
More results

同様の説明 - ML4804CP

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
ML4824 FAIRCHILD-ML4824_03 Datasheet
105Kb / 15P
   Power Factor Correction and PWM Controller Combo
logo
Micro Linear Corporatio...
ML4824 MICRO-LINEAR-ML4824 Datasheet
262Kb / 16P
   Power Factor Correction and PWM Controller Combo
logo
Fairchild Semiconductor
ML4800 FAIRCHILD-ML4800 Datasheet
154Kb / 14P
   Power Factor Correction and PWM Controller Combo
ML4800_0109 FAIRCHILD-ML4800_0109 Datasheet
119Kb / 14P
   Power Factor Correction and PWM Controller Combo
logo
Micro Linear Corporatio...
ML4804 MICRO-LINEAR-ML4804 Datasheet
246Kb / 14P
   Power Factor Correction and PWM Controller Combo
logo
Fairchild Semiconductor
ML4824 FAIRCHILD-ML4824 Datasheet
150Kb / 16P
   Power Factor Correction and PWM Controller Combo
ML4824CS2X FAIRCHILD-ML4824CS2X Datasheet
109Kb / 15P
   Power Factor Correction and PWM Controller Combo
logo
Micro Linear Corporatio...
ML4819 MICRO-LINEAR-ML4819 Datasheet
290Kb / 15P
   Power Factor and PWM Controller Combo
logo
Linear Technology
LT1509 LINER-LT1509_15 Datasheet
301Kb / 16P
   Power Factor and PWM Controller
LT1508 LINER-LT1508_15 Datasheet
311Kb / 16P
   Power Factor and PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com