データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC7448VU667N データシート(PDF) 5 Page - Freescale Semiconductor, Inc

部品番号 MC7448VU667N
部品情報  MPC7448 Hardware Specifications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC7448VU667N データシート(HTML) 5 Page - Freescale Semiconductor, Inc

  MC7448VU667N Datasheet HTML 1Page - Freescale Semiconductor, Inc MC7448VU667N Datasheet HTML 2Page - Freescale Semiconductor, Inc MC7448VU667N Datasheet HTML 3Page - Freescale Semiconductor, Inc MC7448VU667N Datasheet HTML 4Page - Freescale Semiconductor, Inc MC7448VU667N Datasheet HTML 5Page - Freescale Semiconductor, Inc MC7448VU667N Datasheet HTML 6Page - Freescale Semiconductor, Inc MC7448VU667N Datasheet HTML 7Page - Freescale Semiconductor, Inc MC7448VU667N Datasheet HTML 8Page - Freescale Semiconductor, Inc MC7448VU667N Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MPC7448 Hardware Specifications Addendum for the MC7448xxnnnnNx Series, Rev. 6
Freescale Semiconductor
5
General Parameters
Table 7 provides the power consumption for the MPC7448 part numbers described by this document; see
Section 11.1, “Part Numbers Addressed by This Specification,” for more information. The MPC7448
RISC Microprocessor Hardware Specifications presents guidelines on the use of these parameters for
system design. For information on power consumption when dynamic frequency switching is enabled, see
Section 9.8.5, “Dynamic Frequency Switching (DFS),” in the hardware specifications.
The power consumptions provided in Table 7 represent the power consumption of each speed grade when
operated at the rated maximum core frequency (see Table 8). Freescale sorts devices by power as well as
by core frequency, and power limits for each speed grade are independent of each other. Each device is
tested at its maximum core frequency only. (Note that Deep Sleep Mode power consumption is
independent of clock frequency.) Operating a device at a frequency lower than its rated maximum is fully
supported provided the clock frequencies are within the specifications given in Table 8, and a device
operated at a core frequency below its rated maximum will have lower power consumption. However,
inferences should not be made about a device’s power consumption based on the power specifications of
another (lower) speed grade. For example, a 1267 MHz device operated at 1000 MHz may not exhibit the
same power consumption as a 1000 MHz device operated at 1000 MHz.
NOTE
The power consumption information in this table applies when the device
operates at the nominal core voltage indicated in Table 4. For power
consumption at derated core voltage conditions, see Section 5.3, “Voltage
and Frequency Derating.”


同様の部品番号 - MC7448VU667N

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
MC7448VU667NC NXP-MC7448VU667NC Datasheet
165Kb / 12P
   MPC7448 Hardware Specifications Addendum for the MC7448xxnnnnNx Series
MC7448VU667ND NXP-MC7448VU667ND Datasheet
165Kb / 12P
   MPC7448 Hardware Specifications Addendum for the MC7448xxnnnnNx Series
MC7448VU667NX NXP-MC7448VU667NX Datasheet
165Kb / 12P
   MPC7448 Hardware Specifications Addendum for the MC7448xxnnnnNx Series
More results

同様の説明 - MC7448VU667N

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
MPC7448ECS02AD NXP-MPC7448ECS02AD Datasheet
513Kb / 8P
   MPC7448 Hardware Specifications Addendum for the MC7448Txxnnnnmx Series
Rev. 2, 04/2007
MPC7448ECS01AD NXP-MPC7448ECS01AD Datasheet
165Kb / 12P
   MPC7448 Hardware Specifications Addendum for the MC7448xxnnnnNx Series
logo
Freescale Semiconductor...
MPC859T FREESCALE-MPC859T Datasheet
1Mb / 92P
   Hardware Specifications
MPC885 FREESCALE-MPC885 Datasheet
1Mb / 92P
   Hardware Specifications
MPC5200 FREESCALE-MPC5200 Datasheet
6Mb / 80P
   Hardware Specifications
KMPC8250ACZUMHBC FREESCALE-KMPC8250ACZUMHBC Datasheet
951Kb / 62P
   Hardware Specifications
MPC8250 FREESCALE-MPC8250_05 Datasheet
1Mb / 60P
   Hardware Specifications
MPC852T FREESCALE-MPC852T Datasheet
3Mb / 80P
   Hardware Specifications
MPC860 FREESCALE-MPC860 Datasheet
1Mb / 80P
   Hardware Specifications
MPC875 FREESCALE-MPC875 Datasheet
1Mb / 84P
   Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com