データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CAT10 データシート(PDF) 2 Page - Bourns Electronic Solutions

部品番号 CAT10
部品情報  4 isolated resistors in an 0804 size package
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BOURNS [Bourns Electronic Solutions]
ホームページ  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CAT10 データシート(HTML) 2 Page - Bourns Electronic Solutions

  CAT10 Datasheet HTML 1Page - Bourns Electronic Solutions CAT10 Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Packaging Dimensions
4.0 ± 0.1
(.158 ± .004)
1.5 + 0.1 - 0
(.059 + .004 - 0)
2.3 ± 0.2
(.090 ± .008)
1.3 ± 0.2
(.051 ± .008)
2.0 ± 0.05
(.079 ± .002)
1.0
(.040)
MAX.
0.5
(.020)
MAX.
8.0 ± 0.2
(.315 ± .008)
3.5 ± 0.05
(.138 ± .002)
180
(7.087)
2.0 ± 0.5
(.079 ± .020)
60
(2.362)
21.0 ± 0.8
(.827 ± .031)
13.0 ± 0.2
(.511 ± .008)
11.4 ± 1.0
(.449 ± .040)
9.0 ± 0.3
(.354 ± .012)
Model CAT10 - Chip Resistor Array
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
REV.02/08
Soldering Profile for RoHS Compliant Chip Resistors and Arrays
25
75
125
175
225
275
0
50
100
150
200
250
300
Time (seconds)
60 - 120 seconds
60 - 90
seconds
260 °C peak
190 °C
150 °C
220 °C
Ramp Down
6 °C/second
255 °C
Maximum of 20 seconds between
+255 °C and +260 °C
Ramp Up
3 °C/second maximum
10 seconds minimum
<1>
<1>


同様の部品番号 - CAT10

メーカー部品番号データシート部品情報
logo
Bourns Electronic Solut...
CAT10 BOURNS-CAT10 Datasheet
165Kb / 2P
   Chip Resistor Array
CAT10 BOURNS-CAT10 Datasheet
200Kb / 2P
   4 isolated resistors in an 0804 size package
CAT10-000J4 BOURNS-CAT10-000J4 Datasheet
165Kb / 2P
   Chip Resistor Array
CAT10-000J4LF BOURNS-CAT10-000J4LF Datasheet
165Kb / 2P
   Chip Resistor Array
CAT10-000J4LF BOURNS-CAT10-000J4LF Datasheet
200Kb / 2P
   Model CAT10 - Chip Resistor Array
More results

同様の説明 - CAT10

メーカー部品番号データシート部品情報
logo
Bourns Electronic Solut...
CAT10-220J4LF BOURNS-CAT10-220J4LF Datasheet
200Kb / 2P
   4 isolated resistors in an 0804 size package
logo
List of Unclassifed Man...
OM7659ST ETC2-OM7659ST Datasheet
28Kb / 2P
   VOLTAGE CONVERTER IN AN ISOLATED
logo
Cypress Semiconductor
MB39C604 CYPRESS-MB39C604 Datasheet
2Mb / 36P
   PSR topology in an isolated flyback circuit
logo
Analog Devices
ADG465 AD-ADG465_15 Datasheet
116Kb / 8P
   Single Channel Protector in an SOT-23 Package
REV. A
ADG465 AD-ADG465 Datasheet
108Kb / 8P
   Single Channel Protector in an SOT-23 Package
REV. A
logo
International Rectifier
OM6517SA IRF-OM6517SA_15 Datasheet
38Kb / 2P
   Isolated IGBTs In A Hermetic Package
OM6516SC IRF-OM6516SC_15 Datasheet
26Kb / 2P
   Isolated IGBTs In A Hermetic Package
logo
Shenzhen Jin Yu Semicon...
UML2N HTSEMI-UML2N Datasheet
1Mb / 2P
   Isolated transistor an d diodes
logo
List of Unclassifed Man...
ARC241 ETC2-ARC241 Datasheet
105Kb / 6P
   Array chip resistors size 4 X 0603
logo
Maxim Integrated Produc...
MAX6613 MAXIM-MAX6613_V01 Datasheet
641Kb / 6P
   Low-Voltage Analog Temperature Sensor in an SC70 Package
2015
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com