データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ML4818CP データシート(PDF) 7 Page - Fairchild Semiconductor

部品番号 ML4818CP
部品情報  Phase Modulation/Soft Switching Controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ML4818CP データシート(HTML) 7 Page - Fairchild Semiconductor

Back Button ML4818CP Datasheet HTML 3Page - Fairchild Semiconductor ML4818CP Datasheet HTML 4Page - Fairchild Semiconductor ML4818CP Datasheet HTML 5Page - Fairchild Semiconductor ML4818CP Datasheet HTML 6Page - Fairchild Semiconductor ML4818CP Datasheet HTML 7Page - Fairchild Semiconductor ML4818CP Datasheet HTML 8Page - Fairchild Semiconductor ML4818CP Datasheet HTML 9Page - Fairchild Semiconductor ML4818CP Datasheet HTML 10Page - Fairchild Semiconductor ML4818CP Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
ML4818
PRODUCT SPECIFICATION
7
REV. 1.0.3 6/21/01
The ML4818 can also be used in current mode by sensing
load current on the RAMP input (pin 3).
The four output delay timers are programmed via an external
RDELAY resistor as shown below. This resistor value should be
no less than 1k
Ω. Expressing R
DELAY in kΩ the delay, in ns
is:
The ML4818 contains special logic circuits to provide for
voltage mode feed-forward and lock out long pulses into the
internal logic. This prevents instability from occuring when
the
Φ Comparator trips in voltage mode.
Figure 3. Voltage Feed-Forward Circuit
The collector of QR in figure 3 is high only during a power
cycle. When the power cycle terminates, RAMP is pulled
low. In voltage mode operation, a capacitor is connected
from RAMP to GND with a resistor from RAMP to VIN to
provide input voltage feed forward.
Oscillator
The ML4818 oscillator charges the external capacitor, CT,
with a current (ISET) equal to 5/RT. When the CT voltage
reaches the upper threshold (Ramp Peak), the comparator
changes state, turning on the current sink which discharges
CT to the lower threshold (Ramp Valley). The CT pin is
clamped to Ramp Valley by Q1 (Figure 5) to prevent inaccu-
racy due to undershoot on CT.
To use the CLOCK output for driving external synchroniza-
tion circuitry, a pull-down resistor is required from CLOCK
to GND.
Figure 4. Ocillator Timing Diagram
Figure 5. Ocillator Block Diagram
For frequencies of less than 500kHz, oscillator frequency
can be set by using the following formulae:
Error Amplifier
The ML4818 error amplifier is a 2.5MHz bandwidth, 8.5V/
µs slew rate op-amp with provision for limiting the positive
output voltage swing (output inhibit line) to implement the
soft start function. The error amplifier output source current
is limited to 4.5mA.
Figure 6. Error Amplifier Open-Loop Gain and Phase vs.
Frequency
Figure 7. Power Driver Simplified Schematic
T
DELAY
33
R
DELAY
×
〈〉
=
45
+
(1)
3
RAMP
S
R
Q
Φ MOD
OUTPUT
OSC
QR
CLOCK
TD
CT
RAMP PEAK
RAMP VALLEY
TC
11
+
2
13
5V
CLOCK
OUT
5V
5.5mA
1.7V
RT
ISET
CT
ISET
250
Q1
f
OSC
1
0.52C
TRT
500C
T
+
---------------------------------------------------
=
(2)
120
100
80
60
40
20
0
180
135
90
45
0
0
100
1k
10k
100k
1M
10M
FREQUENCY
GAIN
PHASE
POWER
GND
Q1
Q2
OUT
VCC
VCC


同様の部品番号 - ML4818CP

メーカー部品番号データシート部品情報
logo
Micro Linear Corporatio...
ML4818CP MICRO-LINEAR-ML4818CP Datasheet
230Kb / 12P
   Phase Modulation/Soft Switching Controller
More results

同様の説明 - ML4818CP

メーカー部品番号データシート部品情報
logo
Micro Linear Corporatio...
ML4818 MICRO-LINEAR-ML4818 Datasheet
230Kb / 12P
   Phase Modulation/Soft Switching Controller
ML4828 MICRO-LINEAR-ML4828 Datasheet
187Kb / 11P
   BiCMOS Phase Modulation/Soft Switching Controller
logo
Linear Technology
LT3742 LINER-LT3742_1 Datasheet
312Kb / 26P
   Dual, 2-Phase Step-Down Switching Controller Programmable Soft-Start
logo
List of Unclassifed Man...
ATLD201V1 ETC2-ATLD201V1 Datasheet
41Kb / 5P
   Dual Mode 30MHz Modulation Laser Controller
logo
Mitel Networks Corporat...
SA866AE MITEL-SA866AE Datasheet
1Mb / 24P
   3-PHASE PULSE WIDTH MODULATION ENGINE
logo
KODENSHI_AUK CORP.
PS117E-1 KODENSHI-PS117E-1 Datasheet
146Kb / 2P
   Exterior light endure by phase-modulation
PS119E-1 KODENSHI-PS119E-1 Datasheet
138Kb / 2P
   Exterior light endure by phase-modulation
PS122GD4-A KODENSHI-PS122GD4-A Datasheet
155Kb / 2P
   Exterior light endure by phase-modulation
PS133GD1 KODENSHI-PS133GD1 Datasheet
160Kb / 2P
   Exterior light endure by phase-modulation
PS181EL1-S KODENSHI-PS181EL1-S Datasheet
178Kb / 2P
   Exterior light endure by phase-modulation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com