データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ML4819CS データシート(PDF) 5 Page - Fairchild Semiconductor

部品番号 ML4819CS
部品情報  Power Factor and PWM Controller ?쏞ombo?
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ML4819CS データシート(HTML) 5 Page - Fairchild Semiconductor

  ML4819CS Datasheet HTML 1Page - Fairchild Semiconductor ML4819CS Datasheet HTML 2Page - Fairchild Semiconductor ML4819CS Datasheet HTML 3Page - Fairchild Semiconductor ML4819CS Datasheet HTML 4Page - Fairchild Semiconductor ML4819CS Datasheet HTML 5Page - Fairchild Semiconductor ML4819CS Datasheet HTML 6Page - Fairchild Semiconductor ML4819CS Datasheet HTML 7Page - Fairchild Semiconductor ML4819CS Datasheet HTML 8Page - Fairchild Semiconductor ML4819CS Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
ML4819
REV. 1.0 10/10/2000
5
FUNCTIONAL DESCRIPTION
OSCILLATOR
The ML4819 oscillator charges the external capacitor (CT)
with a current (ISET) equal to 5/RSET. When the capacitor
voltage reaches the upper threshold, the comparator
changes state and the capacitor discharges to the lower
threshold through Q1. While the capacitor is discharging,
the clock provides a high pulse.
The oscillator period can be described by the following
relationship:
tOSC = tRAMP + tDEADTIME
where:
t=
C(Ramp Valley to Peak)
I
RAMP
SET
and:
t
C(Ramp Valley to Peak)
8.4mA - I
DEADTIME
SET
=
The maximum duty cycle of the PWM section can be
limited by setting a threshold on pin 7. when the CT ramp
is above the threshold at pin 7, the PWM output is held
off and the PWM flip-flop is set:
D
D
(V
- 0.9)
3.4
LIMIT
OSC
PIN7
×
where:
DLIMIT = Desired duty cycle limit
DOSC = Oscillator duty cycle
ELECTRICAL CHARACTERISTICS (Continued)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
UNDER-VOLTAGE LOCKOUT
Start-Up Threshold
15
16
17
V
Shut-Down Threshold
9
10
11
V
VREF Good Threshold
4.4
V
SUPPLY
Supply Current
Start-Up, VCC = 14V
0.6
1.2
mA
Operating, TJ = 25°C25
35
mA
Note 1: Limits are guaranteed by 100% testing, sampling, or correlation with worst-case test conditions.
Note 2: VCC is raised above the Start-Up Threshold first to activate the IC, then returned to 15V.
Note 3: PWM comparator bias currents are subtracted from this reading.
Figure 1. Oscillator Block Diagram
RT
ISET
CT
CLOCK
DUTY CYCLE
20
10
ISET
VREF
5V
+5V
TO PWM
LATCH B
TO PWM
LATCHES
8.4mA
Q1
CLOCK
tD
RAMP PEAK
RAMP VALLEY
CT
7
+
+


同様の部品番号 - ML4819CS

メーカー部品番号データシート部品情報
logo
Micro Linear Corporatio...
ML4819CS MICRO-LINEAR-ML4819CS Datasheet
290Kb / 15P
   Power Factor and PWM Controller Combo
More results

同様の説明 - ML4819CS

メーカー部品番号データシート部品情報
logo
Linear Technology
LT1509 LINER-LT1509_15 Datasheet
301Kb / 16P
   Power Factor and PWM Controller
LT1508 LINER-LT1508_15 Datasheet
311Kb / 16P
   Power Factor and PWM Controller
LT1509 LINER-LT1509 Datasheet
348Kb / 16P
   Power Factor and PWM Controller
logo
Micro Linear Corporatio...
ML4819 MICRO-LINEAR-ML4819 Datasheet
290Kb / 15P
   Power Factor and PWM Controller Combo
logo
Linear Technology
LT1508 LINER-LT1508 Datasheet
337Kb / 16P
   Power Factor and PWM Controller(Voltage Mode)
logo
Fairchild Semiconductor
ML4824 FAIRCHILD-ML4824_03 Datasheet
105Kb / 15P
   Power Factor Correction and PWM Controller Combo
logo
Micro Linear Corporatio...
ML4824 MICRO-LINEAR-ML4824 Datasheet
262Kb / 16P
   Power Factor Correction and PWM Controller Combo
logo
Fairchild Semiconductor
ML4800 FAIRCHILD-ML4800 Datasheet
154Kb / 14P
   Power Factor Correction and PWM Controller Combo
ML4800_0109 FAIRCHILD-ML4800_0109 Datasheet
119Kb / 14P
   Power Factor Correction and PWM Controller Combo
logo
Micro Linear Corporatio...
ML4804 MICRO-LINEAR-ML4804 Datasheet
246Kb / 14P
   Power Factor Correction and PWM Controller Combo
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com