データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ML4803IS-2 データシート(PDF) 9 Page - Fairchild Semiconductor

部品番号 ML4803IS-2
部品情報  8-Pin PFC and PWM Controller Combo
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ML4803IS-2 データシート(HTML) 9 Page - Fairchild Semiconductor

Back Button ML4803IS-2 Datasheet HTML 4Page - Fairchild Semiconductor ML4803IS-2 Datasheet HTML 5Page - Fairchild Semiconductor ML4803IS-2 Datasheet HTML 6Page - Fairchild Semiconductor ML4803IS-2 Datasheet HTML 7Page - Fairchild Semiconductor ML4803IS-2 Datasheet HTML 8Page - Fairchild Semiconductor ML4803IS-2 Datasheet HTML 9Page - Fairchild Semiconductor ML4803IS-2 Datasheet HTML 10Page - Fairchild Semiconductor ML4803IS-2 Datasheet HTML 11Page - Fairchild Semiconductor ML4803IS-2 Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
PRODUCT SPECIFICATION
ML4803
REV. 1.1.3 8/3/01
9
VCC OVP
VCC is assumed to be a voltage proportional to the PFC
output voltage, typically a bootstrap winding off the boost
inductor. The VCC OVP comparator senses when this volt-
age exceeds 16V, and terminates the PFC output drive while
disabling the VEAO current sink. Once the VEAO current
sink is disabled, the VEAO voltage will charge unabated,
except for a diode clamp to VCC, reducing the PFC pulse
width. Once the VCC rail has decreased to below 16.2V the
VEAO sink will be enabled, discharging external VEAO
compensation components until the steady state voltage is
reached. Given that 15V on VCC corresponds to 400V on
the PFC output, 16V on VCC corresponds to an OVP level of
426V.
Component Reduction
Components associated with the VRMS and IRMS pins of a
typical PFC controller such as the ML4824 have been elimi-
nated. The PFC power limit and bandwidth does vary with
line voltage. Double the power can be delivered from a 220
V AC line versus a 110 V AC line. Since this is a combina-
tion PFC/PWM, the power to the load is limited by the PWM
stage.
Figure 10. Typical Peak Current Mode Waveforms
Figure 11. ML4803 PFC Control
VISENSE
VC1 RAMP
GATE
DRIVE
OUTPUT
CZERO
ISENSE
VC1
5V
VI SENSE
GATE
OUTPUT
RCOMP
RP
VOUT = 400V
VEAO
35
µA
R1
4
+
COMP
–4
3
CCOMP
C1
30pF


同様の部品番号 - ML4803IS-2

メーカー部品番号データシート部品情報
logo
Micro Linear Corporatio...
ML4803IS-2 MICRO-LINEAR-ML4803IS-2 Datasheet
195Kb / 13P
   8-Pin PFC and PWM Controller Combo
More results

同様の説明 - ML4803IS-2

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FAN4803CP2 FAIRCHILD-FAN4803CP2 Datasheet
116Kb / 12P
   8-Pin PFC and PWM Controller Combo
FAN4803CP1 FAIRCHILD-FAN4803CP1 Datasheet
109Kb / 12P
   8-Pin PFC and PWM Controller Combo
FAN4803CS1X FAIRCHILD-FAN4803CS1X Datasheet
109Kb / 1P
   8-Pin PFC and PWM Controller Combo
logo
Micro Linear Corporatio...
ML4803 MICRO-LINEAR-ML4803 Datasheet
195Kb / 13P
   8-Pin PFC and PWM Controller Combo
logo
Fairchild Semiconductor
FAN4803CS1 FAIRCHILD-FAN4803CS1 Datasheet
109Kb / 12P
   8-Pin PFC and PWM Controller Combo
FAN4803 FAIRCHILD-FAN4803 Datasheet
103Kb / 12P
   8-Pin PFC and PWM Controller Combo
FAN4803CS2X FAIRCHILD-FAN4803CS2X Datasheet
109Kb / 12P
   8-Pin PFC and PWM Controller Combo
FAN4803CS2 FAIRCHILD-FAN4803CS2 Datasheet
109Kb / 12P
   8-Pin PFC and PWM Controller Combo
logo
Champion Microelectroni...
CM6903 CHAMP-CM6903 Datasheet
257Kb / 14P
   Low Pin Count PFC/PWM Controller Combo
CM6903B CHAMP-CM6903B Datasheet
222Kb / 14P
   Low Pin Count PFC/PWM CONTROLLER COMBO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com