データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ML4823CS データシート(PDF) 4 Page - Fairchild Semiconductor

部品番号 ML4823CS
部品情報  High Frequency Power Supply Controller
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ML4823CS データシート(HTML) 4 Page - Fairchild Semiconductor

  ML4823CS Datasheet HTML 1Page - Fairchild Semiconductor ML4823CS Datasheet HTML 2Page - Fairchild Semiconductor ML4823CS Datasheet HTML 3Page - Fairchild Semiconductor ML4823CS Datasheet HTML 4Page - Fairchild Semiconductor ML4823CS Datasheet HTML 5Page - Fairchild Semiconductor ML4823CS Datasheet HTML 6Page - Fairchild Semiconductor ML4823CS Datasheet HTML 7Page - Fairchild Semiconductor ML4823CS Datasheet HTML 8Page - Fairchild Semiconductor ML4823CS Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ML4823
4
REV. 1.0 10/12/2000
ELECTRICAL CHARACTERISTICS (Continued)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ERROR AMPLIFIER (Continued)
CMRR
1.5
≤ VCC ≤ 5.5V
50
80
dB
PSRR
10
≤ VCC ≤ 30V
70
100
dB
Output Sink Current
VE/A OUT = 1V
1
2.5
mA
Output Source Current
VE/A OUT = 4V
–0.5
–1.3
mA
Output High Voltage
IE/A OUT = –0.5mA
4.0
4.7
5.0
V
Output Low Voltage
IE/A OUT = 1mA
0
0.5
1.0
V
Unity Gain Bandwidth
3
5.5
MHz
Slew Rate
6
12
V/µs
PWM COMPARATOR
RAMP Bias Current
VRAMP = 0V
–1
–5
µA
Duty Cycle Range
0
80
%
E/A OUT Zero DC Threshold
VRAMP = 0V
1.1
1.25
V
Delay to Output
50
80
ns
SOFT START
Charge Current
VSOFT START = 0.5V
3
9
20
µA
Discharge Current
VSOFT START = 1V
1
mA
CURRENT LIMIT/SHUTDOWN
ILIM Bias Current
0V
≤ ILIM ≤ 4V
±10
µA
Current Limit Offset
ILIM REF = 1.1V
0
15
mV
ILIM REF Common Mode Range
1.0
1.25
V
Shutdown Threshold
1.25
1.40
1.55
V
Delay to Output
50
80
ns
OUTPUT
Output Low Level
IOUT = 20mA
0.25
0.40
V
IOUT = 200mA
1.2
2.2
V
Output High Level
IOUT = –20mA
12.8
13.5
V
IOUT = –200mA
12.0
13.0
V
Collector Leakage
VC = 30V
100
500
µA
Rise/Fall Time
CL = 1000pF
30
60
ns
UNDER VOLTAGE LOCKOUT
Start Threshold
8.8
9.2
9.7
V
UVLO Hysteresis
0.4
0.8
1.2
V
SUPPLY
Start Up Current
VCC = 8V
1.1
2.5
mA
ICC
INV, RANP, ILIM = 0V
22
33
mA
NI = 1V
Note 1: Limits are guaranteed by 100% testing, sampling, or correlation with worst-case test conditions.


同様の部品番号 - ML4823CS

メーカー部品番号データシート部品情報
logo
Micro Linear Corporatio...
ML4823CS MICRO-LINEAR-ML4823CS Datasheet
578Kb / 9P
   High Frequency Power Supply Controller
More results

同様の説明 - ML4823CS

メーカー部品番号データシート部品情報
logo
Micro Linear Corporatio...
ML4825 MICRO-LINEAR-ML4825 Datasheet
172Kb / 9P
   High Frequency Power Supply Controller
ML4823 MICRO-LINEAR-ML4823 Datasheet
578Kb / 9P
   High Frequency Power Supply Controller
ML4810 MICRO-LINEAR-ML4810 Datasheet
165Kb / 12P
   High Frequency Power Supply Controller
logo
JILIN SINO-MICROELECTRO...
HBR20S45 JSMC-HBR20S45 Datasheet
290Kb / 6P
   High frequency switch power supply
HBR20S45S JSMC-HBR20S45S Datasheet
293Kb / 6P
   High frequency switch power supply
logo
Shenzhen hui lida elect...
BU406 HUILIDA-BU406 Datasheet
935Kb / 4P
   High frequency switching power supply
logo
JILIN SINO-MICROELECTRO...
HBR4060 JSMC-HBR4060 Datasheet
315Kb / 8P
   High frequency switch power supply
BDW93C JSMC-BDW93C Datasheet
220Kb / 5P
   High frequency switching power supply
3CG5401 JSMC-3CG5401 Datasheet
187Kb / 6P
   High frequency switching power supply
3DG9013 JSMC-3DG9013 Datasheet
179Kb / 5P
   High frequency switching power supply
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com