データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ML4824CP2 データシート(PDF) 3 Page - Fairchild Semiconductor

部品番号 ML4824CP2
部品情報  Power Factor Correction and PWM Controller Combo
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ML4824CP2 データシート(HTML) 3 Page - Fairchild Semiconductor

  ML4824CP2 Datasheet HTML 1Page - Fairchild Semiconductor ML4824CP2 Datasheet HTML 2Page - Fairchild Semiconductor ML4824CP2 Datasheet HTML 3Page - Fairchild Semiconductor ML4824CP2 Datasheet HTML 4Page - Fairchild Semiconductor ML4824CP2 Datasheet HTML 5Page - Fairchild Semiconductor ML4824CP2 Datasheet HTML 6Page - Fairchild Semiconductor ML4824CP2 Datasheet HTML 7Page - Fairchild Semiconductor ML4824CP2 Datasheet HTML 8Page - Fairchild Semiconductor ML4824CP2 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ML4824
REV. 1.01 12/7/2000
3
ABSOLUTE MAXIMUM RATINGS
Absolute maximum ratings are those values beyond which
the device could be permanently damaged. Absolute
maximum ratings are stress ratings only and functional
device operation is not implied.
VCC Shunt Regulator Current .................................. 55mA
ISENSE Voltage ..................................................–3V to 5V
Voltage on Any Other Pin ... GND – 0.3V to VCCZ + 0.3V
IREF ............................................................................................ 20mA
IAC Input Current .................................................... 10mA
Peak PFC OUT Current, Source or Sink ................ 500mA
Peak PWM OUT Current, Source or Sink .............. 500mA
PFC OUT, PWM OUT Energy Per Cycle .................. 1.5µJ
Junction Temperature .............................................. 150°C
Storage Temperature Range ..................... –65°C to 150°C
Lead Temperature (Soldering, 10 sec) ..................... 260°C
Thermal Resistance (
θJA)
Plastic DIP ....................................................... 80°C/W
Plastic SOIC ................................................... 105°C/W
OPERATING CONDITIONS
Temperature Range
ML4824CX ................................................. 0°C to 70°C
ML4824IX .............................................. –40°C to 85°C
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, ICC = 25mA, RT = 52.3kΩ, CT = 470pF, TA = Operating Temperature Range (Note 1)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOLTAGE ERROR AMPLIFIER
Input Voltage Range
0
7
V
Transconductance
VNON INV = VINV, VEAO = 3.75V
50
85
120
µ
Feedback Reference Voltage
2.46
2.53
2.60
V
Input Bias Current
Note 2
-0.3
–1.0
µA
Output High Voltage
6.0
6.7
V
Output Low Voltage
0.6
1.0
V
Source Current
∆VIN = ±0.5V, VOUT = 6V
–40
–80
µA
Sink Current
∆VIN = ±0.5V, VOUT = 1.5V
40
80
µA
Open Loop Gain
60
75
dB
Power Supply Rejection Ratio
VCCZ - 3V < VCC < VCCZ - 0.5V
60
75
dB
CURRENT ERROR AMPLIFIER
Input Voltage Range
–1.5
2
V
Transconductance
VNON INV = VINV, VEAO = 3.75V
130
195
310
µ
Input Offset Voltage
0
8
15
mV
Input Bias Current
–0.5
–1.0
µA
Output High Voltage
6.0
6.7
V
Output Low Voltage
0.6
1.0
V
Source Current
∆VIN = ±0.5V, VOUT = 6V
–40
–90
µA
Sink Current
∆VIN = ±0.5V, VOUT = 1.5V
40
90
µA
Open Loop Gain
60
75
dB
Power Supply Rejection Ratio
VCCZ - 3V < VCC < VCCZ - 0.5V
60
75
dB


同様の部品番号 - ML4824CP2

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
ML4824CP2 FAIRCHILD-ML4824CP2 Datasheet
105Kb / 15P
   Power Factor Correction and PWM Controller Combo
More results

同様の説明 - ML4824CP2

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
ML4824 FAIRCHILD-ML4824_03 Datasheet
105Kb / 15P
   Power Factor Correction and PWM Controller Combo
logo
Micro Linear Corporatio...
ML4824 MICRO-LINEAR-ML4824 Datasheet
262Kb / 16P
   Power Factor Correction and PWM Controller Combo
logo
Fairchild Semiconductor
ML4800 FAIRCHILD-ML4800 Datasheet
154Kb / 14P
   Power Factor Correction and PWM Controller Combo
ML4800_0109 FAIRCHILD-ML4800_0109 Datasheet
119Kb / 14P
   Power Factor Correction and PWM Controller Combo
logo
Micro Linear Corporatio...
ML4804 MICRO-LINEAR-ML4804 Datasheet
246Kb / 14P
   Power Factor Correction and PWM Controller Combo
logo
Fairchild Semiconductor
ML4804 FAIRCHILD-ML4804 Datasheet
145Kb / 14P
   Power Factor Correction and PWM Controller Combo
ML4824CS2X FAIRCHILD-ML4824CS2X Datasheet
109Kb / 15P
   Power Factor Correction and PWM Controller Combo
logo
Micro Linear Corporatio...
ML4819 MICRO-LINEAR-ML4819 Datasheet
290Kb / 15P
   Power Factor and PWM Controller Combo
logo
Linear Technology
LT1509 LINER-LT1509_15 Datasheet
301Kb / 16P
   Power Factor and PWM Controller
LT1508 LINER-LT1508_15 Datasheet
311Kb / 16P
   Power Factor and PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com