データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MM74C175 データシート(PDF) 4 Page - Fairchild Semiconductor

部品番号 MM74C175
部品情報  Quad D-Type Flip-Flop
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MM74C175 データシート(HTML) 4 Page - Fairchild Semiconductor

  MM74C175 Datasheet HTML 1Page - Fairchild Semiconductor MM74C175 Datasheet HTML 2Page - Fairchild Semiconductor MM74C175 Datasheet HTML 3Page - Fairchild Semiconductor MM74C175 Datasheet HTML 4Page - Fairchild Semiconductor MM74C175 Datasheet HTML 5Page - Fairchild Semiconductor MM74C175 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics (Note 2)
TA = 25°C, CL = 50 pF, unless otherwise noted
Note 2: AC Parameters are guaranteed by DC correlated testing.
Note 3: Capacitance is guaranteed by periodic testing.
Note 4: CPD determines the no load AC power consumption of any CMOS device. For complete explanation see Family Characteristics Application Note
AN-90.
Switching Time Waveforms
CMOS to CMOS
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tpd
Propagation Delay Time to
VCC = 5V
190
300
ns
a Logical “0” or Logical “1” from
VCC = 10V
75
110
ns
Clock to Q or Q
tpd
Propagation Delay Time to a
VCC = 5V
180
300
ns
Logical “0” from Clear to Q
VCC = 10V
70
110
ns
tpd
Propagation Delay Time to a
VCC = 5V
230
400
ns
Logical “1” from Clear to Q
VCC = 10V
90
150
ns
tS
Time Prior to Clock Pulse that
VCC = 5V
100
45
ns
Data Must be Present
VCC = 10V
40
16
ns
tH
Time After Clock Pulse that
VCC = 5V
0
−11
ns
Data Must be Held
VCC = 10V
0
−4ns
tW
Minimum Clock Pulse Width
VCC = 5.0V
130
250
ns
VCC = 10V
45
100
ns
tW
Minimum Clear Pulse Width
VCC = 5.0V
120
250
ns
VCC = 10V
45
100
ns
tr
Maximum Clock Rise Time
VCC = 5V
15
450
µs
VCC = 10V
5.0
125
µs
tf
Maximum Clock Fall Time
VCC = 5V
15
50
µs
VCC = 10V
5.0
50
µs
fMAX
Maximum Clock Frequency
VCC = 5V
2.0
3.5
MHz
VCC = 10V
5.0
10
MHz
CIN
Input Capacitance
Clear Input (Note 3)
10
pF
Any Other Input
5.0
pF
CPD
Power Dissipation Capacitance
Per Package (Note 4)
130
pF


同様の部品番号 - MM74C175

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
MM74C175 NSC-MM74C175 Datasheet
114Kb / 6P
   Quad D Flip-Flop
More results

同様の説明 - MM74C175

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74VHC175 FAIRCHILD-74VHC175 Datasheet
71Kb / 7P
   Quad D-Type Flip-Flop
logo
Renesas Technology Corp
HD74AC175 RENESAS-HD74AC175 Datasheet
211Kb / 8P
   Quad D-Type Flip-Flop
logo
Fairchild Semiconductor
74F175 FAIRCHILD-74F175 Datasheet
80Kb / 7P
   Quad D-Type Flip-Flop
CD40174BC FAIRCHILD-CD40174BC Datasheet
58Kb / 7P
   Hex D-Type Flip-Flop 쨌 Quad D-Type Flip-Flop
logo
Nexperia B.V. All right...
HEF40175B NEXPERIA-HEF40175B Datasheet
238Kb / 13P
   Quad D-type flip-flop
Rev. 10 - 29 November 2021
logo
ON Semiconductor
MC14175B ONSEMI-MC14175B Datasheet
96Kb / 8P
   Quad Type D Flip-Flop
August, 2000 ??Rev. 4
MC14175B ONSEMI-MC14175B_14 Datasheet
128Kb / 6P
   Quad Type D Flip-Flop
August, 2014 ??Rev. 9
logo
Fairchild Semiconductor
74AC175 FAIRCHILD-74AC175 Datasheet
99Kb / 9P
   Quad D-Type Flip-Flop
logo
Hitachi Semiconductor
HD74AC175 HITACHI-HD74AC175 Datasheet
59Kb / 10P
   Quad D-Type Flip-Flop
logo
ON Semiconductor
74VHC175 ONSEMI-74VHC175 Datasheet
338Kb / 11P
   Quad D-Type Flip-Flop
May 2007 Rev. 1.2
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com