データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

80-474012-3H データシート(PDF) 11 Page - Amphenol Corporation

部品番号 80-474012-3H
部品情報  Type Standard Cylindrical Connectors
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMPHENOL [Amphenol Corporation]
ホームページ  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

80-474012-3H データシート(HTML) 11 Page - Amphenol Corporation

Back Button 80-474012-3H Datasheet HTML 7Page - Amphenol Corporation 80-474012-3H Datasheet HTML 8Page - Amphenol Corporation 80-474012-3H Datasheet HTML 9Page - Amphenol Corporation 80-474012-3H Datasheet HTML 10Page - Amphenol Corporation 80-474012-3H Datasheet HTML 11Page - Amphenol Corporation 80-474012-3H Datasheet HTML 12Page - Amphenol Corporation 80-474012-3H Datasheet HTML 13Page - Amphenol Corporation 80-474012-3H Datasheet HTML 14Page - Amphenol Corporation 80-474012-3H Datasheet HTML 15Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 73 page
background image
10
MS/Standard
MS-E/F
MS-E & F
MS Class F connectors satisfy all the performance
requirements of MIL-DTL-5015. Class E, environmental
is also produced, but is no longer listed on the qualified
products listing (QPL). These connectors are recom-
mended for conditions where vibration, moisture, pres-
sure and/or temperature are extreme. Strain relief is
supplied on most shell sizes.
Shells:
Shell components are fabricated from high grade alumi-
num alloy. The standard hardware plating is electrically
conductive cadmium plated finish with an olive drab chro-
mate after-treatment for corrosion resistance. Consult
Amphenol, Sidney, NY for other plating options.
Contacts:
Contacts are silver plated copper alloy for maximum cor-
rosion resistance, maximum current carrying capacity
and low millivolt drop. Size 16 and 12 socket contacts
incorporate a closed entry design. Crimp and solder ver-
sions are available. Refer to pages 49, 67 and 68 for
additional contact information.
Inserts:
Resilient neoprene inserts provide an outstanding mois-
ture barrier, high dielectric strength, and resistance to
vibration. Either pin or socket insert can be pressurized.
Strain Relief Clamp:
Strain relief clamps minimize tension at the solder well
connection and provide a positive mechanical moisture
seal. Complete field serviceability is possible with the
strain relief clamp.
wall mounting receptacle
cable connecting plug
box mounting receptacle
straight plug
90 degree plug


同様の部品番号 - 80-474012-3H

メーカー部品番号データシート部品情報
logo
Amphenol Corporation
80-474012-3H AMPHENOL-80-474012-3H Datasheet
2Mb / 73P
   MS/Standard MS3106E/F straight plug
More results

同様の説明 - 80-474012-3H

メーカー部品番号データシート部品情報
logo
Amphenol Corporation
MS3102A14S-7S AMPHENOL-MS3102A14S-7S Datasheet
1Mb / 54P
   MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
12-020 AMPHENOL-12-020 Datasheet
2Mb / 73P
   MIL-DTL-5015 and Mil-5015 Type Standard Cylindrical Connectors
MS3102E18-1S AMPHENOL-MS3102E18-1S Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3102R28-21P AMPHENOL-MS3102R28-21P Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3101A24-10S AMPHENOL-MS3101A24-10S Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 ahd MIL-5015 Type Standard Cylindrical Connectors
MS3102A14S-6S AMPHENOL-MS3102A14S-6S Datasheet
2Mb / 73P
   AMPHENOL MIL-DTL-5015 AND MIL-5015 TYPE STANDARD CYLINDRICAL CONNECTORS
MS3106E14S-2S AMPHENOL-MS3106E14S-2S Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3102A12S-3S AMPHENOL-MS3102A12S-3S Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3102R20-27S AMPHENOL-MS3102R20-27S Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3106A22-6S AMPHENOL-MS3106A22-6S Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com