データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TAZH686M006CRSC0000 データシート(PDF) 1 Page - AVX Corporation

部品番号 TAZH686M006CRSC0000
部品情報  TAZ Series
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AVX [AVX Corporation]
ホームページ  http://www.avx.com
Logo AVX - AVX Corporation

TAZH686M006CRSC0000 データシート(HTML) 1 Page - AVX Corporation

  TAZH686M006CRSC0000 Datasheet HTML 1Page - AVX Corporation TAZH686M006CRSC0000 Datasheet HTML 2Page - AVX Corporation TAZH686M006CRSC0000 Datasheet HTML 3Page - AVX Corporation TAZH686M006CRSC0000 Datasheet HTML 4Page - AVX Corporation TAZH686M006CRSC0000 Datasheet HTML 5Page - AVX Corporation TAZH686M006CRSC0000 Datasheet HTML 6Page - AVX Corporation TAZH686M006CRSC0000 Datasheet HTML 7Page - AVX Corporation TAZH686M006CRSC0000 Datasheet HTML 8Page - AVX Corporation TAZH686M006CRSC0000 Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
JUNE 2013
7
This is the original high reliability molded
tantalum chip series and the case sizes still
represent the most flexible of surface mount
form factors. TAZ offers nine case sizes,
eight of which (A through H) are fully qualified
to MIL-PRF-55365/4, and also includes the
original sub-miniature R case (non-QPL).
This series is fully interchangeable with
CWR06 conformal types, while offering the
advantages of molded body / compliant
termination construction (ensuring no TCE
mismatch
with
any
substrate).
This
construction is compatible with a wide range
of SMT board assembly processes including
wave or reflow solder, conductive epoxy or
compression bonding techniques.
The parts also carry full polarity and
capacitance / voltage marking. The five
smaller cases are characterized by their low
profile construction, with the A case being
the
world’s
smallest
molded
military
tantalum chip.
All 4V to 50V ratings are qualified to
MIL-PRF-55365 Weibull “B”, “C”, “D” and
“T” levels, with all surge options (“A”, “B” &
“C”) available.
For Space Level applications, AVX SRC
9000 qualification is recommended (see
ratings table for part number availability).
There are four termination finishes available:
solder plated, fused solder plated, hot solder
dipped and gold plated (these are “H”, “K”,
“C” and “B” termination, respectively, per
MIL-PRF-55365). In addition, the molding
compound has been selected to meet the
requirements
of
UL94V-0
(Flame
Retardancy) and outgassing requirements of
NASA SP-R-0022A.
MARKING
(White marking on black body)
Polarity Stripe (+)
Capacitance Code
Rated Voltage
TAZ Series
CWR09 - MIL-PRF-55365/4 Established Reliability, COTS-Plus & Space Level
CASE DIMENSIONS:
millimeters (inches)
Case
Length (L)
Width (W)
Height (H)
Term. Length (A)
Typical
Code
±0.38 (0.015) ±0.38 (0.015)
±0.38 (0.015)
Term. Width (W1)
+0.25/-0.13
S min
Weight (g)
(+0.010/-0.005)
A
2.54 (0.100)
1.27 (0.050)
1.27 (0.050)
1.27±0.13
0.76 (0.030)
0.38
0.016
(0.050±0.005)
(0.015)
B
3.81 (0.150)
1.27 (0.050)
1.27 (0.050)
1.27±0.13
0.76 (0.030)
1.65
0.025
(0.050±0.005)
(0.065)
C
5.08 (0.200)
1.27 (0.050)
1.27 (0.050)
1.27±0.13
0.76 (0.030)
2.92
0.035
(0.050±0.005)
(0.115)
D
3.81 (0.150)
2.54 (0.100)
1.27 (0.050)
2.41+0.13/-0.25
0.76 (0.030)
1.65
0.045
(0.095+0.005/-0.010)
(0.065)
E
5.08 (0.200)
2.54 (0.100)
1.27 (0.050)
2.41+0.13/-0.25
0.76 (0.030)
2.92
0.065
(0.095+0.005/-0.010)
(0.115)
F
5.59 (0.220)
3.43 (0.135)
1.78 (0.070)
3.30±0.13
0.76 (0.030)
3.43
0.125
(0.130±0.005)
(0.135)
G
6.73 (0.265)
2.79 (0.110)
2.79 (0.110)
2.67±0.13
1.27 (0.050)
3.56
0.205
(0.105±0.005)
(0.140)
H
7.24 (0.285)
3.81 (0.150)
2.79 (0.110)
3.68+0.13/-0.51
1.27 (0.050)
4.06
0.335
(0.145+0.005/-0.020)
(0.160)
2.05 (0.081)
1.30 (0.051)
1.20 (0.047)
1.0±0.10
0.50 (0.020)
0.71
R
±0.20 (0.008)
+0.20 (0.008)
max
(0.039±0.004)
+0.30 (0.012)
(0.028)
0.010
-0.10 (0.004)
-0.20 (0.008)
Capacitance
Rated Voltage DC (VR) at 85ºC
μF
Code
4V (C)
6V (D)
10V (F)
15V (H)
20V (J)
25V (K)
35V (M)
50V (N)
0.10
104
A
0.15
154
A
0.22
224
AB
0.33
334
R
R
A
B
0.47
474
R
A
B
C
0.68
684
A
B
B
C
D
1.0
105
A/R
B
C
D
E
1.5
155
A
B
C
D
E
F
2.2
225
A/R
B
C
D
E
F
3.3
335
B
C
D
E
F
G
4.7
475
B
C
D
E
F
G
H
6.8
685
C
D
E
F
G
H
10
106
D
E
F
G
15
156
E
F
G
H
22
226
F
G
H
33
336
F
G
H
47
476
G
H
68
686
G
H
100
107
H
150
157
220
227
CWR09 MIL-PRF-55365/4
CAPACITANCE AND RATED VOLTAGE, VR (VOLTAGE CODE) RANGE (LETTER DENOTES CASE SIZE)


同様の部品番号 - TAZH686M006CRSC0000

メーカー部品番号データシート部品情報
logo
AVX Corporation
TAZH107004C AVX-TAZH107004C Datasheet
895Kb / 51P
   Introduction AVX Tantalum
More results

同様の説明 - TAZH686M006CRSC0000

メーカー部品番号データシート部品情報
logo
Ferroxcube Internationa...
CSV-RM4-1S-6P-TAZ FERROXCUBE-CSV-RM4-1S-6P-TAZ Datasheet
63Kb / 1P
   CSV-RM4-1S-6P-TAZ
logo
AVX Corporation
CWR19FC107KBGB AVX-CWR19FC107KBGB Datasheet
303Kb / 14P
   TAZ Series CWR09 - MIL-PRF-55365/4 Established Reliability, COTS-Plus & Space Level
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com