データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74485540080 データシート(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

部品番号 74485540080
部品情報  WE-CFWI Coupled Flatwire Inductor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
ホームページ  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

74485540080 データシート(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  74485540080 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 74485540080 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 74485540080 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 74485540080 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 74485540080 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 74485540080 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1.0
REV
2013-05-02
DATE
SSt
BY
OO
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WE-CFWI Coupled Flatwire Inductor
Order.- No.
74485540080
SIZE
A4
Size: 1310
A Dimensions: [mm]
B Recommended land pattern: [mm]
C Schematic:
D Electrical Properties:
Properties
Inductance 1
Inductance 2
Rated current 1
Rated current 2
Saturation current 1
Saturation current 2
DC Resistance 1
DC Resistance 2
Turns ratio
Rated voltage
Test conditions
100 kHz/ 1 mA
100 kHz/ 1 mA
∆T = 50 K
∆T = 50 K
|ΔL/L| < 30%
|ΔL/L| < 30%
@ 20°C
@ 20°C
L1
L2
IR1
IR2
Isat1
Isat2
RDC1
RDC2
n
UR
Value
0.80
0.80
28.0
28.0
62.0
62.0
1.60
1.60
1:1
80
Unit
µH
µH
A
A
A
A
V
Tol.
±20%
±20%
max.
max.
typ.
typ.
±10%
±10%
max.
E General information:
IR1 and Isat1 related to L1; current driven through one coil only at a time
It is recommended that the temperature of the part does not exceed 150°C
under worst case operating conditions.
•Ambient temperature: -40°C to +100°C (refering to IR)
•Operating temperature: -40°C to +150°C
•Storage temperature (on tape & reel): -20°C to +40°C; 75% RH max.
•Test conditions of Electrical Properties: 20°C, 33% RH
if not specified differently
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


同様の部品番号 - 74485540080

メーカー部品番号データシート部品情報
logo
Wurth Elektronik GmbH &...
74485540101 WURTH-74485540101 Datasheet
272Kb / 5P
   WE-CFWI Coupled Flatwire Inductor
74485540120 WURTH-74485540120 Datasheet
1Mb / 6P
   WE-CFWI Coupled Flatwire Inductor
74485540170 WURTH-74485540170 Datasheet
1Mb / 6P
   WE-CFWI Coupled Flatwire Inductor
74485540220 WURTH-74485540220 Datasheet
1Mb / 6P
   WE-CFWI Coupled Flatwire Inductor
74485540290 WURTH-74485540290 Datasheet
1Mb / 6P
   WE-CFWI Coupled Flatwire Inductor
More results

同様の説明 - 74485540080

メーカー部品番号データシート部品情報
logo
Wurth Elektronik GmbH &...
74485540350 WURTH-74485540350 Datasheet
1Mb / 6P
   WE-CFWI Coupled Flatwire Inductor
74485540680 WURTH-74485540680 Datasheet
272Kb / 5P
   WE-CFWI Coupled Flatwire Inductor
74485540120 WURTH-74485540120 Datasheet
1Mb / 6P
   WE-CFWI Coupled Flatwire Inductor
74485540440 WURTH-74485540440 Datasheet
1Mb / 6P
   WE-CFWI Coupled Flatwire Inductor
74485540101 WURTH-74485540101 Datasheet
272Kb / 5P
   WE-CFWI Coupled Flatwire Inductor
74485540220 WURTH-74485540220 Datasheet
1Mb / 6P
   WE-CFWI Coupled Flatwire Inductor
74485540820 WURTH-74485540820 Datasheet
272Kb / 5P
   WE-CFWI Coupled Flatwire Inductor
74485542680 WURTH-74485542680 Datasheet
272Kb / 5P
   WE-CFWI Coupled Flatwire Inductor
74485542820 WURTH-74485542820 Datasheet
272Kb / 5P
   WE-CFWI Coupled Flatwire Inductor
74485542101 WURTH-74485542101 Datasheet
216Kb / 5P
   WE-CFWI Coupled Flatwire Inductor
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com