データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADFC15-245000-A-T データシート(PDF) 1 Page - Abracon Corporation

部品番号 ADFC15-245000-A-T
部品情報  SMD 2.45GHz Dielectric Band Pass Filter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ABRACON [Abracon Corporation]
ホームページ  https://abracon.com
Logo ABRACON - Abracon Corporation

ADFC15-245000-A-T データシート(HTML) 1 Page - Abracon Corporation

  ADFC15-245000-A-T Datasheet HTML 1Page - Abracon Corporation ADFC15-245000-A-T Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
|||||||||| | | | | |
APPLICATIONS:
FEATURES:
Pb RoHS
Compliant
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001:2008
CERTIFIED
STANDARD SPECIFICATIONS:
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001| www.abracon.com
Revised: 12.03.12
Visit www.abracon.com for Terms & Conditions of Sale
SMD 2.45GHz Dielectric Band Pass Filter
CHARACTERISTIC CURVE:
ADFC15-2450.00-A-T
1.0 x 0.5 x 0.38mm
Parameters
Minimum
Typical
Maximum
Units
Notes
Center Frequency (f0)
2450.00
MHz
Passband width
2400.00
2500.00
MHz
Insertion Loss (2400 ~ 2500MHz)
1.4
dB
@+25˚C
1.7
dB
@ -40 ~ +85˚C
Amplitude Ripple
(2400 ~ 2500MHz)
0.5
dB
V.S.W.R (2400 ~ 2500MHz)
1.5
Relative Attenuation
(Reference level: 0dB)
25
dB
800 ~ 960MHz
8
1710 ~ 1970MHz
23
4800 ~ 5000MHz
32
7200 ~ 7500MHz
Characteristic Impedance
50
Operation Temperature Range
-40
+85
°C
Storage Temperature Range
-10
+40
°C
RH 70% Max
1.5
2.5
3.5
4.5
5.5
6.5
7.5
0.5
8.5
-40
-30
-20
-10
-50
0
freq, GHz
REFLOW PROFILE:
Preheat condition: 150 ~200oC/60~120sec.
Allowed time above 217 oC: 60~90sec.
Max temp: 260 oC
Max time at max temp: 10sec.
Solder paste: Sn/3.0Ag/0.5Cu
Allowed Reflow time: 2x max
• Mobile communication system
• Bluetooth, Wireless LAN, WIFI, GPS, etc.
• Small and low profile enables high density mounting
• Low insertion loss & attenuation
• Internally shielded for enhanced performance
• Excellent solderability


同様の部品番号 - ADFC15-245000-A-T

メーカー部品番号データシート部品情報
logo
Abracon Corporation
ADFC15-2450-00-A-T ABRACON-ADFC15-2450-00-A-T Datasheet
834Kb / 2P
   SMD 2.45GHz Dielectric Band Pass Filter
12.03.12
More results

同様の説明 - ADFC15-245000-A-T

メーカー部品番号データシート部品情報
logo
Abracon Corporation
ADFC18-245000-A-T ABRACON-ADFC18-245000-A-T Datasheet
803Kb / 2P
   SMD 2.45GHz Dielectric Band Pass Filter
12.03.12
ADFC15-2450-00-A-T ABRACON-ADFC15-2450-00-A-T Datasheet
834Kb / 2P
   SMD 2.45GHz Dielectric Band Pass Filter
12.03.12
ADFC18-2450.00-A-T ABRACON-ADFC18-2450.00-A-T Datasheet
803Kb / 2P
   SMD 2.45GHz Dielectric Band Pass Filter
12.03.12
logo
Johanson Technology Inc...
2450BP15N0100 JOHANSON-2450BP15N0100 Datasheet
120Kb / 2P
   2.45GHz Low Profile Band Pass Filter
2450BP08A0100 JOHANSON-2450BP08A0100 Datasheet
302Kb / 3P
   2.45GHz Mini (EIA 0504) Passive Band Pass Filter, LGA pads, SMD
logo
TAI-SAW TECHNOLOGY CO.,...
TR0001A TAI-SAW-TR0001A Datasheet
163Kb / 5P
   Dielectric Band Pass Filter 3625MHz 150MHz BW
logo
KEC(Korea Electronics)
KHB0959A01 KEC-KHB0959A01 Datasheet
34Kb / 1P
   DIELECTRIC BAND PASS FILTER (TYPICAL PASSBAND CHARACTERISTIC)
KHB1890B01 KEC-KHB1890B01 Datasheet
34Kb / 1P
   DIELECTRIC BAND PASS FILTER (TYPICAL PASSBAND CHARACTERISTIC)
KHB0914A01 KEC-KHB0914A01 Datasheet
34Kb / 1P
   DIELECTRIC BAND PASS FILTER (TYPICAL PASSBAND CHARACTERISTIC)
KHB2403A01 KEC-KHB2403A01 Datasheet
34Kb / 1P
   DIELECTRIC BAND PASS FILTER (TYPICAL PASSBAND CHARACTERISTIC)
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com