データシートサーチシステム |
|
7-535542-0 データシート(PDF) 7 Page - Tyco Electronics |
|
7-535542-0 データシート(HTML) 7 Page - Tyco Electronics |
7 / 98 page 187 Catalog 1307819 Dimensions are in inches and Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-2103-6000 Revised 8-08 millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in brackets Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com are metric equivalents. to change. C. America: 52-55-1106-0803 UK: 44-8706-080-208 Mod IV Receptacle Assemblies, Single-Row, Surface Mount, .100 [2.54] Centerline with Compliant Pin Hold Downs AMPMODU Interconnection System Note: All part numbers are RoHS compliant. 5 Surface Mount, Single-Row, Dual Entry with Compliant Pin Holddowns Material and Finish Housing — Glass-filled thermoplastic, black, 94V-0 rated Contacts — Phosphor bronze, plated as follows: Plating A — Duplex .000030 [0.00076] gold on contact area, .000150-.000300 [0.00381-0.00762] matte tin on solder area all over .000050 [0.00127] nickel Plating B — Duplex .000010 [0.000254] gold on contact area, .000150-.000300 [0.00381-0.00762] matte tin on solder area all over .000050 [0.00127] nickel Plating C — .000150-.000300 [0.00381-0.00762] matte tin on solder leads, all over .000050 [0.00127] nickel Related Product Data Mateable Headers — Refer to Mating Post Selection Guide — page 90 Performance Specifications — page 186 .265 [6.73] Typ. .038 [0.97] .020 [0.51] .030 0.76 .025 [0.64 ] Typ. .140 [3.56] .100 [2.54] Typ. .107 [2.72] (Localized Gold Plate Area) .208 [5.28] Max. (Depressed) .148 [3.77] Point of Contact D C A D B C P.C. Board .069 [1.75] .090 [2.28] Typ. .060 [1.52] Min. .100 [2.54] .040±.003 [1.02±0.08] Dia. Typ. (For bottom entry or pass thru applica- tions) .042±.003 [1.07±0.08] Dia. .075 [1.91] .110 [2.79] .228 [5.78] Recommended PC Board Pad Pattern (.008 [0.20] thick stencil) Packaged in Tubes Packaged in Tape & Reel No. of Dimensions Contact Plating/ Part Nos. Contact Plating/ Part Nos. Pos. AB C D Plating A Plating B Plating C Plating A Plating B Plating C 3 .500 [12.70] .200 [5.08] See note 3 .400 [10.16] 5-147744-1 5-147743-1 5-147742-1 5-147724-1 5-147730-1 5-147731-1 4 .600 [15.24] .300 [7.62] See note 3 .500 [12.70] 5-147744-2 5-147743-2 5-147742-2 5-147724-2 5-147730-2 5-147731-2 5 .700 [17.78] .400 [10.16] See note 3 .600 [15.24] 5-147744-3 5-147743-3 5-147742-3 5-147724-3 5-147730-3 5-147731-3 6 .800 [20.32] .500 [12.70] See note 3 .700 [17.78] 5-147744-4 5-147743-4 5-147742-4 5-147724-4 5-147730-4 5-147731-4 7 .900 [22.86] .600 [15.24] See note 3 .800 [20.32] 5-147744-5 5-147743-5 5-147742-5 5-147724-5 5-147730-5 5-147731-5 8 1.000 [25.40] .700 [17.78] See note 3 .900 [22.86] 5-147744-6 5-147743-6 5-147742-6 5-147724-6 5-147730-6 5-147731-6 9 1.100 [27.94] .800 [20.32] See note 3 1.000 [25.40] 5-147744-7 5-147743-7 5-147742-7 5-147724-7 5-147730-7 5-147731-7 10 1.200 [30.48] .900 [22.86] See note 3 1.100 [27.94] 5-147744-8 5-147743-8 5-147742-8 5-147724-8 5-147730-8 5-147731-8 11 1.300 [33.02] 1.000 [25.40] See note 3 1.200 [30.48] 5-147744-9 5-147743-9 5-147742-9 5-147724-9 5-147730-9 5-147731-9 12 1.400 [35.56] 1.100 [27.94] See note 3 1.300 [33.02] 6-147744-0 6-147743-0 6-147742-0 6-147724-0 6-147730-0 6-147731-0 13 1.500 [38.10] 1.200 [30.48] See note 3 1.400 [35.56] 6-147744-1 6-147743-1 6-147742-1 6-147724-1 6-147730-1 6-147731-1 14 1.600 [40.64] 1.300 [33.02] See note 3 1.500 [38.10] 6-147744-2 6-147743-2 6-147742-2 6-147724-2 6-147730-2 6-147731-2 15 1.700 [43.18] 1.400 [35.56] See note 3 1.600 [40.64] 6-147744-3 6-147743-3 6-147742-3 6-147724-3 6-147730-3 6-147731-3 16 1.800 [45.72] 1.500 [38.10] See note 3 1.700 [43.18] 6-147744-4 6-147743-4 6-147742-4 6-147724-4 6-147730-4 6-147731-4 17 1.900 [48.26] 1.600 [40.64] See note 3 1.800 [45.72] 6-147744-5 6-147743-5 6-147742-5 6-147724-5 6-147730-5 6-147731-5 18 2.000 [50.80] 1.700 [43.18] See note 3 1.900 [48.26] 6-147744-6 6-147743-6 6-147742-6 6-147724-6 6-147730-6 6-147731-6 19 2.100 [53.34] 1.800 [45.72] See note 3 2.000 [50.80] 6-147744-7 6-147743-7 6-147742-7 6-147724-7 6-147730-7 6-147731-7 20 2.200 [55.88] 1.900 [48.26] See note 3 2.100 [53.34] 6-147744-8 6-147743-8 6-147742-8 6-147724-8 6-147730-8 6-147731-8 30 3.200 [81.28] 2.900 [73.66] See note 3 3.100 [78.74] 7-147744-8 7-147743-8 7-147742-8 7-147724-8 7-147730-8 7-147731-8 40 4.300 [109.22] 4.100 [104.14] 2.100 [53.34] 4.200 [106.68] 8-147744-8 8-147743-8 8-147742-8 8-147724-8 8-147730-8 8-147731-8 Notes: 1. Tyco Electronics recommends mating gold or duplex plated headers with duplex plated receptacle assemblies. 2. To obtain the minimum mating post length, add .020 [0.51] (not including the post lead in chamfer) to the maximum point-of-contact dimension, and .062 [1.57] for recommended board thickness if used in bottom entry application 3. No center hold down. .042±.003 [1.07±0.08] Dia. .042±.003 [1.07±0.08] Dia. Standoffs Typ. |
同様の部品番号 - 7-535542-0 |
|
同様の説明 - 7-535542-0 |