データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD524AR-16 データシート(PDF) 3 Page - Analog Devices

部品番号 AD524AR-16
部品情報  Precision Instrumentation Amplifier
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD524AR-16 データシート(HTML) 3 Page - Analog Devices

  AD524AR-16 Datasheet HTML 1Page - Analog Devices AD524AR-16 Datasheet HTML 2Page - Analog Devices AD524AR-16 Datasheet HTML 3Page - Analog Devices AD524AR-16 Datasheet HTML 4Page - Analog Devices AD524AR-16 Datasheet HTML 5Page - Analog Devices AD524AR-16 Datasheet HTML 6Page - Analog Devices AD524AR-16 Datasheet HTML 7Page - Analog Devices AD524AR-16 Datasheet HTML 8Page - Analog Devices AD524AR-16 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
AD524
Rev. F | Page 3 of 28
SPECIFICATIONS
@ VS = ±15 V, RL = 2 kΩ and TA = +25°C, unless otherwise noted.
All min and max specifications are guaranteed. Specifications shown in boldface are tested on all production units at the final electrical
test. Results from those tests are used to calculate outgoing quality levels.
Table 1.
AD524A
AD524B
Parameter
Min
Typ
Max
Min
Typ
Max
Unit
GAIN
Gain Equation (External Resistor Gain Programming)
%
20
1
000
,
40
±
+
G
R
%
20
1
000
,
40
±
+
G
R
Gain Range (Pin Programmable)
1 to 1000
1 to 1000
Gain Error1
G = 1
±0.05
±0.03
%
G = 10
±0.25
±0.15
%
G = 100
±0.5
±0.35
%
G = 1000
±2.0
±1.0
%
Nonlinearity
G = 1
±0.01
±0.005
%
G = 10, G = 100
±0.01
±0.005
%
G = 1000
±0.01
±0.01
%
Gain vs. Temperature
G = 1
5
5
ppm/°C
G = 10
15
10
ppm/°C
G = 100
35
25
ppm/°C
G = 1000
100
50
ppm/°C
VOLTAGE OFFSET (May be Nulled)
Input Offset Voltage
250
100
μV
vs. Temperature
2
0.75
μV/°C
Output Offset Voltage
5
3
mV
vs. Temperature
100
50
μV
Offset Referred to the Input vs. Supply
G = 1
70
75
dB
G = 10
85
95
dB
G = 100
95
105
dB
G = 1000
100
110
dB
INPUT CURRENT
Input Bias Current
±50
±25
nA
vs. Temperature
±100
±100
pA/°C
Input Offset Current
±35
±15
nA
vs. Temperature
±100
±100
pA/°C


同様の部品番号 - AD524AR-16

メーカー部品番号データシート部品情報
logo
Analog Devices
AD524AR-16 AD-AD524AR-16 Datasheet
392Kb / 16P
   Precision Instrumentation Amplifier
REV. E
AD524AR-16 AD-AD524AR-16 Datasheet
614Kb / 28P
   Precision Instrumentation Amplifier
Rev. F
AD524AR-16 AD-AD524AR-16 Datasheet
519Kb / 29P
   Precision Instrumentation Amplifier
AD524AR-16 AD-AD524AR-16 Datasheet
583Kb / 25P
   Precision Instrumentation Amplifier
AD524AR-16-REEL AD-AD524AR-16-REEL Datasheet
392Kb / 16P
   Precision Instrumentation Amplifier
REV. E
More results

同様の説明 - AD524AR-16

メーカー部品番号データシート部品情報
logo
Analog Devices
AD624 AD-AD624 Datasheet
691Kb / 15P
   Precision Instrumentation Amplifier
REV. C
logo
Burr-Brown (TI)
INA114AG BURR-BROWN-INA114AG Datasheet
430Kb / 13P
   Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD624 AD-AD624_16 Datasheet
468Kb / 17P
   Precision Instrumentation Amplifier
logo
Texas Instruments
INA114 TI1-INA114 Datasheet
758Kb / 17P
[Old version datasheet]   Precision INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
INA115 BURR-BROWN-INA115 Datasheet
211Kb / 11P
   Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD620MIL AD-AD620MIL_15 Datasheet
1Mb / 4P
   PRECISION INSTRUMENTATION AMPLIFIER
REV. A
AD624ADZ AD-AD624ADZ Datasheet
574Kb / 17P
   Precision Instrumentation Amplifier
REV. C
AD8221 AD-AD8221_15 Datasheet
512Kb / 24P
   Precision Instrumentation Amplifier
REV. C
AD524 AD-AD524_16 Datasheet
519Kb / 29P
   Precision Instrumentation Amplifier
AD8221 AD-AD8221_16 Datasheet
668Kb / 25P
   Precision Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com