データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD534KDZ データシート(PDF) 6 Page - Analog Devices

部品番号 AD534KDZ
部品情報  Internally Trimmed Precision IC Multiplier
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD534KDZ データシート(HTML) 6 Page - Analog Devices

Back Button AD534KDZ Datasheet HTML 2Page - Analog Devices AD534KDZ Datasheet HTML 3Page - Analog Devices AD534KDZ Datasheet HTML 4Page - Analog Devices AD534KDZ Datasheet HTML 5Page - Analog Devices AD534KDZ Datasheet HTML 6Page - Analog Devices AD534KDZ Datasheet HTML 7Page - Analog Devices AD534KDZ Datasheet HTML 8Page - Analog Devices AD534KDZ Datasheet HTML 9Page - Analog Devices AD534KDZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
AD534
Rev. C | Page 5 of 20
TA = 25°C, ±VS = ±15 V, R ≥ 2 kΩ, all minimum and maximum specifications are guaranteed, unless otherwise noted.
Table 2.
AD534S
AD534T
Parameter
Min
Typ
Max
Min
Typ
Max
Unit
MULTIPLIER PERFORMANCE
Transfer Function
2
2
1
2
1
Z
Y
Y
X
X
+
V
10
)
)(
(
2
2
1
2
1
Z
Y
Y
X
X
+
V
10
)
)(
(
Total Error1 (−10 V ≤ X, Y ≤ +10 V)
±1.02
±0.52
%
TA = TMIN to TMAX
±2.02
±1.0
%
Total Error vs. Temperature
±0.022
±0.012
%/°C
Scale Factor Error
(SF = 10.000 V Nominal)3
±0.25
±0.1
%
Temperature Coefficient of Scaling Voltage
±0.02
±0.01
%/°C
Supply Rejection (±15 V ± 1 V)
±0.01
±0.01
%
Nonlinearity, X (X = 20 V p-p, Y = 10 V)
±0.4
±0.2
±0.32
%
Nonlinearity, Y (Y = 20 V p-p, X = 10 V
±0.2
±0.1
±0.12
%
Feedthrough4, X (Y Nulled,
X = 20 V p-p, 50 Hz)
±0.3
±0.15
±0.32
%
Feedthrough4, Y (X Nulled,
Y = 20 V p-p, 50 Hz)
±0.01
±0.01
±0.12
%
Output Offset Voltage
±5
±302
±2
±152
mV
Output Offset Voltage Drift
5002
3002
μV/°C
DYNAMICS
Small Signal BW (VOUT = 0.1 rms)
1
1
MHz
1% Amplitude Error (CLOAD = 1000 pF)
50
50
kHz
Slew Rate (VOUT 20 p-p)
20
20
V/μs
Settling Time (to 1%, ΔVOUT = 20 V)
2
2
μs
NOISE
Noise Spectral Density
SF = 10 V
0.8
0.8
μV/√Hz
SF = 3 V5
0.4
0.4
μV/√Hz
Wideband Noise
f = 10 Hz to 5 MHz
1
1
mV/rms
f = 10 Hz to 10 kHz
90
90
μV/rms
OUTPUT
Output Voltage Swing
±112
±112
V
Output Impedance (f ≤ 1 kHz)
0.1
0.1
Ω
Output Short-Circuit Current (RL = 0 Ω, TA = TMIN to TMAX)
30
30
mA
Amplifier Open-Loop Gain (f = 50 Hz)
70
70
dB
INPUT AMPLIFIERS (X, Y, and Z)6
Signal Voltage Range
Differential or Common Mode
±10
±10
V
Operating Differential
±12
±12
V
Offset Voltage (X, Y)
±5
±202
±2
±102
mV
Offset Voltage Drift (X, Y)
100
150
μV/°C
Offset Voltage (Z)
±5
±302
±2
±152
mV
Offset Voltage Drift (Z)
5002
3002
μV/°C
CMRR
602
80
702
90
dB
Bias Current
0.8
2.02
0.8
2.02
μA
Offset Current
0.1
0.1
μA
Differential Resistance
10
10


同様の部品番号 - AD534KDZ

メーカー部品番号データシート部品情報
logo
Analog Devices
AD534KD AD-AD534KD Datasheet
159Kb / 12P
   Internally Trimmed Precision IC Multiplier
REV. B
More results

同様の説明 - AD534KDZ

メーカー部品番号データシート部品情報
logo
Analog Devices
AD534 AD-AD534 Datasheet
159Kb / 12P
   Internally Trimmed Precision IC Multiplier
REV. B
AD632 AD-AD632 Datasheet
177Kb / 6P
   Internally Trimmed Precision IC Multiplier
REV. A
AD534 AD-AD534_15 Datasheet
530Kb / 21P
   Internally Trimmed Precision IC Multiplier
REV. D
AD632 AD-AD632_15 Datasheet
498Kb / 13P
   Internally Trimmed Precision IC Multiplier
REV. D
AD632ADZ AD-AD632ADZ Datasheet
458Kb / 13P
   Internally Trimmed Precision IC Multiplier
REV. D
AD532 AD-AD532 Datasheet
136Kb / 7P
   Internally Trimmed Integrated Circuit Multiplier
REV. B
AD532KDZ AD-AD532KDZ Datasheet
521Kb / 17P
   Internally Trimmed Integrated Circuit Multiplier
Rev. D
AD532 AD-AD532_15 Datasheet
559Kb / 17P
   Internally Trimmed Integrated Circuit Multiplier
REV. D
AD535 AD-AD535_15 Datasheet
1Mb / 6P
   INTERNALLY TRIMMED INTEGRATED CIRCUIT DIVIDER
AD510 AD-AD510 Datasheet
378Kb / 4P
   Low Cost, Laser Trimmed, Precision IC Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com