データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD1866R データシート(PDF) 11 Page - Analog Devices

部品番号 AD1866R
部品情報  Single Supply Dual 16-Bit Audio DAC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD1866R データシート(HTML) 11 Page - Analog Devices

Back Button AD1866R Datasheet HTML 4Page - Analog Devices AD1866R Datasheet HTML 5Page - Analog Devices AD1866R Datasheet HTML 6Page - Analog Devices AD1866R Datasheet HTML 7Page - Analog Devices AD1866R Datasheet HTML 8Page - Analog Devices AD1866R Datasheet HTML 9Page - Analog Devices AD1866R Datasheet HTML 10Page - Analog Devices AD1866R Datasheet HTML 11Page - Analog Devices AD1866R Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Applications–AD1866
REV. 0
–11–
15
14
13
12
11
10
16
9
1
2
3
4
5
6
8
7
V R
B
LOW-
PASS
FILTER
LEFT
CHANNEL
OUTPUT
RIGHT
CHANNEL
OUTPUT
+5V POWER
SUPPLY
AD1866
LL
DL
CLK
DR
LR
DGND
NRL
AGND
NRR
V
O
L
1
2
3
4
5
6
7
8
15
14
13
12
11
10
16
9
LOW-
PASS
FILTER
V
2
DD
16/18
ST
BCO
WCO
DRO
DLO
YM3434
V
SS
V
DD
1
V
O
R
V
S
V
B
L
V
S
V
L
Figure 14. AD1866 with Yamaha YM3434 Digital Filter
15
14
13
12
11
10
16
9
1
2
3
4
5
6
8
7
LOW-
PASS
FILTER
LEFT
CHANNEL
OUTPUT
RIGHT
CHANNEL
OUTPUT
+5V POWER
SUPPLY
BCKO
DI
N
BCK
O
VD
D
WCK
O
DO
L
D
G
DO
R
10
10
15
14
13
12
11
16
17
18
1
2
3
4
5
6
7
8
9
OW20
WCKO
DOL
DOR
SM5840A/B
BCKO
LOW-
PASS
FILTER
V
SS
V
DD
AD1866
LL
DL
CLK
DR
LR
DGND
NRL
AGND
NRR
V
O
R
V
O
L
V
S
V
B
L
V
L
V
S
V
B
R
Figure 15. AD1866 with NPC SM5840C Digital Filter


同様の部品番号 - AD1866R

メーカー部品番号データシート部品情報
logo
Analog Devices
AD1866R AD-AD1866R Datasheet
251Kb / 12P
   Single Supply Dual 16-Bit Audio DAC
REV. 0
AD1866R-REEL AD-AD1866R-REEL Datasheet
251Kb / 12P
   Single Supply Dual 16-Bit Audio DAC
REV. 0
More results

同様の説明 - AD1866R

メーカー部品番号データシート部品情報
logo
Analog Devices
AD1866 AD-AD1866 Datasheet
251Kb / 12P
   Single Supply Dual 16-Bit Audio DAC
REV. 0
AD1866 AD-AD1866_15 Datasheet
183Kb / 12P
   Single Supply Dual 16-Bit Audio DAC
REV. 0
AD1868 AD-AD1868 Datasheet
246Kb / 12P
   Single Supply Dual 18-Bit Audio DAC
REV. A
AD1868 AD-AD1868_15 Datasheet
250Kb / 12P
   Single Supply Dual 18-Bit Audio DAC
REV. A
AD1856 AD-AD1856 Datasheet
870Kb / 8P
   16-BIT PCM Audio DAC
REV. B
logo
NXP Semiconductors
TDA1541 PHILIPS-TDA1541 Datasheet
91Kb / 12P
   Dual 16-bit DAC
November 1985
logo
MOSA ELECTRONICS
MS6333 MOSA-MS6333_1 Datasheet
302Kb / 13P
   16-Bit Stereo Audio DAC & Headphone Driver Single Supply Voltage and Low Voltage
logo
Analog Devices
AD1865N-K AD-AD1865N-K Datasheet
693Kb / 12P
   Complete Dual 18-Bit 16 x FS Audio DAC
REV. 0
logo
MOSA ELECTRONICS
MS6336 MOSA-MS6336_1 Datasheet
743Kb / 21P
   16-bit Stereo Audio DAC Dual 1.6W Power Amplifiers
MS6336 MOSA-MS6336 Datasheet
699Kb / 18P
   16-bit Stereo Audio DAC Dual 1.6W Power Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com