データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD1938WBSTZ-RL データシート(PDF) 1 Page - Analog Devices

部品番号 AD1938WBSTZ-RL
部品情報  4 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD1938WBSTZ-RL データシート(HTML) 1 Page - Analog Devices

  AD1938WBSTZ-RL Datasheet HTML 1Page - Analog Devices AD1938WBSTZ-RL Datasheet HTML 2Page - Analog Devices AD1938WBSTZ-RL Datasheet HTML 3Page - Analog Devices AD1938WBSTZ-RL Datasheet HTML 4Page - Analog Devices AD1938WBSTZ-RL Datasheet HTML 5Page - Analog Devices AD1938WBSTZ-RL Datasheet HTML 6Page - Analog Devices AD1938WBSTZ-RL Datasheet HTML 7Page - Analog Devices AD1938WBSTZ-RL Datasheet HTML 8Page - Analog Devices AD1938WBSTZ-RL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
4 ADC/8 DAC with PLL,
192 kHz, 24-Bit Codec
Data Sheet
AD1938
Rev. E
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2006–2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
PLL generated or direct master clock
Low EMI design
108 dB DAC/107 dB ADC dynamic range and SNR
−94 dB THD + N
3.3 V single supply
Tolerance for 5 V logic inputs
Supports 24 bits and 8 kHz to 192 kHz sample rates
Differential ADC input
Single-ended DAC output
Log volume control with autoramp function
SPI controllable for flexibility
Software-controllable clickless mute
Software power-down
Right-justified, left-justified, I2S-justified, and TDM modes
Master and slave modes up to 16-channel input/output
48-lead LQFP package
Qualified for automotive applications
APPLICATIONS
Automotive audio systems
Home Theater Systems
Set-top boxes
Digital audio effects processors
GENERAL DESCRIPTION
The AD1938 is a high performance, single-chip codec that pro-
vides four analog-to-digital converters (ADCs) with input and
eight digital-to-analog converters (DACs) with single-ended output
using the Analog Devices, Inc., patented multibit sigma-delta (Σ-Δ)
architecture. An SPI port is included, allowing a microcontroller
to adjust volume and many other parameters.
The AD1938 operates from 3.3 V digital and analog supplies.
The AD1938 is available in a 48-lead (single-ended output)
LQFP package. Other members of this family include a diffe-
rential DAC output and I2C® control port version.
The AD1938 is designed for low EMI. This consideration is
apparent in both the system and circuit design architectures.
By using the on-board PLL to derive the master clock from
the LR clock or from an external crystal, the AD1938 elimi-
nates the need for a separate high frequency master clock and
can also be used with a suppressed bit clock. The DACs and
ADCs are designed using the latest Analog Devices continuous
time architectures to further minimize EMI. By using 3.3 V
supplies, power consumption is minimized, further reducing
emissions.
FUNCTIONAL BLOCK DIAGRAM
DIGITAL
FILTER
SERIAL DATA PORT
DIGITAL AUDIO
INPUT/OUTPUT
PRECISION
VOLTAGE
REFERENCE
TIMING MANAGEMENT
AND CONTROL
(CLOCK AND PLL)
SPI CONTROL PORT
CONTROL DATA
INPUT/OUTPUT
AD1938
ADC
ADC
ADC
ADC
ANALOG
AUDIO
INPUTS
ANALOG
AUDIO
OUTPUTS
DAC
DAC
DAC
DAC
DAC
DAC
DAC
DAC
DIGITAL
FILTER
AND
VOLUME
CONTROL
SDATA
OUT
SDATA
IN
CLOCKS
Figure 1.


同様の部品番号 - AD1938WBSTZ-RL

メーカー部品番号データシート部品情報
logo
Analog Devices
AD1938WBSTZ-RL AD-AD1938WBSTZ-RL Datasheet
547Kb / 33P
   4 ADC/8 DAC with PLL
More results

同様の説明 - AD1938WBSTZ-RL

メーカー部品番号データシート部品情報
logo
Analog Devices
AD1939WBSTZ AD-AD1939WBSTZ Datasheet
485Kb / 32P
   4 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
Rev. E
AD1935 AD-AD1935 Datasheet
381Kb / 30P
   4 ADC/8 DAC with PLL, 192 kHz, 24 Bit CODEC
Rev. PrI
AD1939 AD-AD1939 Datasheet
607Kb / 32P
   4 ADC/8 DAC with PLL, 192 kHz, 24-Bit CODEC
REV. 0
AD1939 AD-AD1939_15 Datasheet
485Kb / 32P
   4 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
Rev. E
AD1938 AD-AD1938 Datasheet
559Kb / 32P
   4 ADC/8 DAC with PLL, 192 kHz, 24-Bit CODEC
REV. 0
AD1938 AD-AD1938_15 Datasheet
472Kb / 32P
   4 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
Rev. E
ADAU1328 AD-ADAU1328_15 Datasheet
428Kb / 32P
   2 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
REV. B
AD1928 AD-AD1928 Datasheet
595Kb / 32P
   2 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
REV. 0
ADAU1328 AD-ADAU1328 Datasheet
543Kb / 32P
   2 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
REV. 0
AD1928 AD-AD1928_15 Datasheet
419Kb / 32P
   2 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com