データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD5248BRM50 データシート(PDF) 1 Page - Analog Devices

部品番号 AD5248BRM50
部品情報  Dual, 256-Position, I2C-Compatible Digital Potentiometers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD5248BRM50 データシート(HTML) 1 Page - Analog Devices

  AD5248BRM50 Datasheet HTML 1Page - Analog Devices AD5248BRM50 Datasheet HTML 2Page - Analog Devices AD5248BRM50 Datasheet HTML 3Page - Analog Devices AD5248BRM50 Datasheet HTML 4Page - Analog Devices AD5248BRM50 Datasheet HTML 5Page - Analog Devices AD5248BRM50 Datasheet HTML 6Page - Analog Devices AD5248BRM50 Datasheet HTML 7Page - Analog Devices AD5248BRM50 Datasheet HTML 8Page - Analog Devices AD5248BRM50 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Dual, 256-Position, I2C-Compatible
Digital Potentiometers
Data Sheet
AD5243/AD5248
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2004–2012 Analog Devices, Inc. All rights reserved.
FEATURES
2-channel, 256-position potentiometers
End-to-end resistance: 2.5 kΩ, 10 kΩ, 50 kΩ, and 100 kΩ
Compact 10-lead MSOP (3 mm × 4.9 mm) package
Fast settling time: tS = 5 µs typical on power-up
Full read/write of wiper register
Power-on preset to midscale
Extra package address decode pins: AD0 and AD1 (AD5248 only)
Computer software replaces microcontroller in factory
programming applications
Single supply: 2.7 V to 5.5 V
Low temperature coefficient: 35 ppm/°C
Low power: IDD = 6 µA maximum
Wide operating temperature: −40°C to +125°C
Evaluation board available
APPLICATIONS
Systems calibrations
Electronics level settings
Mechanical trimmers replacement in new designs
Permanent factory PCB setting
Transducer adjustment of pressure, temperature, position,
chemical, and optical sensors
RF amplifier biasing
Automotive electronics adjustment
Gain control and offset adjustment
FUNCTIONAL BLOCK DIAGRAMS
A1
VDD
GND
SDA
SCL
W1
WIPER
REGISTER 1
PC INTERFACE
AD5243
B1
A2
W2
WIPER
REGISTER 2
B2
Figure 1. AD5243
VDD
GND
SDA
SCL
AD0
AD1
W1
RDAC
REGISTER 1
ADDRESS
DECODE
SERIAL INPUT
REGISTER
AD5248
B1
W2
RDAC
REGISTER 2
B2
/ 8
Figure 2. AD5248
GENERAL DESCRIPTION
The AD5243 and AD5248 provide a compact 3 mm × 4.9 mm
packaged solution for dual, 256-position adjustment applications.
The AD5243 performs the same electronic adjustment function as
a 3-terminal mechanical potentiometer, and the AD5248 performs
the same adjustment function as a 2-terminal variable resistor.
Available in four end-to-end resistance values (2.5 kΩ, 10 kΩ,
50 kΩ, and 100 kΩ), these low temperature coefficient devices
are ideal for high accuracy and stability-variable resistance
adjustments. The wiper settings are controllable through the
I2C-compatible digital interface. The AD5248 has extra package
address decode pins, AD0 and AD1, allowing multiple parts to
share the same I2C, 2-wire bus on a PCB. The resistance between
the wiper and either endpoint of the fixed resistor varies linearly
with respect to the digital code transferred into the RDAC latch.1
Operating from a 2.7 V to 5.5 V power supply and consuming
less than 6 µA allows the AD5243/AD5248 to be used in portable
battery-operated applications.
For applications that program the AD5243/AD5258 at the factory,
Analog Devices, Inc., offers device programming software running
on Windows® NT/2000/XP operating systems. This software
effectively replaces the need for external I2C controllers, which
in turn enhances the time to market of systems. An AD5243/
AD5248 evaluation kit and software are available. The kit includes
a cable and instruction manual.
1
The terms digital potentiometer, VR, and RDAC are used interchangeably.


同様の部品番号 - AD5248BRM50

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5248BRM50 AD-AD5248BRM50 Datasheet
1,012Kb / 20P
   Dual 256-Position I2C Compatible Digital Potentiometer
REV. 0
AD5248BRM50-RL7 AD-AD5248BRM50-RL7 Datasheet
1,012Kb / 20P
   Dual 256-Position I2C Compatible Digital Potentiometer
REV. 0
More results

同様の説明 - AD5248BRM50

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5248 AD-AD5248_16 Datasheet
834Kb / 20P
   Dual, 256-Position, I2C-Compatible Digital Potentiometers
AD5243 AD-AD5243_16 Datasheet
834Kb / 20P
   Dual, 256-Position, I2C-Compatible Digital Potentiometers
AD5241 AD-AD5241_09 Datasheet
550Kb / 20P
   I2C-Compatible, 256-Position Digital Potentiometers
REV. C
AD5241BR10 AD-AD5241BR10 Datasheet
394Kb / 16P
   I2C Compatible 256-Position Digital Potentiometers
REV. B
AD5241 AD-AD5241_15 Datasheet
550Kb / 20P
   IC-Compatible, 256-Position Digital Potentiometers
REV. C
AD5242 AD-AD5242_15 Datasheet
550Kb / 20P
   IC-Compatible, 256-Position Digital Potentiometers
REV. C
logo
ON Semiconductor
CAT5273 ONSEMI-CAT5273 Datasheet
225Kb / 14P
   Dual 256?릔osition I2C Compatible Digital Potentiometers (POTs)
July, 2013 ??Rev. 3
logo
Analog Devices
AD5243 AD-AD5243 Datasheet
1,012Kb / 20P
   Dual 256-Position I2C Compatible Digital Potentiometer
REV. 0
logo
ON Semiconductor
CAT5271 ONSEMI-CAT5271 Datasheet
191Kb / 13P
   Dual 256-Position I2C Compatible Digital Potentiometer
September, 2009 ??Rev. 1
logo
Analog Devices
AD5251 AD-AD5251 Datasheet
566Kb / 28P
   Dual 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com