データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD7111CQ データシート(PDF) 3 Page - Analog Devices

部品番号 AD7111CQ
部品情報  LC2MOS LOGDAC Logarithmic D/A Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD7111CQ データシート(HTML) 3 Page - Analog Devices

  AD7111CQ Datasheet HTML 1Page - Analog Devices AD7111CQ Datasheet HTML 2Page - Analog Devices AD7111CQ Datasheet HTML 3Page - Analog Devices AD7111CQ Datasheet HTML 4Page - Analog Devices AD7111CQ Datasheet HTML 5Page - Analog Devices AD7111CQ Datasheet HTML 6Page - Analog Devices AD7111CQ Datasheet HTML 7Page - Analog Devices AD7111CQ Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AD7111/AD7111A
REV. 0
–3–
AD7111A–ELECTRICAL CHARACTERISTICS
AD7111AC Grade
AD7111AB Grade
Parameter
TA = +25 CTA = TMIN, TMAX
TA = +25 CTA = TMIN, TMAX
Units
Conditions/Comments
NOMINAL RESOLUTION
0.375
0.375
0.375
0.375
dB
ACCURACY RELATIVE TO
0 dB ATTENUATION
0.375 dB Steps:
Accuracy
≤ ±0.17 dB
0 to 36
0 to 36
0 to 30
0 to 30
dB min
Guaranteed Attenuation Ranges
Monotonic
0 to 54
0 to 54
0 to 48
0 to 48
dB min
for Specified Step Sizes
0.75 dB Steps:
Accuracy
≤ ±0.35 dB
0 to 48
0 to 42
0 to 42
0 to 36
dB min
Monotonic
0 to 72
0 to 66
0 to 72
0 to 60
dB min
1.5 dB Steps:
Accuracy
≤ ±0.7 dB
0 to 54
0 to 48
0 to 48
0 to 42
dB min
Full Range Is from 0 dB
Monotonic
Full Range
0 to 78
0 to 85.5
0 to 72
dB min
to 88.5 dB
3.0 dB Steps:
Accuracy
≤ ±1.4 dB
0 to 66
0 to 54
0 to 60
0 to 48
dB min
Monotonic
Full Range
Full Range
Full Range
Full Range
dB min
6.0 dB Steps:
Accuracy
≤ ±2.7 dB
0 to 72
0 to 60
0 to 60
0 to 48
dB min
Monotonic
Full Range
Full Range
Full Range
Full Range
dB min
GAIN ERROR
± 0.1
± 0.15
±0.15
±0.20
dB max
VIN INPUT RESISTANCE
9/11/15
9/11/15
7/11/18
7/11/18
k
Ω min/typ/max
RFB INPUT RESISTANCE
9.3/11.5/15.7 9.3/11.5/15.7
7.3/11.5/18.8 7.3/11.5/18.8
k
Ω min/typ/max
DIGITAL INPUTS
VIH (Input High Voltage)
2.4
2.4
2.4
2.4
V min
VIL (Input High Voltage)
0.8
0.8
0.8
0.8
V max
Input Leakage Current
± 1
± 10
±1
±10
µA max
Digital Inputs = VDD
SWITCHING CHARACTERISTICS
1
tCS
0
0
0
0
ns min
Chip Select to Write Setup Time
tCH
0
0
0
0
ns min
Chip Select to Write Hold Time
tWR
57
57
57
57
ns min
Write Pulse Width
tDS
25
25
25
25
ns min
Data Valid to Write Setup Time
tDH
10
10
10
10
ns min
Data Valid to Write Hold Time
POWER SUPPLY
VDD
+5
+5
+5
+5
V
Digital Inputs = VIL or VIH
IDD
1
2
1
2
mA max
CS
= WR = 0 V
1
1
1
1
mA max
Digital Inputs = 0 V or VDD;
See Figure 6
NOTE
1Sample tested at +25
°C to ensure compliance.
Specifications subject to change without notice.
(VDD = +5 V, VIN = –10 V dc, IOUT = AGND = DGND = O V output amplifier
AD711 except where noted)
AC PERFORMANCE CHARACTERISTICS These characteristics are included for design guidance only and are not subject
to test. VDD = +5 V, VIN = –10 V dc except where noted, IOUT = AGND = DGND = O V, output amplifier AD711 except where noted.
AD7111AC Grade
AD7111AB Grade
Parameter
TA = +25 CTA = TMIN, TMAX
TA = +25 CTA = TMIN, TMAX Units
Conditions/Comments
DC Supply Rejection,
∆Gain/∆V
DD
0.001
0.005
0.001
0.005
dB per % max
∆V
DD = ± 10%, Input Code = 00000000
Propagation Delay
1
1.5
1
1.5
µs max
Full-Scale Change Measured from
WR
Going High, CS = 0 V
Digital-to-Analog Glitch Impulse
10
20
10
20
nV secs typ
Measured with AD843 as Output
Amplifier for Code Transition
10000000 to 00000000
C1 of Figure 1 is 0 pF
Output Capacitance, Pin 1
50
50
50
50
pF max
Input Capacitance, Pin 15 and Pin 16
7
7
7
7
pF max
Feedthrough at 1 kHz
–94
–90
–92
–90
dB max
Total Harmonic Distortion
–91
–91
–91
–91
dB typ
VIN = 6 V rms at 1 kHz
Output Noise Voltage Density
70
70
70
70
nV/
√Hz max
Includes AD711 Amplifier Noise
Digital Input Capacitance
7
7
7
7
pF max
Specifications subject to change without notice.


同様の部品番号 - AD7111CQ

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7111CQ AD-AD7111CQ Datasheet
175Kb / 8P
   LC2MOS LOGDAC Logarithmic D/A Converter
REV. 0
More results

同様の説明 - AD7111CQ

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7111 AD-AD7111 Datasheet
175Kb / 8P
   LC2MOS LOGDAC Logarithmic D/A Converter
REV. 0
AD7112 AD-AD7112 Datasheet
230Kb / 12P
   LC2MOS LOGDAC Dual Logarithmic D/A Converter
REV. 0
AD7118 AD-AD7118 Datasheet
197Kb / 6P
   LOGDAC CMOS Logarithmic D/A Converter
REV. A
AD7112 AD-AD7112_15 Datasheet
572Kb / 12P
   LC MOS LOGDAC DUAL LOGARITHMIC D/A CONVERTER
REV. 0
AD7118 AD-AD7118_15 Datasheet
194Kb / 6P
   CMOS Logarithmic D/A Converter
REV. A
AD7701 AD-AD7701 Datasheet
312Kb / 16P
   LC2MOS 16-Bit A/D Converter
REV. D
AD7701 AD-AD7701_17 Datasheet
319Kb / 21P
   LC2MOS 16-Bit A/D Converter
AD7703 AD-AD7703 Datasheet
251Kb / 16P
   LC2MOS 20-Bit A/D Converter
REV. D
AD7226BRSZ AD-AD7226BRSZ Datasheet
423Kb / 16P
   LC2MOS Quad 8-Bit D/A Converter
REV. D
AD7226 AD-AD7226_17 Datasheet
493Kb / 17P
   LC2MOS Quad 8-Bit D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com