データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD8801AN データシート(PDF) 6 Page - Analog Devices

部品番号 AD8801AN
部品情報  Octal 8-Bit TrimDAC with Power Shutdown
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD8801AN データシート(HTML) 6 Page - Analog Devices

Back Button AD8801AN Datasheet HTML 2Page - Analog Devices AD8801AN Datasheet HTML 3Page - Analog Devices AD8801AN Datasheet HTML 4Page - Analog Devices AD8801AN Datasheet HTML 5Page - Analog Devices AD8801AN Datasheet HTML 6Page - Analog Devices AD8801AN Datasheet HTML 7Page - Analog Devices AD8801AN Datasheet HTML 8Page - Analog Devices AD8801AN Datasheet HTML 9Page - Analog Devices AD8801AN Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
–6–
CODE – Decimal
1
–1
0
256
32
64
96
128
160
192
224
0.75
0
–0.25
–0.5
–0.75
0.5
0.25
TA = +85°C
TA = +25°C
TA = –40°C
VDD = +5V
VREFH = +5V
VREFL = 0V
Figure 7. INL vs. Code
CODE – Decimal
1
0.75
–1
0
256
64
128
192
0
–0.25
–0.5
–0.75
0.5
0.25
TA = –40°C, +25°C, +85°C
VDD = +5V
VREFH = +5V
VREFL = 0V
Figure 8. Differential Nonlinearity Error vs. Code
TOTAL UNADJUSTED ERROR – LSB
1200
600
240
–3.4
–2.5
–3.3
–3.2
–3.1
–3.0
–2.9
–2.8
–2.7
–2.6
1080
720
480
260
960
840
0
120
VDD = +4.5V
VREF = +4.5V
VREFL = 0V
TA = +25°C
SS = 2446 PCS
Figure 9. Total Unadjusted Error Histogram
CODE – Decimal
200
0
0
256
32
64
96
128
160
192
224
100
50
150
VDD = +5V
VREFH = +2V
VREFL = 0V
ALL OTHER DACS SET
TO ZERO SCALE
TA = +25°C
Figure 10. Input Reference Current vs. Code
10k
1k
0
–35
25
5
–15
–55
100
10
TEMPERATURE –
°C
65
125
105
85
45
VDD = +5.5V
VREF = 0V
VDD = +5.5V
VREF = +5.5V
Figure 11. Shutdown Current vs. Temperature
TEMPERATURE –
°C
100k
0.001
–55
125
–35
–15
5
25
45
65
85
105
10k
10
1
0.1
0.01
1k
100
VDD = +5.5V
LOGIC = +2.4V
ALL DIGITAL PINS
TIED TOGETHER
VDD = +5.5V
LOGIC = +5.5V
ALL DIGITAL PINS
TIED TOGETHER
Figure 12. Supply Current vs. Temperature
REV. A
AD8801/AD8803–Typical Performance Characteristics


同様の部品番号 - AD8801AN

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8801AN AD-AD8801AN Datasheet
213Kb / 16P
   Octal 8-Bit TrimDAC with Power Shutdown
REV. A
More results

同様の説明 - AD8801AN

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8801ARZ AD-AD8801ARZ Datasheet
216Kb / 16P
   Octal 8-Bit TrimDAC with Power Shutdown
REV. A
AD8801 AD-AD8801 Datasheet
213Kb / 16P
   Octal 8-Bit TrimDAC with Power Shutdown
REV. A
AD8803 AD-AD8803_15 Datasheet
216Kb / 16P
   Octal 8-Bit TrimDAC with Power Shutdown
REV. A
AD8801 AD-AD8801_15 Datasheet
216Kb / 16P
   Octal 8-Bit TrimDAC
REV. A
DAC8840 AD-DAC8840 Datasheet
513Kb / 12P
   8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
REV. A
AD8842 AD-AD8842 Datasheet
506Kb / 12P
   8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
REV. 0
DAC-8841 AD-DAC-8841 Datasheet
584Kb / 12P
   8-Bit Octal, 2-Quadrant Multiplying, CMOS TrimDAC
REV. A
AD8842ARZ AD-AD8842ARZ Datasheet
1Mb / 13P
   8-Bit Octal, 4-Quadrant Multiplying, CMOS TrimDAC
REV. A
DAC8840FPZ AD-DAC8840FPZ Datasheet
515Kb / 12P
   8-Bit Octal 4-Quadrant Mulyplying CMOS TrimDAC
REV. A
DAC8841 AD-DAC8841_13 Datasheet
587Kb / 12P
   8-Bit Octal, 2-Quadrant Multiplying, CMOS TrimDAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com