データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PZTA92T1G データシート(PDF) 1 Page - ON Semiconductor

部品番号 PZTA92T1G
部品情報  High Voltage Transistor PNP Silicon
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PZTA92T1G データシート(HTML) 1 Page - ON Semiconductor

  PZTA92T1G Datasheet HTML 1Page - ON Semiconductor PZTA92T1G Datasheet HTML 2Page - ON Semiconductor PZTA92T1G Datasheet HTML 3Page - ON Semiconductor PZTA92T1G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2013
September, 2013 − Rev. 9
1
Publication Order Number:
PZTA92T1/D
PZTA92T1G
High Voltage Transistor
PNP Silicon
Features
Complement to PZTA42T1G
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
MAXIMUM RATINGS (TC = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Collector−Emitter Voltage
VCEO
−300
Vdc
Collector−Base Voltage
VCBO
−300
Vdc
Emitter−Base Voltage
VEBO
−5.0
Vdc
Collector Current
IC
−500
mAdc
Total Power Dissipation
up to @ TA = 25°C (Note 1)
PD
1.5
W
Storage Temperature Range
Tstg
− 65 to +150
°C
Junction Temperature
TJ
150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. Device mounted on a FR-4 glass epoxy printed circuit board
1.575 in x 1.575 in x 0.0625 in; mounting pad for the collector lead = 0.93 sq in.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance,
Junction−to−Ambient (Note 2)
RqJA
83.3
°C/W
2. Device mounted on a FR−4 glass epoxy printed circuit board
1.575 in x 1.575 in x 0.0625 in; mounting pad for the collector lead = 0.93 sq in.
SOT−223
CASE 318E
STYLE 1
MARKING DIAGRAM
SOT−223 PACKAGE
PNP SILICON
HIGH VOLTAGE TRANSISTOR
SURFACE MOUNT
1
2
3
4
1
AYW
P2D
G
G
P2D
= Specific Device Code
A
= Assembly Location
Y
= Year
W
= Work Week
G
= Pb−Free Package
(Note: Microdot may be in either location)
http://onsemi.com
COLLECTOR 2,4
BASE
1
EMITTER 3
Device
Package
Shipping
ORDERING INFORMATION
PZTA92T1G
SOT−223
(Pb−Free)
1,000 / Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.


同様の部品番号 - PZTA92T1G

メーカー部品番号データシート部品情報
logo
ON Semiconductor
PZTA92T1G ONSEMI-PZTA92T1G Datasheet
149Kb / 6P
   High Voltage Transistor
June, 2017 - Rev. 11
PZTA92T1G ONSEMI-PZTA92T1G_V01 Datasheet
149Kb / 6P
   High Voltage Transistor
June, 2017 - Rev. 11
More results

同様の説明 - PZTA92T1G

メーカー部品番号データシート部品情報
logo
Seme LAB
BSS76 SEME-LAB-BSS76 Datasheet
19Kb / 2P
   HIGH VOLTAGE PNP SILICON TRANSISTOR
logo
Zowie Technology Corpor...
MMBTA92 ZOWIE-MMBTA92 Datasheet
57Kb / 3P
   HIGH VOLTAGE TRANSISTOR PNP SILICON
logo
Micro Commercial Compon...
MMBTA94 MCC-MMBTA94 Datasheet
386Kb / 3P
   PNP Silicon High Voltage Transistor
logo
Micro Electronics
MPS-A92 MICRO-ELECTRONICS-MPS-A92 Datasheet
107Kb / 1P
   PNP SILICON HIGH VOLTAGE TRANSISTOR
logo
New Jersey Semi-Conduct...
BSS74 NJSEMI-BSS74 Datasheet
123Kb / 2P
   HIGH VOLTAGE PNP SILICON TRANSISTOR
logo
Micro Commercial Compon...
MMBTA93 MCC-MMBTA93_13 Datasheet
438Kb / 3P
   PNP Silicon High Voltage Transistor
logo
New Jersey Semi-Conduct...
MPS-U60 NJSEMI-MPS-U60 Datasheet
87Kb / 1P
   PNP SILICON HIGH VOLTAGE TRANSISTOR
logo
Infineon Technologies A...
PZTA92 INFINEON-PZTA92 Datasheet
120Kb / 4P
   PNP Silicon High Voltage Transistor
Dec-12-2001
logo
Zowie Technology Corpor...
MMBT5401 ZOWIE-MMBT5401 Datasheet
83Kb / 4P
   HIGH VOLTAGE TRANSISTOR PNP SILICON
MMBTA93 ZOWIE-MMBTA93 Datasheet
57Kb / 3P
   HIGH VOLTAGE TRANSISTOR PNP SILICON
logo
New Jersey Semi-Conduct...
BFT28 NJSEMI-BFT28 Datasheet
49Kb / 1P
   SILICON PNP HIGH VOLTAGE TRANSISTOR
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com