データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MTB10N40E データシート(PDF) 10 Page - Motorola, Inc

部品番号 MTB10N40E
部品情報  TMOS POWER FET 10 AMPERES
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MTB10N40E データシート(HTML) 10 Page - Motorola, Inc

Back Button MTB10N40E Datasheet HTML 2Page - Motorola, Inc MTB10N40E Datasheet HTML 3Page - Motorola, Inc MTB10N40E Datasheet HTML 4Page - Motorola, Inc MTB10N40E Datasheet HTML 5Page - Motorola, Inc MTB10N40E Datasheet HTML 6Page - Motorola, Inc MTB10N40E Datasheet HTML 7Page - Motorola, Inc MTB10N40E Datasheet HTML 8Page - Motorola, Inc MTB10N40E Datasheet HTML 9Page - Motorola, Inc MTB10N40E Datasheet HTML 10Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
MTB10N40E
10
Motorola TMOS Power MOSFET Transistor Device Data
PACKAGE DIMENSIONS
CASE 418B–02
ISSUE B
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
STYLE 2:
PIN 1. GATE
2. DRAIN
3. SOURCE
4. DRAIN
SEATING
PLANE
B
S
G
D
–T–
M
0.13 (0.005)
T
3 PL
K
J
H
V
E
C
A
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.340
0.380
8.64
9.65
B
0.380
0.405
9.65
10.29
C
0.160
0.190
4.06
4.83
D
0.020
0.035
0.51
0.89
E
0.045
0.055
1.14
1.40
G
0.100 BSC
2.54 BSC
H
0.080
0.110
2.03
2.79
J
0.018
0.025
0.46
0.64
K
0.090
0.110
2.29
2.79
S
0.575
0.625
14.60
15.88
V
0.045
0.055
1.14
1.40
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding
the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit,
and specifically disclaims any and all liability, including without limitation consequential or incidental damages. “Typical” parameters can and do vary in different
applications. All operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. Motorola does
not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in
systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of
the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such
unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless
against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part.
Motorola and
are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer.
Literature Distribution Centers:
USA: Motorola Literature Distribution; P.O. Box 20912; Phoenix, Arizona 85036.
EUROPE: Motorola Ltd.; European Literature Centre; 88 Tanners Drive, Blakelands, Milton Keynes, MK14 5BP, England.
JAPAN: Nippon Motorola Ltd.; 4–32–1, Nishi–Gotanda, Shinagawa–ku, Tokyo 141, Japan.
ASIA PACIFIC: Motorola Semiconductors H.K. Ltd.; Silicon Harbour Center, No. 2 Dai King Street, Tai Po Industrial Estate, Tai Po, N.T., Hong Kong.
MTB10N40E/D
*MTB10N40E/D*


同様の部品番号 - MTB10N40E

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MTB10N40E ONSEMI-MTB10N40E Datasheet
282Kb / 11P
   High Energy Power FET
August, 2006 ??Rev. 1
logo
Inchange Semiconductor ...
MTB10N40E ISC-MTB10N40E Datasheet
331Kb / 2P
   isc N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
MTB10N40ET4G VBSEMI-MTB10N40ET4G Datasheet
1Mb / 8P
   N-Channel 650 V (D-S) MOSFET
More results

同様の説明 - MTB10N40E

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MTB16N25E MOTOROLA-MTB16N25E Datasheet
259Kb / 10P
   TMOS POWER FET 16 AMPERES
MTB15N06E MOTOROLA-MTB15N06E Datasheet
231Kb / 10P
   TMOS POWER FET 15 AMPERES
MTB15N06V MOTOROLA-MTB15N06V Datasheet
274Kb / 10P
   TMOS POWER FET 15 AMPERES
MTB1306 MOTOROLA-MTB1306 Datasheet
176Kb / 8P
   TMOS POWER FET 75 AMPERES
MTB23P06E MOTOROLA-MTB23P06E Datasheet
280Kb / 10P
   TMOS POWER FET 23 AMPERES 60 VOLTS
MTB33N10E MOTOROLA-MTB33N10E Datasheet
266Kb / 10P
   TMOS POWER FET 33 AMPERES 100 VOLTS
MTB4N80E MOTOROLA-MTB4N80E Datasheet
195Kb / 10P
   TMOS POWER FET 4.0 AMPERES 800 VOLTS
MTB60N06HD MOTOROLA-MTB60N06HD Datasheet
280Kb / 12P
   TMOS POWER FET 60 AMPERES 60 VOLTS
MTD15N06V MOTOROLA-MTD15N06V Datasheet
218Kb / 10P
   TMOS POWER FET 15 AMPERES 60 VOLTS
MMFT2N25E MOTOROLA-MMFT2N25E Datasheet
139Kb / 6P
   TMOS POWER FET 2.0 AMPERES 250 VOLTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com