データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

N0201R データシート(PDF) 1 Page - Renesas Technology Corp

部品番号 N0201R
部品情報  PNP SILICON EPITAXIAL TRANSISTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

N0201R データシート(HTML) 1 Page - Renesas Technology Corp

  N0201R Datasheet HTML 1Page - Renesas Technology Corp N0201R Datasheet HTML 2Page - Renesas Technology Corp N0201R Datasheet HTML 3Page - Renesas Technology Corp N0201R Datasheet HTML 4Page - Renesas Technology Corp N0201R Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
R07DS0718EJ0100
Rev.1.00
Page 1 of 4
Mar 30, 2012
Data Sheet
N0201R
PNP SILICON EPITAXIAL TRANSISTOR
FEATURES
 Complements to N0201S.
 V
CEO = 25 V
 I
C(DC) = 1.0 A
 Miniature package SOT-23F (2SB798: Package variation of 3pPoMM)
PRODUCT LINEUP
Part Number
Packing
Package Name
Package Code
Mass [TYP.]
N0201R-T1-AT
Tape 3000p/reel
SOT-23F
PVSF0003ZA-A
0.0126g
ABSOLUTE MAXIMUM RATINGS (Ta = 25C)
Parameter
Symbol
Ratings
Unit
Collector to Base Voltage
VCBO
30
V
Collector to Emitter Voltage
VCEO
25
V
Emitter to Base Voltage
VEBO
5.0
V
Collector Current (DC)
IC(DC)
1.0
A
Collector Current (pulse) *
1
IC(pulse)
1.5
A
Total Power Dissipation
PT1
0.2
W
Total Power Dissipation *
2
PT2
1.0
W
Junction Temperature
Tj
150
C
Storage Temperature
Tstg
55 to 150
C
Note
*1. PW
 10 ms, Duty Cycle  50%
*2. FR-4 board size 2500 mm
2
 1.6 mm, t  5 sec
ELECTRICAL CHARACTERISTICS (Ta = 25C)
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Collector Cutoff Current
ICBO
VCB = 30 V, IE = 0
100
nA
Emitter Cutoff Current
IEBO
VEB = 5.0 V, IC = 0
100
nA
DC Current Gain
hFE1*
1
VCE = 1.0 V, IC = 100 mA
90
200
400
DC Current Gain
hFE2*
1
VCE = 1.0 V, IC = 1.0 A
50
100
Collector Saturation Voltage
VCE(sat)*
1
IC = 1.0 A, IB = 100 mA
0.25
0.4
V
Base Saturation Voltage
VBE(sat)*
1
IC = 1.0 A, IB = 100 mA
1.0
1.2
V
Base to Emitter Voltage
VBE*
1
VCE = 6.0 V, IC = 10 mA
600
640
700
mV
Gain Bandwidth Product
fT
VCE = 6.0 V, IE = 10 mA
90
MHz
Output Capacitance
Cob
VCB = 10.0 V, IE = 0, f = 1.0 MHz
27
pF
Note
*1. Pulsed
hFE Classification
Marking
DM
DL
DK
hFE1
90 to 180
135 to 270
200 to 400
R07DS0718EJ0100
Rev.1.00
Mar 30, 2012


同様の部品番号 - N0201R

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
N0201R RENESAS-N0201R_15 Datasheet
105Kb / 5P
   PNP SILICON EPITAXIAL TRANSISTOR
More results

同様の説明 - N0201R

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
2SA1300 UTC-2SA1300 Datasheet
110Kb / 3P
   PNP EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJC1308 FAIRCHILD-FJC1308_05 Datasheet
446Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1201 FAIRCHILD-KSA1201_05 Datasheet
430Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1203 FAIRCHILD-KSA1203_05 Datasheet
432Kb / 5P
   PNP Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
GM1188 ETC2-GM1188 Datasheet
359Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SA1020 UTC-2SA1020_05 Datasheet
199Kb / 4P
   SILICON PNP EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
FJY4002R FAIRCHILD-FJY4002R Datasheet
290Kb / 4P
   PNP Epitaxial Silicon Transistor
FJY4012R FAIRCHILD-FJY4012R Datasheet
283Kb / 4P
   PNP Epitaxial Silicon Transistor
logo
GTM CORPORATION
GM1300 GTM-GM1300 Datasheet
172Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
MMBT4403K FAIRCHILD-MMBT4403K Datasheet
60Kb / 4P
   PNP Epitaxial Silicon Transistor
MJD45H11 FAIRCHILD-MJD45H11_10 Datasheet
164Kb / 5P
   PNP Epitaxial Silicon Transistor
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com