データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM-OAC5A データシート(PDF) 2 Page - Crydom Inc.,

部品番号 SM-OAC5A
部品情報  I/O Modules
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CRYDOM [Crydom Inc.,]
ホームページ  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

SM-OAC5A データシート(HTML) 2 Page - Crydom Inc.,

  SM-OAC5A Datasheet HTML 1Page - Crydom Inc., SM-OAC5A Datasheet HTML 2Page - Crydom Inc., SM-OAC5A Datasheet HTML 3Page - Crydom Inc., SM-OAC5A Datasheet HTML 4Page - Crydom Inc., SM-OAC5A Datasheet HTML 5Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SPECIFICATIONS (1)
Input
Part Number
SM-OAC24
SM-OAC24A
SM-ODC5
SM-ODC5A
SM-ODC5F
Nominal Voltage VDC
24
24
5.0
5.0
5.0
Minimum Voltage VDC (2)
18
18
2.75
2.75
2.75
Maximum Voltage VDC
32
32
8.0
8.0
8.0
Drop-out Voltage
1.0
1.0
1.0
1.0
1.0
Maximum Current (3)
13
13
18
18
18
Resistance (4)
2000
2000
250
250
250
Output
Nominal Line Voltage
120 VAC
240 VAC
5-48 VDC
5-150 VDC
5-48 VDC
Minimum Line Voltage
12 VAC
24 VAC
3.0 VDC
3.0 VDC
3.0 VDC
Maximum Line Voltage
140 VAC
280 VAC
60 VDC
250 VDC
60 VDC
Max Off-State Voltage (5)
400 Vpeak
600 Vpeak
60 VDC
250 VDC
60 VDC
Max Off-State Leakage (6)
0.1mArms
0.1mArms
10 uA
10 uA
10 uA
Static Off-State dv/dt (7)
200 V/usec
200 V/usec
N/A
N/A
N/A
Maximum Rated On-State Current (8)
3.5 Arms
3.5 Arms
3.0 A
1.0 A
3.0 A
Minimum On-State Current
50 mArms
50 mArms
10 mA
10 mA
10 mA
Max Surge Current (9)
100 Apeak
100 Apeak
5.0 A
5.0 A
5.0 A
On-State Voltage Drop or Resistance (10)
1.6 V
1.6 V
1.5 V
1.5 V
1.5 V
Maximum Turn-On Time [msec] (13)
8.33
8.33
0.1
0.1
0.025
Maximum Turn-Off Time [msec] (13)
8.33
8.33
0.75
0.75
0.05
Input/Output Isolation Voltage (14)
4000
4000
4000
4000
4000
Input/Output Capacitance
8
8
8
8
8
Operating Temperature Range
-30 to 80°C
-30 to 80°C
-30 to 80°C
-30 to 80°C
-30 to 80°C
Storage Temperature Range
-40 to 80°C
-40 to 80°C
-40 to 80°C
-40 to 80°C
-40 to 80°C
Line Frequency Range
47 to 63
47 to 63
DC
DC
DC
Weight
1.1 oz. (31.2g)
1.1 oz. (31.2g)
1.1 oz. (31.2g)
1.1 oz. (31.2g)
1.1 oz. (31.2g)
SPECIFICATIONS (1)
Input
Part Number
SM-ODC5MA
SM-ODC5MC
SM-ODC5ML
SM-ODC24
SM-ODC24A
Nominal Voltage VDC
5.0
5.0
5.0
24
24
Minimum Voltage VDC (2)
2.75
2.75
2.75
18
18
Maximum Voltage VDC
8.0
8.0
8.0
32
32
Drop-out Voltage
1.0
1.0
1.0
1.0
1.0
Maximum Current (3)
18
18
18
13
13
Resistance (4)
250
250
250
2000
2000
Output
Nominal Line Voltage
5-150 VDC
5-90 VDC
5-48 VDC
5-48 VDC
5-150 VDC
Maximum Line Voltage
200 VDC
100 VDC
50 VDC
60 VDC
250 VDC
Max Off-State Voltage (5)
200 VDC
100 VDC
50 VDC
60 VDC
250 VDC
Max Off-State Leakage (6)
10 uA
10 uA
10 uA
10 uA
10 uA
Static Off-State dv/dt (7)
N/A
N/A
N/A
N/A
N/A
Maximum Rated On-State Current (8)
3.0 A
5.0 A
1.0 A
3.0 A
1.0 A
Minimum On-State Current
1.0 mA
1.0 mA
10 mA
10 mA
10 mA
Max Surge Current (9)
10 A
10 A
10 A
5.0 A
5.0 A
On-State Voltage Drop or Resistance (10)
0.25 Ohms
0.10 Ohms
0.05 Ohms
1.5 V
1.5 V
Maximum Turn-On Time [msec] (13)
1.0
1.0
1.0
0.1
0.1
Maximum Turn-Off Time [msec] (13)
0.05
0.05
0.05
0.75
0.75
Input/Output Isolation Voltage (14)
1500
1500
1500
4000
4000
Input/Output Capacitance
8
8
8
8
8
Operating Temperature Range
-30 to 80
-30 to 80°C
-30 to 80°C
-30 to 80°C
-30 to 80°C
Storage Temperature Range
-40 to 80
-40 to 80°C
-40 to 80°C
-40 to 80°C
-40 to 80°C
Line Frequency Range
DC
DC
DC
DC
DC
Weight
1.1 oz. (31.2g)
1.1 oz. (31.2g)
1.1 oz. (31.2g)
1.1 oz. (31.2g)
1.1 oz. (31.2g)


同様の部品番号 - SM-OAC5A

メーカー部品番号データシート部品情報
logo
Crydom Inc.,
SM-OAC5A CRYDOM-SM-OAC5A Datasheet
1Mb / 5P
   SM SERIES OUTPUT MODULES
SM-OAC5AH CRYDOM-SM-OAC5AH Datasheet
1Mb / 5P
   SM SERIES OUTPUT MODULES
SM-OAC5AR CRYDOM-SM-OAC5AR Datasheet
1Mb / 5P
   SM SERIES OUTPUT MODULES
More results

同様の説明 - SM-OAC5A

メーカー部品番号データシート部品情報
logo
Crydom Inc.,
PB-8M CRYDOM-PB-8M Datasheet
1Mb / 3P
   I/O Modules
PB4H CRYDOM-PB4H Datasheet
354Kb / 3P
   I/O Modules
C4_INPUT CRYDOM-C4_INPUT Datasheet
1Mb / 4P
   I/O Modules
M_INPUT CRYDOM-M_INPUT Datasheet
456Kb / 4P
   I/O Modules
PB4 CRYDOM-PB4 Datasheet
350Kb / 3P
   I/O Modules
logo
Balluff Korea Ltd.
BNI00F4 BALLUFF-BNI00F4 Datasheet
132Kb / 2P
   I/O modules
BNI0041 BALLUFF-BNI0041 Datasheet
118Kb / 2P
   I/O modules
0.46_2021-08-25
logo
Crydom Inc.,
PB4C4 CRYDOM-PB4C4 Datasheet
352Kb / 3P
   I/O Modules
C4_OUTPUT CRYDOM-C4_OUTPUT Datasheet
1Mb / 4P
   I/O Modules
M_OUTPUT CRYDOM-M_OUTPUT Datasheet
1Mb / 5P
   I/O Modules
PB-8SM CRYDOM-PB-8SM Datasheet
1Mb / 3P
   I/O Modules
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com