データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA0211DGNR データシート(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPA0211DGNR
部品情報  2-W MONO AUDIO POWER AMPLIFIER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPA0211DGNR データシート(HTML) 4 Page - Texas Instruments

  TPA0211DGNR Datasheet HTML 1Page - Texas Instruments TPA0211DGNR Datasheet HTML 2Page - Texas Instruments TPA0211DGNR Datasheet HTML 3Page - Texas Instruments TPA0211DGNR Datasheet HTML 4Page - Texas Instruments TPA0211DGNR Datasheet HTML 5Page - Texas Instruments TPA0211DGNR Datasheet HTML 6Page - Texas Instruments TPA0211DGNR Datasheet HTML 7Page - Texas Instruments TPA0211DGNR Datasheet HTML 8Page - Texas Instruments TPA0211DGNR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
TPA0211
2-W MONO AUDIO POWER AMPLIFIER
SLOS275D – JANUARY 2000 – REVISED NOVEMBER 2002
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
operating characteristics, VDD = 3 V, TA = 25°C, RL = 4 Ω
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PO
Output power
THD = 1%,
BTL mode,
f = 1 kHz
660
mW
PO
Output power
THD = 0.1%,
SE mode, f = 1 kHz,
RL = 32 Ω
33
mW
THD + N
Total harmonic distortion plus noise
PO = 500 mW, f = 20 Hz to 20 kHz
0.3%
BOM
Maximum output power bandwidth
Gain = 2,
THD = 2%
20
kHz
SNR
Signal-to-noise ratio
88
dB
Vn
Output noise voltage
CB = 0.47 µF,
f=20Hzto
BTL mode, RL = 8 Ω,
AV= 8 dB
65
µVRMS
Vn
Output noise voltage
f = 20 Hz to
20 kHz
SE mode, RL = 32 Ω,
AV= 2 dB
25
µVRMS
electrical characteristics at specified free-air temperature, VDD = 5 V, TA = 25°C (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
|VOO|
Output offset voltage (measured
differentially)
SE/BTL = 0 V, SHUTDOWN = 2 V, RL = 8 Ω, Inputs
floating
30
mV
IDD(BTL)
Supply current, BTL mode
SE/BTL = 2.75 V, SHUTDOWN = VDD
4
6
mA
IDD(SE)
Supply current, SE mode
SE/BTL = 4.5 V, SHUTDOWN = VDD
2
4
mA
IDD(SD)
Supply current, shutdown mode
SE/BTL = 5 V, SHUTDOWN = 0 V
1
10
µA
|IIH|
High level input current
SHUTDOWN
VDD = 5.5 V, VI = VDD
1
µA
|IIH|
High-level input current
SE/BTL
VDD = 5.5 V, VI = VDD
1
µA
|IIL|
Low-level input current
SHUTDOWN
VDD = 5.5 V, VI = 0 V
1
µA
|IIL|
Low-level input current
SE/BTL
VDD = 5.5 V, VI = 0 V
1
µA
operating characteristics, VDD = 5 V, TA = 25°C, RL = 4 Ω
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PO
Output power
THD = 1%,
BTL mode,
f = 1 kHz
2
W
PO
Output power
THD = 0.1%,
SE mode, f = 1 kHz,
RL = 32 Ω
92
mW
THD + N
Total harmonic distortion plus noise
PO = 1.5 W,
f = 20 Hz to 20 kHz
0.2%
BOM
Maximum output power bandwidth
Gain = 2.5,
THD = 2%
20
kHz
SNR
Signal-to-noise ratio
93
dB
V
Output noise voltage
CB = 0.47 µF,
f=20Hzto
BTL mode, RL = 8 Ω,
AV= 8 dB
65
µVRMS
Vn
Output noise voltage
f = 20 Hz to
20 kHz
SE mode, RL = 32 Ω,
AV= 2 dB
25
µVRMS
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
Supply ripple rejection ratio
vs Frequency
1, 2
IDD
Supply current
vs Supply voltage
3
PO
Output power
vs Supply voltage
4, 5
PO
Output power
vs Load resistance
6, 7
THD+N
Total harmonic distortion plus noise
vs Frequency
8, 9, 10, 11
THD+N
Total harmonic distortion plus noise
vs Output power
12, 13, 14, 15, 16, 17
Vn
Output noise voltage
vs Frequency
18, 19
Closed loop gain and phase
20, 21


同様の部品番号 - TPA0211DGNR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA0211DGNR TI-TPA0211DGNR Datasheet
746Kb / 26P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER
More results

同様の説明 - TPA0211DGNR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA0211 TI-TPA0211 Datasheet
88Kb / 6P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER
TPA0211 TI-TPA0211_15 Datasheet
889Kb / 28P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER
TPA0211 TI-TPA0211_07 Datasheet
746Kb / 26P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER
TPA4861 TI-TPA4861_15 Datasheet
641Kb / 26P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
TPA4860 TI-TPA4860_06 Datasheet
442Kb / 24P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
TPA4860 TI-TPA4860_15 Datasheet
655Kb / 28P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
TPA4861 TI-TPA4861_07 Datasheet
486Kb / 23P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
TPA4860 TI-TPA4860 Datasheet
430Kb / 25P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
TPA0213 TI-TPA0213_15 Datasheet
791Kb / 26P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0233 TI-TPA0233_07 Datasheet
726Kb / 25P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com