データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD9979BCPZ データシート(PDF) 9 Page - Analog Devices

部品番号 AD9979BCPZ
部品情報  14-Bit, CCD Signal Processor with Precision Timing Core
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD9979BCPZ データシート(HTML) 9 Page - Analog Devices

Back Button AD9979BCPZ Datasheet HTML 5Page - Analog Devices AD9979BCPZ Datasheet HTML 6Page - Analog Devices AD9979BCPZ Datasheet HTML 7Page - Analog Devices AD9979BCPZ Datasheet HTML 8Page - Analog Devices AD9979BCPZ Datasheet HTML 9Page - Analog Devices AD9979BCPZ Datasheet HTML 10Page - Analog Devices AD9979BCPZ Datasheet HTML 11Page - Analog Devices AD9979BCPZ Datasheet HTML 12Page - Analog Devices AD9979BCPZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 56 page
background image
AD9979
Rev. C | Page 9 of 56
Pin No.
Mnemonic
Type1
Description
28
CLI
DI
Master Clock Input
29
AVSS
P
Analog Ground for AFE
30
AVDD
P
Analog Supply for AFE (1.8 V)
31
CCDINP
AI
CCD Signal Positive Input
32
CCDINM
AI
CCD Signal Negative Input; Normally Tied to AVSS
33
AVSS
P
Analog Ground for AFE
34
AVDD
P
Analog Supply for AFE (1.8 V)
35
REFT
AO
Reference Top Decoupling (Decouple with 1.0 μF to AVSS)
36
REFB
AO
Reference Bottom Decoupling (Decouple with 1.0 μF to AVSS)
37
LDOEN
DI
LDO Output Enable; 3 V = LDO Enabled, GND = LDO Disabled
38
SL
DI
3-Wire Serial Load
39
SDI
DI
3-Wire Serial Data Input
40
SCK
DI
3-Wire Serial Clock
41
GPO1
DIO
General-Purpose Input/Output 1
42
GPO2
DIO
General-Purpose Input/Output 2
43
VD
DI
Vertical Sync Pulse
44
HD
DI
Horizontal Sync Pulse
45
DVSS
P
Digital Ground
46
DVDD
P
Digital Supply (1.8 V)
47
D0 (LSB)
DO
Data Output
48
D1
DO
Data Output
EPAD
The exposed pad must be connected to GND.
1 AI = analog input, AO = analog output, DI = digital input, DO = digital output, DIO = digital input/output, P = power.


同様の部品番号 - AD9979BCPZ

メーカー部品番号データシート部品情報
logo
Analog Devices
AD9979BCPZ AD-AD9979BCPZ Datasheet
589Kb / 56P
   14-Bit, CCD Signal Processor with Precision Timing Core
REV. C
More results

同様の説明 - AD9979BCPZ

メーカー部品番号データシート部品情報
logo
Analog Devices
AD9979 AD-AD9979_15 Datasheet
589Kb / 56P
   14-Bit, CCD Signal Processor with Precision Timing Core
REV. C
AD9979 AD-AD9979 Datasheet
62Kb / 2P
   14-Bit, CCD Signal Processor with Precision Timing Core
Rev. Sp0
AD9979BCPZ AD-AD9979BCPZ Datasheet
589Kb / 56P
   14-Bit, CCD Signal Processor with Precision Timing Core
REV. C
AD9942 AD-AD9942_15 Datasheet
654Kb / 36P
   Dual-Channel, 14-Bit CCD Signal Processor with Precision Timing Core
REV. A
AD9942 AD-AD9942 Datasheet
653Kb / 36P
   Dual-Channel, 14-Bit CCD Signal Processor with Precision Timing??Core
REV. A
AD9974 AD-AD9974 Datasheet
73Kb / 2P
   Dual-Channel, 14-Bit, CCD Signal Processor with Precision Timing??Core
Rev. Sp0
AD9974BBCZ AD-AD9974BBCZ Datasheet
902Kb / 52P
   Dual-Channel, 14-Bit, CCD Signal Processor with Precision Timing Core
REV. A
AD9972BBCZ AD-AD9972BBCZ Datasheet
71Kb / 2P
   Dual-Channel, 14-Bit, CCD Signal Processor with Precision Timing Core
Rev. SpA
AD9978BCPZ AD-AD9978BCPZ Datasheet
69Kb / 2P
   Dual-Channel, 14-Bit CCD Signal Processor with Precision Timing Core
Rev. SpB
AD9978 AD-AD9978_08 Datasheet
69Kb / 2P
   Dual-Channel, 14-Bit CCD Signal Processor with Precision Timing Core
Rev. SpB
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com