データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADXL345BCCZ-RL7 データシート(PDF) 8 Page - Analog Devices

部品番号 ADXL345BCCZ-RL7
部品情報  Digital Accelerometer
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADXL345BCCZ-RL7 データシート(HTML) 8 Page - Analog Devices

Back Button ADXL345BCCZ-RL7 Datasheet HTML 4Page - Analog Devices ADXL345BCCZ-RL7 Datasheet HTML 5Page - Analog Devices ADXL345BCCZ-RL7 Datasheet HTML 6Page - Analog Devices ADXL345BCCZ-RL7 Datasheet HTML 7Page - Analog Devices ADXL345BCCZ-RL7 Datasheet HTML 8Page - Analog Devices ADXL345BCCZ-RL7 Datasheet HTML 9Page - Analog Devices ADXL345BCCZ-RL7 Datasheet HTML 10Page - Analog Devices ADXL345BCCZ-RL7 Datasheet HTML 11Page - Analog Devices ADXL345BCCZ-RL7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
ADXL345
Data Sheet
Rev. D | Page 8 of 40
TYPICAL PERFORMANCE CHARACTERISTICS
0
2
4
6
8
10
12
14
16
18
20
–150
–100
–50
0
50
100
150
ZERO g OFFSET (mg)
Figure 4. X-Axis Zero g Offset at 25°C, VS = 2.5 V
2
0
4
6
8
10
12
14
16
18
20
–150
–100
–50
0
50
100
150
ZERO g OFFSET (mg)
Figure 5. Y-Axis Zero g Offset at 25°C, VS = 2.5 V
2
0
4
6
8
10
12
14
16
18
20
–150
–100
–50
0
50
100
150
ZERO g OFFSET (mg)
Figure 6. Z-Axis Zero g Offset at 25°C, VS = 2.5 V
2
0
4
6
8
10
12
14
16
18
20
–150
–100
–50
0
50
100
150
ZERO g OFFSET (mg)
Figure 7. X-Axis Zero g Offset at 25°C, VS = 3.3 V
2
0
4
6
8
10
12
14
16
18
20
–150
–100
–50
0
50
100
150
ZERO g OFFSET (mg)
Figure 8. Y-Axis Zero g Offset at 25°C, VS = 3.3 V
2
0
4
6
8
10
12
14
16
18
20
–150
–100
–50
0
50
100
150
ZERO g OFFSET (mg)
Figure 9. Z-Axis Zero g Offset at 25°C, VS = 3.3 V


同様の部品番号 - ADXL345BCCZ-RL7

メーカー部品番号データシート部品情報
logo
Analog Devices
ADXL345BCCZ-RL71 AD-ADXL345BCCZ-RL71 Datasheet
311Kb / 24P
   Three-Axis, 짹2/4/8/16g Digital Accelerometer
Rev. PrA
More results

同様の説明 - ADXL345BCCZ-RL7

メーカー部品番号データシート部品情報
logo
Analog Devices
ADXL350BCEZ-RL7 AD-ADXL350BCEZ-RL7 Datasheet
553Kb / 36P
   Digital Accelerometer
REV. 0
logo
List of Unclassifed Man...
1010L-002 ETC2-1010L-002 Datasheet
1Mb / 9P
   DIGITAL ACCELEROMETER
2010-002 ETC2-2010-002 Datasheet
504Kb / 3P
   DIGITAL ACCELEROMETER MODULE
logo
Analog Devices
ADXL343BCCZ AD-ADXL343BCCZ Datasheet
601Kb / 36P
   Digital MEMS Accelerometer
REV. 0
logo
List of Unclassifed Man...
2420-002 ETC2-2420-002 Datasheet
534Kb / 4P
   TRIAXIAL DIGITAL ACCELEROMETER MODULE
logo
MEMSIC Semiconductor (T...
MXC6655XA MEMSIC-MXC6655XA Datasheet
701Kb / 15P
   Digital Three-Axis Accelerometer
Rev A
logo
List of Unclassifed Man...
KXTF9-2050 ETC2-KXTF9-2050 Datasheet
1Mb / 49P
   Tri-axis Digital Accelerometer Specifications
KXTF9-4100 ETC2-KXTF9-4100 Datasheet
1Mb / 49P
   Tri-axis Digital Accelerometer Specifications
logo
MEMSIC Semiconductor (T...
MXC6855XU MEMSIC-MXC6855XU Datasheet
338Kb / 12P
   Digital Thermal Orientation Sensing Accelerometer
Version A
logo
Freescale Semiconductor...
MMA6222EG FREESCALE-MMA6222EG Datasheet
377Kb / 34P
   Digital Dual Axis Micromachined Accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com