データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADXRS624BBGZ-RL データシート(PDF) 3 Page - Analog Devices

部品番号 ADXRS624BBGZ-RL
部品情報  50,-50/s Yaw Rate Gyro
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADXRS624BBGZ-RL データシート(HTML) 3 Page - Analog Devices

  ADXRS624BBGZ-RL Datasheet HTML 1Page - Analog Devices ADXRS624BBGZ-RL Datasheet HTML 2Page - Analog Devices ADXRS624BBGZ-RL Datasheet HTML 3Page - Analog Devices ADXRS624BBGZ-RL Datasheet HTML 4Page - Analog Devices ADXRS624BBGZ-RL Datasheet HTML 5Page - Analog Devices ADXRS624BBGZ-RL Datasheet HTML 6Page - Analog Devices ADXRS624BBGZ-RL Datasheet HTML 7Page - Analog Devices ADXRS624BBGZ-RL Datasheet HTML 8Page - Analog Devices ADXRS624BBGZ-RL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ADXRS624
Rev. A | Page 3 of 12
SPECIFICATIONS
All minimum and maximum specifications are guaranteed; typical specifications are not guaranteed. At TA = −40°C to +105°C, VS= AVCC
= VDD= 5 V, VRATIO= AVCC, angular rate = 0°/s, bandwidth = 80 Hz (COUT = 0.01 µF), IOUT= 100 μA, ±1 g, unless otherwise noted.
Table 1.
Parameter
Conditions
ADXRS624BBGZ
Unit
Min
Typ
Max
SENSITIVITY (RATIOMETRIC)1
Clockwise rotation is positive output
Measurement Range2
Full-scale range over specifications range
±50
±75
°/sec
Initial and Over Temperature
22.5
25
27.5
mV/°/sec
Temperature Drift3
±3
%
Nonlinearity
Best fit straight line
0.1
% of FS
NULL (RATIOMETRIC)1
Null
−40°C to +105°C
2.5
V
Linear Acceleration Effect
Any axis
0.1
°/sec/g
NOISE PERFORMANCE
Rate Noise Density
T
A = 25°C
0.04
°/sec/
√Hz
FREQUENCY RESPONSE
Bandwidth4
1
1000
Hz
Sensor Resonant Frequency
14.5
kHz
SELF-TEST (RATIOMETRIC)1
ST1 Rate-Out Response
ST1 pin from Logic 0 to Logic 1
−1.9
V
ST2 Rate-Out Response
ST2 pin from Logic 0 to Logic 1
1.9
V
Logic 1 Input Voltage
0.8 × V
RATIO
V
Logic 0 Input Voltage
0.2 × V
RATIO
V
Input Impedance
To common
50
kΩ
TEMPERATURE SENSOR (RATIOMETRIC)1
V
OUT at 25°C
Load = 100 MΩ
2.35
2.5
2.65
V
Scale Factor5
At 25°C, V
RATIO = 5 V
9
mV/°C
Load to V
S
25
k
Ω
Load to Common
25
k
Ω
TURN-ON TIME
Power on to ±½°/sec of final
50
ms
OUTPUT DRIVE CAPABILITY
Current Drive
For rated specifications
200
µA
Capacitive Load Drive
1000
pF
POWER SUPPLY
Operating Voltage (V
S)
4.75
5.00
5.25
V
V
RATIO Input
3
V
S
V
Supply Current
3.5
5.0
mA
TEMPERATURE RANGE
Specified Performance
–40
+105
°C
1 Parameter is linearly ratiometric with V
RATIO.
2 The maximum range possible, including output swing range, initial offset, sensitivity, offset drift, and sensitivity drift at 5 V supplies.
3 From +25°C to −40°C or from +25°C to +105°C.
4 Adjusted by the external capacitor, COUT.
5 For a change in temperature from 25°C to 26°C. V
TEMP is ratiometric to VRATIO. See the Temperature Output and Calibration section for more details.


同様の部品番号 - ADXRS624BBGZ-RL

メーカー部品番号データシート部品情報
logo
Analog Devices
ADXRS624 AD-ADXRS624 Datasheet
531Kb / 12P
   짹50째/s Yaw Rate Gyro
REV. 0
ADXRS624WBBGZ AD-ADXRS624WBBGZ Datasheet
531Kb / 12P
   짹50째/s Yaw Rate Gyro
REV. 0
ADXRS624WBBGZ-RL AD-ADXRS624WBBGZ-RL Datasheet
531Kb / 12P
   짹50째/s Yaw Rate Gyro
REV. 0
More results

同様の説明 - ADXRS624BBGZ-RL

メーカー部品番号データシート部品情報
logo
Analog Devices
ADXRS614 AD-ADXRS614_15 Datasheet
550Kb / 12P
   50/s Yaw Rate Gyro
ADXRS624 AD-ADXRS624 Datasheet
531Kb / 12P
   짹50째/s Yaw Rate Gyro
REV. 0
ADXRS614 AD-ADXRS614 Datasheet
746Kb / 12P
   짹50째/s Yaw Rate Gyro
REV. 0
ADXRS642 AD-ADXRS642 Datasheet
200Kb / 10P
   Vibration Rejecting 짹250째/s Yaw Rate Gyro
Rev. Pr A
ADXRS610 AD-ADXRS610 Datasheet
714Kb / 12P
   짹300째/sec Yaw Rate Gyro
REV. 0
ADXRS612 AD-ADXRS612 Datasheet
1Mb / 12P
   짹250째/sec Yaw Rate Gyro
REV. 0
ADXRS620 AD-ADXRS620 Datasheet
558Kb / 12P
   짹300째/sec Yaw Rate Gyro
REV. 0
ADXRS610 AD-ADXRS610_15 Datasheet
546Kb / 12P
   300/sec Yaw Rate Gyro
ADXRS620BBGZ AD-ADXRS620BBGZ Datasheet
527Kb / 12P
   짹300째/sec Yaw Rate Gyro
REV. B
ADXRS652 AD-ADXRS652 Datasheet
329Kb / 12P
   짹250째/sec Yaw Rate Gyro
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com