データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM26C32CNSR データシート(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
部品番号 AM26C32CNSR
部品情報  QUADRUPLE DIFFERENTIAL LINE RECEIVER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

AM26C32CNSR データシート(HTML) 2 Page - Texas Instruments

  AM26C32CNSR Datasheet HTML 1Page - Texas Instruments AM26C32CNSR Datasheet HTML 2Page - Texas Instruments AM26C32CNSR Datasheet HTML 3Page - Texas Instruments AM26C32CNSR Datasheet HTML 4Page - Texas Instruments AM26C32CNSR Datasheet HTML 5Page - Texas Instruments AM26C32CNSR Datasheet HTML 6Page - Texas Instruments AM26C32CNSR Datasheet HTML 7Page - Texas Instruments AM26C32CNSR Datasheet HTML 8Page - Texas Instruments AM26C32CNSR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
AM26C32
QUADRUPLE DIFFERENTIAL LINE RECEIVER
SLLS104I − DECEMBER 1990 − REVISED SEPTEMBER 2004
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description/ordering information (continued)
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP (N)
Tube of 25
AM26C32CN
AM26C32CN
0
°C to 70°C
SOIC (D)
Tube of 40
AM26C32CD
AM26C32C
0
°C to 70°C
SOIC (D)
Reel of 2500
AM26C32CDR
AM26C32C
SOP (NS)
Reel of 2000
AM26C32CNSR
26C32
PDIP (N)
Tube of 25
AM26C32IN
AM26C32IN
SOIC (D)
Tube of 40
AM26C32ID
AM26C32I
−40
°C to 85°C
SOIC (D)
Reel of 2500
AM26C32IDR
AM26C32I
−40 C to 85 C
SOP (NS)
Reel of 2000
AM26C32INSR
26C32I
TSSOP (PW)
Tube of 90
AM26C32IPW
26C32I
−40
°C to 125°C
SOIC (D)
Tube of 40
AM26C32QD
AM26C32QD
CDIP (J)
Tube of 25
AM26C32MJ
AM26C32MJ
−55
°C to 125°C
CFP (W)
Tube of 150
AM26C32MW
AM26C32MW
−55 C to 125 C
LCCC (FK)
Tube of 55
AM26C32MFK
AM26C32MFK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
FUNCTION TABLE
(each receiver)
DIFFERENTIAL
ENABLES
OUTPUT
DIFFERENTIAL
INPUT
G
G
OUTPUT
Y
VID ≥ VIT+
H
X
H
VID ≥ VIT+
X
LH
VIT− < VID < VIT+
H
X
?
VIT− < VID < VIT+
X
L?
VID ≤ VIT−
H
X
L
VID ≤ VIT−
X
LL
X
L
H
Z
H = high level, L = low level, X = irrelevant
Z = high impedance (off), ? = indeterminate


同様の部品番号 - AM26C32CNSR

メーカー部品番号データシート部品情報
logo
Texas Instruments
AM26C32CNSR TI-AM26C32CNSR Datasheet
106Kb / 17P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26C32CNSR TI-AM26C32CNSR Datasheet
541Kb / 17P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32CNSR TI-AM26C32CNSR Datasheet
691Kb / 19P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32CNSR TI-AM26C32CNSR Datasheet
832Kb / 20P
[Old version datasheet]   QUADRUPLE DIFFERNTIAL LINE RECEIVER
AM26C32CNSR TI-AM26C32CNSR Datasheet
841Kb / 20P
[Old version datasheet]   QUADRUPLE DIFFRENTIAL LINE RECEIVER
More results

同様の説明 - AM26C32CNSR

メーカー部品番号データシート部品情報
logo
Texas Instruments
AM26C32-EP TI1-AM26C32-EP_16 Datasheet
170Kb / 10P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32 TI-AM26C32 Datasheet
541Kb / 17P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
SN75ALS193 TI-SN75ALS193 Datasheet
162Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32 TI-AM26C32_07 Datasheet
691Kb / 19P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
SN75ALS197NSR TI1-SN75ALS197NSR Datasheet
793Kb / 21P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32 TI1-AM26C32_18 Datasheet
1Mb / 31P
[Old version datasheet]   Quadruple Differential Line Receiver
SN75ALS199 TI1-SN75ALS199_14 Datasheet
526Kb / 19P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32-EP TI1-AM26C32-EP Datasheet
164Kb / 9P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26LS32AM-EP TI1-AM26LS32AM-EP Datasheet
157Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
SN75ALS197 TI-SN75ALS197 Datasheet
161Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com