データシートサーチシステム |
|
STPS745G データシート(PDF) 2 Page - STMicroelectronics |
|
STPS745G データシート(HTML) 2 Page - STMicroelectronics |
2 / 9 page Characteristics STPS745 2/9 1 Characteristics ’ To evaluate the conduction losses use the following equation: P = 0.42 x IF(AV) + 0.020 IF 2 (RMS) Table 1. Absolute Ratings (limiting values) Symbo l Parameter Value Unit VRRM Repetitive peak reverse voltage 45 V IF(RMS) RMS forward voltage 20 A IF(AV) Average forward current δ = 0.5 TO-220AC / D2PAK Tc = 160° C 7.5 A TO-220FPAC Tc = 145° C IFSM Surge non repetitive forward current tp = 10 ms Sinusoidal 150 A IRRM Repetitive peak reverse current tp = 2 µs square F = 1 kHz 1 A IRSM Non repetitive peak reverse current tp = 100 µs square 2 A PARM Repetitive peak avalanche power tp = 1 µs Tj = 25° C 2700 W Tstg Storage temperature range -65 to + 175 °C Tj Maximum operating junction temperature (1) 1. thermal runaway condition for a diode on its own heatsink 175 °C dV/dt Critical rate of rise of reverse voltage 10000 V/µs Table 2. Thermal resistances Symbol Parameter Value Unit Rth (j-c) Junction to case TO-220AC / D2PAK 3.0 °C/W TO-220FPAC 5.5 Table 3. Static electrical characteristics (per diode) Symbol Parameter Test Conditions Min. Typ. Max. Unit IR (1) 1. Pulse test: tp = 380 µs, δ < 2% Reverse leakage current Tj = 25° C VR = VRRM 100 µA Tj = 125° C 5 15 mA VF (1) Forward voltage drop Tj = 125° C IF = 7.5 A 0.5 0.57 V Tj = 25° C IF = 15 A 0.84 Tj = 125° C IF = 15 A 0.65 0.72 dPtot dTj --------------- 1 Rth j a – () -------------------------- < |
同様の部品番号 - STPS745G |
|
同様の説明 - STPS745G |