データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA3106D1VFP データシート(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPA3106D1VFP
部品情報  40-W MONO CLASS-D AUDIO POWER AMPLIFIER
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3106D1VFP データシート(HTML) 1 Page - Texas Instruments

  TPA3106D1VFP Datasheet HTML 1Page - Texas Instruments TPA3106D1VFP Datasheet HTML 2Page - Texas Instruments TPA3106D1VFP Datasheet HTML 3Page - Texas Instruments TPA3106D1VFP Datasheet HTML 4Page - Texas Instruments TPA3106D1VFP Datasheet HTML 5Page - Texas Instruments TPA3106D1VFP Datasheet HTML 6Page - Texas Instruments TPA3106D1VFP Datasheet HTML 7Page - Texas Instruments TPA3106D1VFP Datasheet HTML 8Page - Texas Instruments TPA3106D1VFP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
HLQFP
TPA3106D1
www.ti.com
SLOS516C – OCTOBER 2007 – REVISED AUGUST 2010
40-W MONO CLASS-D AUDIO POWER AMPLIFIER
Check for Samples: TPA3106D1
1
FEATURES
APPLICATIONS
Televisions
40-W Into an 8-
Ω Load From a 25-V Supply
Powered Speakers
Operates From 10 V to 26 V
Efficient Class-D Operation Eliminates the
DESCRIPTION
Need for Heat Sinks
The TPA3106D1 is a 40-W efficient, Class-D audio
Four Selectable, Fixed Gain Settings
power
amplifier
for
driving
bridged-tied
stereo
Differential Inputs
speakers. The TPA3106D1 can drive stereo speakers
Thermal and Short-Circuit Protection With
as low as 4
Ω. The high efficiency, ~92%, of the
Auto Recovery Feature
TPA3106D1 eliminates the need for an external heat
sink when playing music.
Clock Output for Synchronization With
Multiple Class-D Devices
The gain of the amplifier is controlled by two gain
select pins. The gain selections are 20, 26, 32, 36 dB.
Surface Mount 7×7, 32-pin HLQFP Package
The outputs are fully protected against shorts to
GND, VCC, and output-to-output shorts with an auto
recovery feature and monitor output.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


同様の部品番号 - TPA3106D1VFP

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA3106D1VFPR TI-TPA3106D1VFPR Datasheet
1Mb / 33P
[Old version datasheet]   40-W MONO CLASS-D AUDIO POWER AMPLIFIER
More results

同様の説明 - TPA3106D1VFP

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA3106D1 TI-TPA3106D1 Datasheet
1Mb / 33P
[Old version datasheet]   40-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Micro Electronics
TMPA2155DM MICRO-ELECTRONICS-TMPA2155DM_07 Datasheet
221Kb / 13P
   2.7-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
List of Unclassifed Man...
TMPA401DM ETC-TMPA401DM Datasheet
222Kb / 12P
   15-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA3007D1 TI-TPA3007D1_15 Datasheet
609Kb / 24P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3001D1 TI-TPA3001D1 Datasheet
381Kb / 26P
[Old version datasheet]   20 W MONO CLASS D AUDIO POWER AMPLIFIER
TPA032D03 TI-TPA032D03 Datasheet
339Kb / 24P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA032D01 TI-TPA032D01_07 Datasheet
540Kb / 25P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA032D03 TI-TPA032D03_07 Datasheet
571Kb / 27P
[Old version datasheet]   10-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3001D1 TI-TPA3001D1_07 Datasheet
651Kb / 28P
[Old version datasheet]   20-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3007D1 TI1-TPA3007D1_17 Datasheet
654Kb / 24P
[Old version datasheet]   6.5-W MONO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com