データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADF4360-1BCPZRL データシート(PDF) 8 Page - Analog Devices

部品番号 ADF4360-1BCPZRL
部品情報  Integrated Synthesizer and VCO
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADF4360-1BCPZRL データシート(HTML) 8 Page - Analog Devices

Back Button ADF4360-1BCPZRL Datasheet HTML 4Page - Analog Devices ADF4360-1BCPZRL Datasheet HTML 5Page - Analog Devices ADF4360-1BCPZRL Datasheet HTML 6Page - Analog Devices ADF4360-1BCPZRL Datasheet HTML 7Page - Analog Devices ADF4360-1BCPZRL Datasheet HTML 8Page - Analog Devices ADF4360-1BCPZRL Datasheet HTML 9Page - Analog Devices ADF4360-1BCPZRL Datasheet HTML 10Page - Analog Devices ADF4360-1BCPZRL Datasheet HTML 11Page - Analog Devices ADF4360-1BCPZRL Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
ADF4360-1
Data Sheet
Rev. C | Page 8 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
–150
–160
–170
–140
–130
–120
–110
–100
–90
–80
–70
–40
–50
–60
–30
–20
–10
0
1k
10M
1M
100k
10k
FREQUENCY OFFSET (Hz)
4
3
2
1
Figure 4. Open Loop VCO Phase Noise
–145
–150
–155
–140
–135
–130
–125
–120
–115
–110
–105
–90
–95
–100
–85
–80
–75
–70
100
10M
1M
100k
10k
1000
FREQUENCY OFFSET (Hz)
Figure 5. VCO Phase Noise, 2250 MHz, 200 kHz PFD, 10 kHz Loop Bandwidth
–145
–150
–155
–140
–135
–130
–125
–120
–115
–110
–105
–90
–95
–100
–85
–80
–75
–70
100
10M
1M
100k
10k
1000
FREQUENCY OFFSET (Hz)
Figure 6. VCO Phase Noise, 1125 MHz,
Divide-by-2 Enabled, 200 kHz PFD, 10 kHz Loop Bandwidth
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
–2kHz
–1kHz
2250MHz
1kHz
2kHz
–83.0dBc/Hz
VDD = 3V, VVCO = 3V
ICP = 2.5mA
PFD FREQUENCY = 200kHz
LOOP BANDWIDTH = 10kHz
RES. BANDWIDTH = 10Hz
VIDEO BANDWIDTH = 10Hz
SWEEP = 1.9 SECONDS
AVERAGES = 10
Figure 7. Close-In Phase Noise at 2250 MHz (200 kHz Channel Spacing)
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
–200kHz
–100kHz
2250MHz
100kHz
200kHz
–70.7dBc
VDD = 3V, VVCO = 3V
ICP = 2.5mA
PFD FREQUENCY = 200kHz
LOOP BANDWIDTH = 10kHz
RES. BANDWIDTH = 1kHz
VIDEO BANDWIDTH = 1kHz
SWEEP = 1.3 SECONDS
AVERAGES = 1
Figure 8. Reference Spurs at 2250 MHz
(200 kHz Channel Spacing, 10 kHz Loop Bandwidth)
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
–1MHz
–0.5MHz
2250MHz
0.5MHz
1MHz
–84.8dBc/Hz
VDD = 3V, VVCO = 3V
ICP = 2.5mA
PFD FREQUENCY = 1MHz
LOOP BANDWIDTH = 25kHz
RES. BANDWIDTH = 10kHz
VIDEO BANDWIDTH = 10kHz
SWEEP = 1.9 SECONDS
AVERAGES = 10
Figure 9. Reference Spurs at 2250 MHz
(1 MHz Channel Spacing, 25 kHz Loop Bandwidth)


同様の部品番号 - ADF4360-1BCPZRL

メーカー部品番号データシート部品情報
logo
Analog Devices
ADF4360-1BCPZRL7 AD-ADF4360-1BCPZRL7 Datasheet
377Kb / 24P
   Integrated Synthesizer and VCO
More results

同様の説明 - ADF4360-1BCPZRL

メーカー部品番号データシート部品情報
logo
Analog Devices
ADF4360-8 AD-ADF4360-8 Datasheet
570Kb / 24P
   Integrated Synthesizer and VCO
REV. A
ADF4360-0 AD-ADF4360-0 Datasheet
315Kb / 24P
   Integrated Synthesizer and VCO
REV. B
ADF4360-5 AD-ADF4360-5 Datasheet
480Kb / 24P
   Integrated Synthesizer and VCO
REV. A
ADF4360-7 AD-ADF4360-7 Datasheet
336Kb / 28P
   Integrated Synthesizer and VCO
REV. B
ADF4360-2 AD-ADF4360-2 Datasheet
336Kb / 20P
   Integrated Synthesizer and VCO
REV. B
ADF4360-8 AD-ADF4360-8_15 Datasheet
716Kb / 24P
   Integrated Synthesizer and VCO
REV. C
ADF4360-2 AD-ADF4360-2_15 Datasheet
589Kb / 24P
   Integrated Synthesizer and VCO
REV. C
ADF4360-1 AD-ADF4360-1_16 Datasheet
377Kb / 24P
   Integrated Synthesizer and VCO
ADF4360-4 AD-ADF4360-4_16 Datasheet
394Kb / 24P
   Integrated Synthesizer and VCO
ADF4360-6 AD-ADF4360-6_16 Datasheet
389Kb / 24P
   Integrated Synthesizer and VCO
ADF4360-0 AD-ADF4360-0_16 Datasheet
366Kb / 24P
   Integrated Synthesizer and VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com