データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRF2807ZL データシート(PDF) 10 Page - Kersemi Electronic Co., Ltd.

部品番号 IRF2807ZL
部品情報  AUTOMOTIVE MOSFET Advanced Process Technology
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KERSEMI [Kersemi Electronic Co., Ltd.]
ホームページ  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRF2807ZL データシート(HTML) 10 Page - Kersemi Electronic Co., Ltd.

Back Button IRF2807ZL Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRF2807ZL Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRF2807ZL Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRF2807ZL Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRF2807ZL Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. IRF2807ZL Datasheet HTML 9Page - Kersemi Electronic Co., Ltd. IRF2807ZL Datasheet HTML 10Page - Kersemi Electronic Co., Ltd. IRF2807ZL Datasheet HTML 11Page - Kersemi Electronic Co., Ltd. IRF2807ZL Datasheet HTML 12Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
IRF2807Z/S/L
10
D2Pak Part Marking Information
F530S
THIS IS AN IRF530S WITH
LOT CODE 8024
ASSEMBLED ON WW 02, 2000
IN THE ASSEMBLY LINE "L"
ASSEMBLY
LOT CODE
INTERNATIONAL
RECTIFIER
LOGO
PART NUMBER
DATE CODE
YEAR 0 = 2000
WEEK 02
LINE L
D2Pak Package Outline
Dimensions are shown in millimeters (inches)
www.kersemi.com


同様の部品番号 - IRF2807ZL

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF2807ZL IRF-IRF2807ZL Datasheet
272Kb / 12P
   Advanced Process Technology
IRF2807ZL IRF-IRF2807ZL Datasheet
279Kb / 13P
   Advanced Process Technology
logo
Inchange Semiconductor ...
IRF2807ZL ISC-IRF2807ZL Datasheet
301Kb / 2P
   Isc N-Channel MOSFET Transistor
logo
International Rectifier
IRF2807ZLPBF IRF-IRF2807ZLPBF Datasheet
279Kb / 12P
   AUTOMOTIVE MOSFET (75V, 94mOHM, 75A)
IRF2807ZLPBF IRF-IRF2807ZLPBF Datasheet
405Kb / 12P
   Advanced Process Technology
More results

同様の説明 - IRF2807ZL

メーカー部品番号データシート部品情報
logo
Kersemi Electronic Co.,...
IRF1404Z KERSEMI-IRF1404Z Datasheet
4Mb / 12P
   AUTOMOTIVE MOSFET Advanced Process Technology
logo
Silikron Semiconductor ...
BSS138W SILIKRON-BSS138W Datasheet
469Kb / 6P
   Advanced MOSFET process technology
SSF1090D SILIKRON-SSF1090D Datasheet
441Kb / 8P
   Advanced MOSFET process technology
SSF2129H3 SILIKRON-SSF2129H3 Datasheet
550Kb / 7P
   Advanced MOSFET process technology
SSF3960J7-HF SILIKRON-SSF3960J7-HF Datasheet
548Kb / 7P
   Advanced MOSFET process technology
SSF4004S SILIKRON-SSF4004S Datasheet
518Kb / 8P
   Advanced MOSFET process technology
SSF6007 SILIKRON-SSF6007 Datasheet
509Kb / 6P
   Advanced MOSFET process technology
SSFD4004 SILIKRON-SSFD4004 Datasheet
567Kb / 8P
   Advanced MOSFET process technology
SSFT4003 SILIKRON-SSFT4003 Datasheet
505Kb / 9P
   Advanced MOSFET process technology
SSF6N70G SILIKRON-SSF6N70G Datasheet
457Kb / 8P
   Advanced MOSFET process technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com