データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

5-1393144-9 データシート(PDF) 2 Page - Tyco Electronics

部品番号 5-1393144-9
部品情報  K10 Series Miniature Relay
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MACOM [Tyco Electronics]
ホームページ  http://www.macom.com
Logo MACOM - Tyco Electronics

5-1393144-9 データシート(HTML) 2 Page - Tyco Electronics

  5-1393144-9 Datasheet HTML 1Page - Tyco Electronics 5-1393144-9 Datasheet HTML 2Page - Tyco Electronics 5-1393144-9 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
General Purpose Relays
Industrial Relays
K10 Series Miniature Relay (Continued)
04-2013, Rev. 0413
www.te.com
© 2013 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
2
Potter & Brumfield
Dimensions
Mounting code 1
Socket mount
Terminal assignment
2 Form C
2 Form A (delete 1 and 2)
2 Form B (delete 3 and 4)
PCB layout
Bottom view on solder pins
Mounting code 5
Printed circuit terminals
Mounting code T
Flange mount
Product code structure
Typical product code
K10
P
-11
D
1
5
-6
Type
K10
15A Miniature Relay, K10 Series
Cover
P Polycarbonate (smoke color)
L
Neon or LED, polycarbonate dust cover (smoke color)
Option without cover (open style) on request
Contact arrangement
7
2 form A (NO)
8
2 form B (NC)
11 2 form C (CO)
50 1 form A and 1 form B (NO and NC)
Coil input
A 50/60Hz AC
D DC
Mounting & termination
1
Socket mount; .187“ (4.75mm) quick connect/solder terminals
5
Printed circuit terminals; .160“ (4.1mm) length.
T
Mounting bracket on end of cover; .187“ (4.75mm) quick connect/solder terminals
Options with mounting plates on narrow side or on end cover and shorter (.120“ (3.05mm)) PCB terminals on request
Contact type
1
Ag (10A)
5
AgCdO (15A)
P AgSnOIn (15A)
Coil voltage
Coil code: please refer to coil versions table
1
2
3
4
5
6
A
B
.086 DIA.
(2.18)
.394
(10.01)
.185
(4.70)
.232
(5.89)
.559
(14.20)
.285
(7.24)
.394
(10.01)
w/NEON INDI CATOR
1.600 MAX.
(40.64)
.25 (6.4)
1.375 MAX.
(34.93)
.020 ± .0 02
(.51 ± .05)
.187 ± .0 02
(4.75 ± .05)
.125
(3.18)
.078
(1.98)
1.109 MAX.
(28.17)
.860 MAX.
(21.84)
.559
(14.20)
.281
(7.14)
.517
(13.13)
.181
(4.60)
.239 REF.
(6.07)
.160
(4.06)
.020 ± .0 02
(.51 ± .05)
.078
(1.98)
.854 MAX.
(21.69)
1.682 MAX.
(42.72)
.078 TYP.
(1.98)
.142 TYP.
(3.61)
12
3
4
5
6
A
B


同様の部品番号 - 5-1393144-9

メーカー部品番号データシート部品情報
logo
TE Connectivity Ltd
5-1393144-9 TEC-5-1393144-9 Datasheet
185Kb / 3P
   Socket, PCB and top flange mounting options
More results

同様の説明 - 5-1393144-9

メーカー部品番号データシート部品情報
logo
Tyco Electronics
2-1393144-5 MACOM-2-1393144-5 Datasheet
401Kb / 3P
   K10 Series Miniature Relay
2-1419106-1 MACOM-2-1419106-1 Datasheet
185Kb / 3P
   K10 Series Miniature Relay
2-1419106-0 MACOM-2-1419106-0 Datasheet
185Kb / 3P
   K10 Series Miniature Relay
2-1393144-1 MACOM-2-1393144-1 Datasheet
401Kb / 3P
   K10 Series Miniature Relay
2-1419106-7 MACOM-2-1419106-7 Datasheet
185Kb / 3P
   K10 Series Miniature Relay
PT270024 MACOM-PT270024 Datasheet
387Kb / 4P
   Miniature Relay
logo
Nais(Matsushita Electri...
DSP1-DC3V NAIS-DSP1-DC3V Datasheet
174Kb / 5P
   MINIATURE POWER RELAY IN DS RELAY SERIES
logo
Freescale Semiconductor...
K10P81M72SF1 FREESCALE-K10P81M72SF1 Datasheet
1Mb / 73P
   K10 Sub-Family
logo
NXP Semiconductors
K10P100M72SF1 NXP-K10P100M72SF1 Datasheet
1Mb / 73P
   K10 Sub-Family
Rev. 2, 4/2012
K10P32M50SF0 NXP-K10P32M50SF0 Datasheet
1Mb / 57P
   K10 Sub-Family
Rev. 4 5/2012
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com