データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

7-147727-8 データシート(PDF) 5 Page - Tyco Electronics

部品番号 7-147727-8
部品情報  Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MACOM [Tyco Electronics]
ホームページ  http://www.macom.com
Logo MACOM - Tyco Electronics

7-147727-8 データシート(HTML) 5 Page - Tyco Electronics

  7-147727-8 Datasheet HTML 1Page - Tyco Electronics 7-147727-8 Datasheet HTML 2Page - Tyco Electronics 7-147727-8 Datasheet HTML 3Page - Tyco Electronics 7-147727-8 Datasheet HTML 4Page - Tyco Electronics 7-147727-8 Datasheet HTML 5Page - Tyco Electronics 7-147727-8 Datasheet HTML 6Page - Tyco Electronics 7-147727-8 Datasheet HTML 7Page - Tyco Electronics 7-147727-8 Datasheet HTML 8Page - Tyco Electronics 7-147727-8 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 98 page
background image
185
Catalog 1307819
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 8-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Mod IV Surface Mount Vertical Receptacle Assemblies,
.100 x .100 [2.54 x 2.54] Centerline
AMPMODU Interconnection System
5
The AMPMODU 0.025 [0.64]
square interconnection
system is an industry
standard that has provided
level III and IV thru-hole
interconnections to almost
every industry and
marketplace for years.
As technology advances,
so has the AMPMODU
product line.
Surface mount vertical
receptacle assemblies are
available to meet your level
II packaging needs as
process technologies
evolve from wave soldering
to surface mount reflow
(infrared and vapor-phase)
processes. AMPMODU
surface mount receptacle
assemblies are offered in
vertical dual entry
configurations. These
receptacles are available in
single-row and double-row
configurations with a
contact centerline spacing
of .100 x .100 [2.54 x 2.54].
AMPMODU surface mount
vertical receptacle
assemblies continue to
provide the proven features
and benefits of their
thru-hole counterparts in the
AMPMODU product family.
Closed-entry style housing
design provides a lead-in
ramp for positive mating of
contacts, virtually eliminating
the possibility of stubbing.
The dual-beam receptacle
contact design, coupled with
gold plating in the contact
area, provides a reliable
interface. Tin plating on the
solder tails also enhances
solderability.
The incorporation of
compliant metallic hold
downs on receptacle
assemblies offers multiple
benefits. The hold downs
provide for proper lead-to-
pad registration and provide
retention to the PC board
prior to and during
processing. Used with a
plated thru-hole, the hold
downs are soldered during
the reflow process and
serve as a strain relief for
the solder joints during
mating/unmating.
The design of the hold
downs results in an
excellent ratio of
insertion/extraction forces
(into the PC board); 20 lb.
[89 N] maximum insertion
force per pair and 10 lb.
[44.5 N] minimum extraction
force per pair (unsoldered).
No tools are required for
insertion.
Product Facts
Surface Mount Leads
Contact Material:
phosphor bronze
High temperature, black
thermoplastic housings,
94V-0 rated, capable of
withstanding IR or vapor-
phase reflow
Gold/tin duplex plating
for reliable mating
interconnection and solder
interface
Metallic hold downs provide
retention in the PC board
prior to and during the
reflow process … and strain
relief after soldering
Hold downs provide for
proper lead-to-pad
registration
Closed-entry receptacle
housings provide lead-in
ramp for positive mating
Receptacle contacts employ
dual cantilever beams for
reliable connections
Recognized under the
Component Program
of Underwriters
Laboratories Inc.
File No. E28476
Certified by
Canadian Standards
Association,
File No. LR 7189
R
R


同様の部品番号 - 7-147727-8

メーカー部品番号データシート部品情報
logo
Tyco Electronics
7-147727-8 MACOM-7-147727-8 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
7-147727-8 MACOM-7-147727-8 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies
7-147727-8 MACOM-7-147727-8 Datasheet
4Mb / 98P
   AMPMODU Interconnection System
7-147727-8 MACOM-7-147727-8 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
7-147727-8 MACOM-7-147727-8 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
More results

同様の説明 - 7-147727-8

メーカー部品番号データシート部品情報
logo
Tyco Electronics
5-104935-4 MACOM-5-104935-4 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
1-87456-1 MACOM-1-87456-1 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
104482-9 MACOM-104482-9 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 2.54 x 2.54 Centerline, End To End Stackable
2-87631-5 MACOM-2-87631-5 Datasheet
4Mb / 98P
   Mod IV Receptacle Assemblies, Single-Row, Outrigger Design .100 x .100 [2.54 x 2.54] Centerline, End To End Stackable
logo
Adam Technologies, Inc.
BHR50VU ADAM-TECH-BHR50VU Datasheet
122Kb / 1P
   .100 BOX HEADERS .100 X .100 [2.54 X 2.54] CENTERLINE
MHR40VUAL ADAM-TECH-MHR40VUAL Datasheet
130Kb / 1P
   .100 LATCH HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
FCS50SG ADAM-TECH-FCS50SG Datasheet
131Kb / 1P
   .100 IDC SOCKET .100 X .100 [2.54 X 2.54] CENTERLINE
MHR ADAM-TECH-MHR Datasheet
97Kb / 1P
   .100 LATCH HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
BHR-10-VSGA ADAM-TECH-BHR-10-VSGA Datasheet
489Kb / 3P
   100 BOX HEADERS 100 x .100 2.54 x 2.54 CENTERLINE
BHRE50VUAXXX ADAM-TECH-BHRE50VUAXXX Datasheet
130Kb / 1P
   .100 ELEVATED BOX HEADERS.100 X .100 [2.54 X 2.54] CENTERLINE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com