データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CAT1021WI-25-GT3 データシート(PDF) 9 Page - ON Semiconductor

部品番号 CAT1021WI-25-GT3
部品情報  Supervisory Circuits with I2C Serial 2k-bit CMOS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT1021WI-25-GT3 データシート(HTML) 9 Page - ON Semiconductor

Back Button CAT1021WI-25-GT3 Datasheet HTML 5Page - ON Semiconductor CAT1021WI-25-GT3 Datasheet HTML 6Page - ON Semiconductor CAT1021WI-25-GT3 Datasheet HTML 7Page - ON Semiconductor CAT1021WI-25-GT3 Datasheet HTML 8Page - ON Semiconductor CAT1021WI-25-GT3 Datasheet HTML 9Page - ON Semiconductor CAT1021WI-25-GT3 Datasheet HTML 10Page - ON Semiconductor CAT1021WI-25-GT3 Datasheet HTML 11Page - ON Semiconductor CAT1021WI-25-GT3 Datasheet HTML 12Page - ON Semiconductor CAT1021WI-25-GT3 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
CAT1021, CAT1022, CAT1023
© 2009 SCILLC. All rights reserved.
9
Doc. No. MD-3009 Rev. P
Characteristics subject to change without notice
EMBEDDED EEPROM OPERATION
The CAT1021/22/23 feature a 2-kbit embedded serial
EEPROM that supports the I
2C Bus data transmission
protocol. This Inter-Integrated Circuit Bus protocol
defines any device that sends data to the bus to be a
transmitter and any device receiving data to be a
receiver. The transfer is controlled by the Master
device which generates the serial clock and all
START and STOP conditions for bus access. Both the
Master device and Slave device can operate as either
transmitter or receiver, but the Master device controls
which mode is activated.
I
2C BUS PROTOCOL
The features of the I
2C bus protocol are defined as
follows:
(1) Data transfer may be initiated only when the bus
is not busy.
(2) During a data transfer, the data line must remain
stable whenever the clock line is high. Any
changes in the data line while the clock line is
high will be interpreted as a START or STOP
condition.
START CONDITION
The START Condition precedes all commands to the
device, and is defined as a HIGH to LOW transition of
SDA when SCL is HIGH. The CAT1021/22/23 monitor
the SDA and SCL lines and will not respond until this
condition is met.
STOP CONDITION
A LOW to HIGH transition of SDA when SCL is HIGH
determines the STOP condition. All operations must
end with a STOP condition.
DEVICE ADDRESSING
The Master begins a transmission by sending a
START condition. The Master sends the address of
the particular slave device it is requesting. The four
most significant bits of the 8-bit slave address are
programmable in metal and the default is 1010.
The last bit of the slave address specifies whether a
Read or Write operation is to be performed. When this
bit is set to 1, a Read operation is selected, and when
set to 0, a Write operation is selected.
After the Master sends a START condition and the
slave address byte, the CAT1021/22/23 monitors the
bus and responds with an acknowledge (on the SDA
line) when its address matches the transmitted slave
address. The CAT1021/22/23 then perform a Read or
Write operation depending on the R/W
¯¯ bit.
Figure 3. Bus Timing
Figure 4. Write Cycle Timing
tHIGH
SCL
SDA IN
SDA OUT
tLOW
tF
tLOW
tR
tBUF
tSU:STO
tSU:DAT
tHD:DAT
tHD:STA
tSU:STA
tAA
tDH
tWR
STOP
CONDITION
START
CONDITION
ADDRESS
ACK
8TH BIT
BYTE n
SCL
SDA


同様の部品番号 - CAT1021WI-25-GT3

メーカー部品番号データシート部品情報
logo
Catalyst Semiconductor
CAT1021WI-25-GT3 CATALYST-CAT1021WI-25-GT3 Datasheet
277Kb / 21P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM, Manual Reset and Watchdog Timer
CAT1021WI-25-GT3 CATALYST-CAT1021WI-25-GT3 Datasheet
210Kb / 21P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM, Manual Reset and Watchdog Timer
logo
ON Semiconductor
CAT1021WI-25-GT3 ONSEMI-CAT1021WI-25-GT3 Datasheet
217Kb / 21P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM, Manual Reset and Watchdog Timer
Doc. No. MD-3009 Rev. P
More results

同様の説明 - CAT1021WI-25-GT3

メーカー部品番号データシート部品情報
logo
ON Semiconductor
CAT1021 ONSEMI-CAT1021_18 Datasheet
409Kb / 24P
   Supervisory Circuits with EEPROM Serial 2k-bit I2C
May, 2018 ??Rev. 19
logo
Catalyst Semiconductor
CAT1026_0711 CATALYST-CAT1026_0711 Datasheet
249Kb / 20P
   Dual Voltage Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM
CAT1026 CATALYST-CAT1026 Datasheet
153Kb / 20P
   Dual Voltage Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM
CAT1026 CATALYST-CAT1026_07 Datasheet
313Kb / 20P
   Dual Voltage Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM
CAT1024 CATALYST-CAT1024 Datasheet
140Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
CAT1024_0711 CATALYST-CAT1024_0711 Datasheet
228Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
logo
ON Semiconductor
CAT1025JI-28 ONSEMI-CAT1025JI-28 Datasheet
190Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
Doc. No. MD-3008 Rev. R
CAT1025WI-30-G ONSEMI-CAT1025WI-30-G Datasheet
190Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
Doc. No. MD-3008 Rev. R
CAT1025JI-30 ONSEMI-CAT1025JI-30 Datasheet
206Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
Doc. No. MD-3008 Rev. R
CAT1025SI-30 ONSEMI-CAT1025SI-30 Datasheet
190Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
Doc. No. MD-3008 Rev. R
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com