データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CAT1021WI-25-GT3 データシート(PDF) 1 Page - ON Semiconductor

部品番号 CAT1021WI-25-GT3
部品情報  Supervisory Circuits with I2C Serial 2k-bit CMOS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT1021WI-25-GT3 データシート(HTML) 1 Page - ON Semiconductor

  CAT1021WI-25-GT3 Datasheet HTML 1Page - ON Semiconductor CAT1021WI-25-GT3 Datasheet HTML 2Page - ON Semiconductor CAT1021WI-25-GT3 Datasheet HTML 3Page - ON Semiconductor CAT1021WI-25-GT3 Datasheet HTML 4Page - ON Semiconductor CAT1021WI-25-GT3 Datasheet HTML 5Page - ON Semiconductor CAT1021WI-25-GT3 Datasheet HTML 6Page - ON Semiconductor CAT1021WI-25-GT3 Datasheet HTML 7Page - ON Semiconductor CAT1021WI-25-GT3 Datasheet HTML 8Page - ON Semiconductor CAT1021WI-25-GT3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
CAT1021, CAT1022, CAT1023
© 2009 SCILLC. All rights reserved.
1
Doc. No. MD-3009 Rev. P
Characteristics subject to change without notice
Supervisory Circuits with I
2C Serial 2k-bit CMOS
EEPROM, Manual Reset and Watchdog Timer
FEATURES
Precision Power Supply Voltage Monitor
— 5 V, 3.3 V and 3 V systems
— Five threshold voltage options
Watchdog Timer
Active High or Low Reset
— Valid reset guaranteed at VCC = 1 V
400 kHz I
2C Bus
2.7 V to 5.5 V Operation
Low power CMOS technology
16-Byte Page Write Buffer
Built-in inadvertent write protection
— WP pin (CAT1021)
1,000,000 Program/Erase cycles
Manual Reset Input
100 year data retention
Industrial and extended temperature ranges
8-pin DIP, SOIC, TSSOP, MSOP or TDFN
(3 x 3 mm foot-print) packages
— TDFN max height is 0.8 mm
For Ordering Information details, see page 19.
DESCRIPTION
The CAT1021, CAT1022 and CAT1023 are complete
memory and supervisory solutions for microcontroller-
based systems. A 2k-bit serial EEPROM memory and a
system power supervisor with brown-out protection are
integrated together in low power CMOS technology.
Memory interface is via a 400 kHz I
2C bus.
The CAT1021 and CAT1023 provide a precision VCC
sense circuit and two open drain outputs: one (RESET)
drives high and the other (RESET
¯¯¯¯¯¯) drives low whenever
VCC falls below the reset threshold voltage. The
CAT1022 has only a RESET
¯¯¯¯¯¯ output and does not have
a Write Protect input. The CAT1021 also has a Write
Protect input (WP). Write operations are disabled if WP
is connected to a logic high.
All supervisors have a 1.6 second watchdog timer circuit
that resets a system to a known state if software or a
hardware glitch halts or “hangs” the system. For the
CAT1021 and CAT1022, the watchdog timer monitors
the SDA signal. The CAT1023 has a separate watchdog
timer interrupt input pin, WDI.
The power supply monitor and reset circuit protect
memory and system controllers during power up/down
and against brownout conditions. Five reset threshold
voltages support 5 V, 3.3 V and 3 V systems. If power
supply voltages are out of tolerance reset signals
become active, preventing the system microcontroller,
ASIC or peripherals from operating. Reset signals
become inactive typically 200 ms after the supply voltage
exceeds the reset threshold level. With both active high
and low reset signals, interface to microcontrollers and
other ICs is simple. In addition, the RESET
¯¯¯¯¯¯ pin or a
separate input, MR
¯¯¯, can be used as an input for push-
button manual reset capability.
The on-chip, 2k-bit EEPROM memory features a 16-byte
page. In addition, hardware data protection is provided
by a VCC sense circuit that prevents writes to memory
whenever VCC falls below the reset threshold or until VCC
reaches the reset threshold during power up.
Available packages include an 8-pin DIP and surface
mount 8-pin SO, 8-pin TSSOP, 8-pin TDFN and 8-pin
MSOP packages. The TDFN package thickness is
0.8mm maximum. TDFN footprint options are 3 x 3mm.


同様の部品番号 - CAT1021WI-25-GT3

メーカー部品番号データシート部品情報
logo
Catalyst Semiconductor
CAT1021WI-25-GT3 CATALYST-CAT1021WI-25-GT3 Datasheet
277Kb / 21P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM, Manual Reset and Watchdog Timer
CAT1021WI-25-GT3 CATALYST-CAT1021WI-25-GT3 Datasheet
210Kb / 21P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM, Manual Reset and Watchdog Timer
logo
ON Semiconductor
CAT1021WI-25-GT3 ONSEMI-CAT1021WI-25-GT3 Datasheet
217Kb / 21P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM, Manual Reset and Watchdog Timer
Doc. No. MD-3009 Rev. P
More results

同様の説明 - CAT1021WI-25-GT3

メーカー部品番号データシート部品情報
logo
ON Semiconductor
CAT1021 ONSEMI-CAT1021_18 Datasheet
409Kb / 24P
   Supervisory Circuits with EEPROM Serial 2k-bit I2C
May, 2018 ??Rev. 19
logo
Catalyst Semiconductor
CAT1026_0711 CATALYST-CAT1026_0711 Datasheet
249Kb / 20P
   Dual Voltage Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM
CAT1026 CATALYST-CAT1026 Datasheet
153Kb / 20P
   Dual Voltage Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM
CAT1026 CATALYST-CAT1026_07 Datasheet
313Kb / 20P
   Dual Voltage Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM
CAT1024 CATALYST-CAT1024 Datasheet
140Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
CAT1024_0711 CATALYST-CAT1024_0711 Datasheet
228Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
logo
ON Semiconductor
CAT1025JI-28 ONSEMI-CAT1025JI-28 Datasheet
190Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
Doc. No. MD-3008 Rev. R
CAT1025WI-30-G ONSEMI-CAT1025WI-30-G Datasheet
190Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
Doc. No. MD-3008 Rev. R
CAT1025JI-30 ONSEMI-CAT1025JI-30 Datasheet
206Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
Doc. No. MD-3008 Rev. R
CAT1025SI-30 ONSEMI-CAT1025SI-30 Datasheet
190Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
Doc. No. MD-3008 Rev. R
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com