データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CAT1021YI-45-GT3 データシート(PDF) 4 Page - ON Semiconductor

部品番号 CAT1021YI-45-GT3
部品情報  Supervisory Circuits with I2C Serial 2k-bit CMOS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT1021YI-45-GT3 データシート(HTML) 4 Page - ON Semiconductor

  CAT1021YI-45-GT3 Datasheet HTML 1Page - ON Semiconductor CAT1021YI-45-GT3 Datasheet HTML 2Page - ON Semiconductor CAT1021YI-45-GT3 Datasheet HTML 3Page - ON Semiconductor CAT1021YI-45-GT3 Datasheet HTML 4Page - ON Semiconductor CAT1021YI-45-GT3 Datasheet HTML 5Page - ON Semiconductor CAT1021YI-45-GT3 Datasheet HTML 6Page - ON Semiconductor CAT1021YI-45-GT3 Datasheet HTML 7Page - ON Semiconductor CAT1021YI-45-GT3 Datasheet HTML 8Page - ON Semiconductor CAT1021YI-45-GT3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
CAT1021, CAT1022, CAT1023
Doc. No. MD-3009 Rev. P
4
© 2009 SCILLC. All rights reserved.
Characteristics subject to change without notice
ABSOLUTE MAXIMUM RATINGS
(1)
Parameters
Ratings
Units
Temperature Under Bias
–55 to +125
ºC
Storage Temperature
–65 to +150
ºC
Voltage on any Pin with Respect to Ground
(2)
–2.0 to VCC + 2.0
V
VCC with Respect to Ground
–2.0 to 7.0
V
Package Power Dissipation Capability (TA = 25°C)
1.0
W
Lead Soldering Temperature (10 s)
300
ºC
Output Short Circuit Current
(3)
100
mA
D.C. OPERATING CHARACTERISTICS
VCC = 2.7V to 5.5V and over the recommended temperature conditions unless otherwise specified.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
ILI
Input Leakage Current
VIN = GND to VCC
-2
10
µA
ILO
Output Leakage Current
VIN = GND to VCC
-10
10
µA
ICC1
Power Supply Current (Write)
fSCL = 400 kHz
VCC = 5.5 V
3
mA
ICC2
Power Supply Current (Read)
fSCL = 400 kHz
VCC = 5.5 V
1
mA
ISB
Standby Current
Vcc = 5.5 V,
VIN = GND or VCC
60
µA
VIL
(4)
Input Low Voltage
-0.5
0.3 x VCC
V
VIH
(4)
Input High Voltage
0.7 x VCC
VCC + 0.5
V
VOL
Output Low Voltage
(SDA, RESET
¯¯¯¯¯¯)
IOL = 3 mA
VCC = 2.7 V
0.4
V
VOH
Output High Voltage
(RESET)
IOH = -0.4 mA
VCC = 2.7 V
Vcc - 0.75
V
CAT102x-45
(VCC = 5.0 V)
4.50
4.75
V
CAT102x-42
(VCC = 5.0 V)
4.25
4.50
CAT102x-30
(VCC = 3.3 V)
3.00
3.15
CAT102x-28
(VCC = 3.3 V)
2.85
3.00
VTH
Reset Threshold
CAT102x-25
(VCC = 3.0 V)
2.55
2.70
VRVALID
Reset Output Valid VCC Voltage
1.00
V
VRT
(5)
Reset Threshold Hysteresis
15
mV
Notes:
(1) Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions outside of those listed in the operational sections of this
specification is not implied. Exposure to any absolute maximum rating for extended periods may affect device performance and reliability.
(2) The minimum DC input voltage is –0.5 V. During transitions, inputs may undershoot to –2.0 V for periods of less than 20 ns. Maximum DC
voltage on output pins is VCC +0.5 V, which may overshoot to VCC +2.0 V for periods of less than 20 ns.
(3) Output shorted for no more than one second. No more than one output shorted at a time.
(4) VIL min and VIH max are reference values only and are not tested.
(5) This parameter is tested initially and after a design or process change that affects the parameter. Not 100% tested.


同様の部品番号 - CAT1021YI-45-GT3

メーカー部品番号データシート部品情報
logo
Catalyst Semiconductor
CAT1021YI-45-GT3 CATALYST-CAT1021YI-45-GT3 Datasheet
277Kb / 21P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM, Manual Reset and Watchdog Timer
CAT1021YI-45-GT3 CATALYST-CAT1021YI-45-GT3 Datasheet
210Kb / 21P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM, Manual Reset and Watchdog Timer
logo
ON Semiconductor
CAT1021YI-45-GT3 ONSEMI-CAT1021YI-45-GT3 Datasheet
217Kb / 21P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM, Manual Reset and Watchdog Timer
Doc. No. MD-3009 Rev. P
More results

同様の説明 - CAT1021YI-45-GT3

メーカー部品番号データシート部品情報
logo
ON Semiconductor
CAT1021 ONSEMI-CAT1021_18 Datasheet
409Kb / 24P
   Supervisory Circuits with EEPROM Serial 2k-bit I2C
May, 2018 ??Rev. 19
logo
Catalyst Semiconductor
CAT1026_0711 CATALYST-CAT1026_0711 Datasheet
249Kb / 20P
   Dual Voltage Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM
CAT1026 CATALYST-CAT1026 Datasheet
153Kb / 20P
   Dual Voltage Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM
CAT1026 CATALYST-CAT1026_07 Datasheet
313Kb / 20P
   Dual Voltage Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM
CAT1024 CATALYST-CAT1024 Datasheet
140Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
CAT1024_0711 CATALYST-CAT1024_0711 Datasheet
228Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
logo
ON Semiconductor
CAT1025JI-28 ONSEMI-CAT1025JI-28 Datasheet
190Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
Doc. No. MD-3008 Rev. R
CAT1025WI-30-G ONSEMI-CAT1025WI-30-G Datasheet
190Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
Doc. No. MD-3008 Rev. R
CAT1025JI-30 ONSEMI-CAT1025JI-30 Datasheet
206Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
Doc. No. MD-3008 Rev. R
CAT1025SI-30 ONSEMI-CAT1025SI-30 Datasheet
190Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
Doc. No. MD-3008 Rev. R
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com