データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CAT1021YI-42-GT3 データシート(PDF) 10 Page - ON Semiconductor

部品番号 CAT1021YI-42-GT3
部品情報  Supervisory Circuits with I2C Serial 2k-bit CMOS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT1021YI-42-GT3 データシート(HTML) 10 Page - ON Semiconductor

Back Button CAT1021YI-42-GT3 Datasheet HTML 6Page - ON Semiconductor CAT1021YI-42-GT3 Datasheet HTML 7Page - ON Semiconductor CAT1021YI-42-GT3 Datasheet HTML 8Page - ON Semiconductor CAT1021YI-42-GT3 Datasheet HTML 9Page - ON Semiconductor CAT1021YI-42-GT3 Datasheet HTML 10Page - ON Semiconductor CAT1021YI-42-GT3 Datasheet HTML 11Page - ON Semiconductor CAT1021YI-42-GT3 Datasheet HTML 12Page - ON Semiconductor CAT1021YI-42-GT3 Datasheet HTML 13Page - ON Semiconductor CAT1021YI-42-GT3 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
CAT1021, CAT1022, CAT1023
Doc. No. MD-3009 Rev. P
10
© 2009 SCILLC. All rights reserved.
Characteristics subject to change without notice
ACKNOWLEDGE
After a successful data transfer, each receiving
device is required to generate an acknowledge. The
acknowledging device pulls down the SDA line
during the ninth clock cycle, signaling that it received
the 8 bits of data.
All devices respond with an acknowledge after
receiving a START condition and its slave address.
If the device has been selected along with a write
operation, it responds with an acknowledge after
receiving each 8-bit byte.
When a device begins a READ mode it transmits 8
bits of data, releases the SDA line and monitors the
line for an acknowledge. Once it receives this
acknowledge, the device will continue to transmit
data. If no acknowledge is sent by the Master, the
device terminates data transmission and waits for a
STOP condition.
WRITE OPERATIONS
Byte Write
In the Byte Write mode, the Master device sends the
START condition and the slave address information
(with the R/W
¯¯ bit set to zero) to the Slave device. After
the Slave generates an acknowledge, the Master sends
a 8-bit address that is to be written into the address
pointers of the device. After receiving another acknow-
ledge from the Slave, the Master device transmits the
data to be written into the addressed memory location.
The device acknowledges once more and the Master
generates the STOP condition. At this time, the device
begins an internal programming cycle to non-volatile
memory. While the cycle is in progress, the device will
not respond to any request from the Master device.
Figure 5. Start/Stop Timing
Figure 6. Acknowledge Timing
Figure 7: Slave Address Bits
START BIT
SDA
STOP BIT
SCL
ACKNOWLEDGE
1
START
SCL FROM
MASTER
89
DATA OUTPUT
FROM TRANSMITTER
DATA OUTPUT
FROM RECEIVER
1
01
0
0
0
0
R/W
Default Configuration


同様の部品番号 - CAT1021YI-42-GT3

メーカー部品番号データシート部品情報
logo
Catalyst Semiconductor
CAT1021YI-42-GT3 CATALYST-CAT1021YI-42-GT3 Datasheet
277Kb / 21P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM, Manual Reset and Watchdog Timer
CAT1021YI-42-GT3 CATALYST-CAT1021YI-42-GT3 Datasheet
210Kb / 21P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM, Manual Reset and Watchdog Timer
logo
ON Semiconductor
CAT1021YI-42-GT3 ONSEMI-CAT1021YI-42-GT3 Datasheet
217Kb / 21P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM, Manual Reset and Watchdog Timer
Doc. No. MD-3009 Rev. P
More results

同様の説明 - CAT1021YI-42-GT3

メーカー部品番号データシート部品情報
logo
ON Semiconductor
CAT1021 ONSEMI-CAT1021_18 Datasheet
409Kb / 24P
   Supervisory Circuits with EEPROM Serial 2k-bit I2C
May, 2018 ??Rev. 19
logo
Catalyst Semiconductor
CAT1026_0711 CATALYST-CAT1026_0711 Datasheet
249Kb / 20P
   Dual Voltage Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM
CAT1026 CATALYST-CAT1026 Datasheet
153Kb / 20P
   Dual Voltage Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM
CAT1026 CATALYST-CAT1026_07 Datasheet
313Kb / 20P
   Dual Voltage Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM
CAT1024 CATALYST-CAT1024 Datasheet
140Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
CAT1024_0711 CATALYST-CAT1024_0711 Datasheet
228Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
logo
ON Semiconductor
CAT1025JI-28 ONSEMI-CAT1025JI-28 Datasheet
190Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
Doc. No. MD-3008 Rev. R
CAT1025WI-30-G ONSEMI-CAT1025WI-30-G Datasheet
190Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
Doc. No. MD-3008 Rev. R
CAT1025JI-30 ONSEMI-CAT1025JI-30 Datasheet
206Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
Doc. No. MD-3008 Rev. R
CAT1025SI-30 ONSEMI-CAT1025SI-30 Datasheet
190Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
Doc. No. MD-3008 Rev. R
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com