データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM317 データシート(PDF) 2 Page - ON Semiconductor

部品番号 LM317
部品情報  1.5 A Adjustable Output Positive Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM317 データシート(HTML) 2 Page - ON Semiconductor

  LM317 Datasheet HTML 1Page - ON Semiconductor LM317 Datasheet HTML 2Page - ON Semiconductor LM317 Datasheet HTML 3Page - ON Semiconductor LM317 Datasheet HTML 4Page - ON Semiconductor LM317 Datasheet HTML 5Page - ON Semiconductor LM317 Datasheet HTML 6Page - ON Semiconductor LM317 Datasheet HTML 7Page - ON Semiconductor LM317 Datasheet HTML 8Page - ON Semiconductor LM317 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LM317, NCV317
http://onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Input−Output Voltage Differential
VI−VO
−0.3 to 40
Vdc
Power Dissipation
Case 221A
TA = +25C
PD
Internally Limited
W
Thermal Resistance, Junction−to−Ambient
qJA
65
C/W
Thermal Resistance, Junction−to−Case
qJC
5.0
C/W
Case 936 (D2PAK−3)
TA = +25C
PD
Internally Limited
W
Thermal Resistance, Junction−to−Ambient
qJA
70
C/W
Thermal Resistance, Junction−to−Case
qJC
5.0
C/W
Operating Junction Temperature Range
TJ
−55 to +150
C
Storage Temperature Range
Tstg
−65 to +150
C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
ELECTRICAL CHARACTERISTICS
(VI−VO = 5.0 V; IO = 0.5 A for D2T and T packages; TJ = Tlow to Thigh (Note 1); Imax and Pmax (Note 2); unless otherwise noted.)
Characteristics
Figure
Symbol
Min
Typ
Max
Unit
Line Regulation (Note 3), TA = +25C, 3.0 V  VI−VO  40 V
1
Regline
0.01
0.04
%/V
Load Regulation (Note 3), TA = +25C, 10 mA  IO  Imax
VO  5.0 V
VO  5.0 V
2
Regload
5.0
0.1
25
0.5
mV
% VO
Thermal Regulation, TA = +25C (Note 4), 20 ms Pulse
Regtherm
0.03
0.07
% VO/W
Adjustment Pin Current
3
IAdj
50
100
mA
Adjustment Pin Current Change, 2.5 V  VI−VO  40 V,
10 mA  IL  Imax, PD  Pmax
1, 2
DIAdj
0.2
5.0
mA
Reference Voltage, 3.0 V  VI−VO  40 V, 10 mA  IO  Imax, PD  Pmax
3
Vref
1.2
1.25
1.3
V
Line Regulation (Note 3), 3.0 V  VI−VO  40 V
1
Regline
0.02
0.07
% V
Load Regulation (Note 3), 10 mA  IO  Imax
VO  5.0 V
VO  5.0 V
2
Regload
20
0.3
70
1.5
mV
% VO
Temperature Stability (Tlow  TJ  Thigh)
3
TS
0.7
% VO
Minimum Load Current to Maintain Regulation (VI−VO = 40 V)
3
ILmin
3.5
10
mA
Maximum Output Current
VI−VO  15 V, PD  Pmax, T Package
VI−VO = 40 V, PD  Pmax, TA = +25C, T Package
3
Imax
1.5
0.15
2.2
0.4
A
RMS Noise, % of VO, TA = +25C, 10 Hz  f  10 kHz
N
0.003
% VO
Ripple Rejection, VO = 10 V, f = 120 Hz (Note 5)
Without CAdj
CAdj = 10 mF
4
RR
66
65
80
dB
Thermal Shutdown (Note 6)
180
C
Long−Term Stability, TJ = Thigh (Note 7), TA = +25C for
Endpoint Measurements
3
S
0.3
1.0
%/1.0
kHrs.
Thermal Resistance Junction−to−Case, T Package
RqJC
5.0
C/W
1. Tlow to Thigh = 0 to +125C, for LM317T, D2T. Tlow to Thigh = −40 to +125C, for LM317BT, BD2T, Tlow to Thigh = −55 to +150C, for
NCV317BT, BD2T.
2. Imax = 1.5 A, Pmax = 20 W
3. Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account
separately. Pulse testing with low duty cycle is used.
4. Power dissipation within an IC voltage regulator produces a temperature gradient on the die, affecting individual IC components on the die.
These effects can be minimized by proper integrated circuit design and layout techniques. Thermal Regulation is the effect of these
temperature gradients on the output voltage and is expressed in percentage of output change per watt of power change in a specified time.
5. CAdj, when used, is connected between the adjustment pin and ground.
6. Thermal characteristics are not subject to production test.
7. Since Long−Term Stability cannot be measured on each device before shipment, this specification is an engineering estimate of average
stability from lot to lot.


同様の部品番号 - LM317

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM317 NSC-LM317 Datasheet
645Kb / 25P
   3-Terminal Adjustable Regulator
logo
Tiger Electronic Co.,Lt...
LM317 TGS-LM317 Datasheet
157Kb / 3P
   3-Terminal Positive Adjustable Regulator
logo
List of Unclassifed Man...
LM317 ETC2-LM317 Datasheet
281Kb / 4P
   3-TERMINAL 1A POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
LM317 ETL-LM317 Datasheet
255Kb / 5P
   HIGH CURRENT 1.3V TO 37V ADJUSTABLE VOLTAGE REGULATOR
logo
ON Semiconductor
LM317 ONSEMI-LM317 Datasheet
132Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
January, 2002 ??Rev. 3
More results

同様の説明 - LM317

メーカー部品番号データシート部品情報
logo
ON Semiconductor
LM317 ONSEMI-LM317_11 Datasheet
172Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
October, 2011 ??Rev. 12
LM317 ONSEMI-LM317 Datasheet
132Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
January, 2002 ??Rev. 3
NCP317BTG ONSEMI-NCP317BTG Datasheet
208Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
April, 2013 ??Rev. 13
LM317 ONSEMI-LM317_16 Datasheet
127Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
January, 2016 ??Rev. 14
NCV317 ONSEMI-NCV317 Datasheet
133Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
August, 2005 ??Rev. 8
logo
KODENSHI_AUK CORP.
SN317PI KODENSHI-SN317PI Datasheet
401Kb / 8P
   [ 1.5 A Adjustable Output ] Positive Voltage Regulator
logo
ON Semiconductor
LM317 ONSEMI-LM317_06 Datasheet
146Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
August, 2006 ??Rev. 9
LM337AT ONSEMI-LM337AT Datasheet
160Kb / 10P
   1.5 A, Adjustable Output, Negative Voltage Regulator
April, 2012 ??Rev. 9
LM337 ONSEMI-LM337_06 Datasheet
133Kb / 10P
   1.5 A, Adjustable Output, Negative Voltage Regulator
August, 2006 ??Rev. 6
LM337 ONSEMI-LM337_15 Datasheet
123Kb / 11P
   1.5 A, Adjustable Output Negative Voltage Regulator
January, 2015 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com