データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

3-179554-6 データシート(PDF) 3 Page - Tyco Electronics

部品番号 3-179554-6
部品情報  D-3000 Series (Continued)
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MACOM [Tyco Electronics]
ホームページ  http://www.macom.com
Logo MACOM - Tyco Electronics

3-179554-6 データシート(HTML) 3 Page - Tyco Electronics

  3-179554-6 Datasheet HTML 1Page - Tyco Electronics 3-179554-6 Datasheet HTML 2Page - Tyco Electronics 3-179554-6 Datasheet HTML 3Page - Tyco Electronics 3-179554-6 Datasheet HTML 4Page - Tyco Electronics 3-179554-6 Datasheet HTML 5Page - Tyco Electronics 3-179554-6 Datasheet HTML 6Page - Tyco Electronics 3-179554-6 Datasheet HTML 7Page - Tyco Electronics 3-179554-6 Datasheet HTML 8Page - Tyco Electronics 3-179554-6 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
58
Catalog 1242132
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 5-07
unless otherwise specified.
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
D-3000 Series (Continued)
AMP Dynamic Series Connectors
D-3200S
(High-Voltage Version of
Standard D-3100S) (Continued)
No. of
Pos.
2
3
4
5
6
Part Number
Dimensions
AB
24.62
14.16
29.70
19.24
34.78
24.32
39.86
29.40
44.94
34.48
J
-178128-2
J
-178128-3
J
-178128-4
J
-178128-5
J
-178128-6
No. of
Pos.
2
3
4
Part Number
Dimensions
AB
C
D
E
F
36.83
28
23.03
19.08
12.08
20
41.91
33
28.11
24.16
17.16
25
46.99
38
33.19
29.24
22.24
30
Panel Type
J
-179553-2
J
-179553-3
J
-179553-4
Free-Hanging Type
J
-179552-2
J
-179552-3
J
-179552-4
Mating Dimensions
External Dimensions
Receptacle Housing
Tab Housing
Panel Type
Free-Hanging Type
Panel/Free-Hanging Type
Horizontal/Vertical Type
Panel Cutout
When mounting panel from the front,
apply clamping torque of less than
49N [11 lbf].
5-and 6-position receptacle housings
differ slightly in shape with each other.
Check with diagram.
Mating Tab Connector
Part Number:
J
-179553-JJ-316131-J
J
-179552-JJ-917337-J
J
-179276-JJ-178136-J
J
-178138-JJ-917338-J
J
-179277-JJ-316132-J
J
-316130-JJ-316133-J
Mating Receptacle Housing
Part Number:
J
-178128-J


同様の部品番号 - 3-179554-6

メーカー部品番号データシート部品情報
logo
Tyco Electronics
3-179228-0 MACOM-3-179228-0 Datasheet
50Kb / 1P
   CRIMP TYPE 2 RECEPTACLE HOUSING
3-179228-1 MACOM-3-179228-1 Datasheet
50Kb / 1P
   CRIMP TYPE 2 RECEPTACLE HOUSING
3-179228-2 MACOM-3-179228-2 Datasheet
50Kb / 1P
   CRIMP TYPE 2 RECEPTACLE HOUSING
3-179228-3 MACOM-3-179228-3 Datasheet
50Kb / 1P
   CRIMP TYPE 2 RECEPTACLE HOUSING
3-179228-4 MACOM-3-179228-4 Datasheet
50Kb / 1P
   CRIMP TYPE 2 RECEPTACLE HOUSING
More results

同様の説明 - 3-179554-6

メーカー部品番号データシート部品情報
logo
Central Semiconductor C...
2N4170 CENTRAL-2N4170 Datasheet
57Kb / 1P
   SCRs Continued)
logo
Xilinx, Inc
XC4VLX25-10FF668C XILINX-XC4VLX25-10FF668C Datasheet
1Mb / 58P
   Absolute Maximum Ratings (Continued)
logo
NEC
UPC1181H NEC-UPC1181H Datasheet
58Kb / 1P
   Audio Power Amplifiers (Continued)
logo
Cooper Bussmann, Inc.
BB1 COOPER-BB1 Datasheet
105Kb / 1P
   Single Row Terminal Blocks Continued
logo
Switchcraft, Inc.
135 SWITCH-135 Datasheet
412Kb / 1P
   STRAIGHT MINIATURE POWER JACKS (continued)
logo
Tyco Electronics
51864-8 MACOM-51864-8 Datasheet
55Kb / 1P
   Ring Tongue Terminals - insulation Restricting(Continued)
logo
Keysight Technologies
3000X KEYSIGHT-3000X Datasheet
2Mb / 30P
   InfiniiVision 3000 X-Series
logo
Advantech Co., Ltd.
UNO-3000 ADVANTECH-UNO-3000 Datasheet
194Kb / 1P
   UNO-3000 Series Accessories
logo
Central Semiconductor C...
2N4401 CENTRAL-2N4401 Datasheet
59Kb / 1P
   Small Signal Transistors TO-92 Case (Continued)
logo
XP Power Limited
HCP650 XPPOWER-HCP650 Datasheet
638Kb / 8P
   650-3000 Watts HCP Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com