データシートサーチシステム |
|
1-1415898-9 データシート(PDF) 1 Page - Tyco Electronics |
|
1-1415898-9 データシート(HTML) 1 Page - Tyco Electronics |
1 / 4 page 04-2011, Rev. 0411 www.te.com © 2011 Tyco Electronics Corporation, a TE Connectivity Ltd. company Datasheets and product specification according to IEC 61810-1 and to be used only together with the ‘Definitions’ section. Datasheets and product data is subject to the terms of the disclaimer and all chapters of the ‘Definitions’ section, available at http://relays.te.com/definitions Datasheets, product data, ‘Definitions’ sec- tion, application notes and all specifications are subject to change. 1 SCHRACK General Purpose Relays PCB Relays Power PCB Relay RT1 Inrush Power n 1 pole 16A, 1 form A (NO) contact (W pre-make contact + AgSnO2) n 10A/250VAC making and breaking capacity acc. to IEC 60669-1 n 165A/20ms inrush peak current n Mono- or bistable coil n 5kV/10mm coil-contact n Reinforced insulation n Test tab (manual operator) optional Typical applications Lighting systems, movement sensors, filament and incandescent lamp loads, motors Approvals VDE REG.-Nr. 6106,UL E214025, cCSAus 14385 Technical data of approved types on request Contact Data RT.3T RTS3L Contact arrangement 1 form A (NO) contact Rated voltage 250VAC Max. switching voltage 400VAC Rated current 16A Limiting continuous current 16A, UL: 20A (RTS3L) Limiting making current, max. 20ms (incand. lamps) 165A 120A max. 200µs (flourescent lamps) 800A - Breaking capacity max. 4000VA Contact material W (pre-make cont.) AgSnO2 +AgSnO2 Contact style pre-make contact single contact Frequency of operation, with/without load 360/3600h-1 Operate/release time max., DC coil 10/5ms Operate/Reset time max., bistable version 10/10ms Bounce time max. 4ms Contact ratings Type Contact Load Cycles IEC 61810 RTS3L A (NO) 20A, 250VAC resistive, 70°C 20x103 RTS3L monostable A (NO) 16A, 250VAC resistive, 85°C 100x103 RTS3T A (NO) 16A, 250VAC resistive, 85°C 5x103 UL 508 RTS3L A (NO) 20A, 250VAC, general purpose, 70°C 20x103 RTS3L A (NO) 16A, 250VAC, resistive, 85°C 50x103 RTS3L A (NO) TV8, 240VAC, 40°C 25x103 RTS3L A (NO) 1.5hp, 240VAC, 70°C 30x103 RTS3T A (NO) 1200W Tungsten, 120VAC/277VAC, 60Hz, 50°C 6x103 RTS3T A (NO) 620W Discharge lamps (standard ballast), 120VAC/277VAC, 60Hz, 50°C 6x103 Contact Data (continued) Mechanical endurance DC coil >5x106 ops. >10x106 ops. bistable version >3x106 ops. >5x106 ops. tab manually operated >1x103 ops. - Coil Data, monostable DC coil Coil voltage range 5 to 110VDC Operative range, IEC 61810 2 Coil insulation system according UL1446 class F Coil versions, monostable DC coil Coil Rated Operate Release Coil Rated coil code voltage voltage voltage resistance power VDC VDC VDC Ω±10%1) mW 005 5 3.5 0.5 62 403 006 6 4.2 0.6 90 400 012 12 8.4 1.2 360 400 024 24 16.8 2.4 1440 400 048 48 33.6 4.8 5520 417 060 60 42.0 6.0 85701) 420 110 110 77.0 11.0 288001) 420 1) Coil resistance ±12%. All figures are given for coil without pre-energization, at ambient temperature +23°C. Other coil voltages on request. Coil Data, bistable coils 1 coil 2 coils Magnetic system polarized, bistable Coil voltage range 3 to 24VDC Operative range, IEC 61810 2 Limiting voltage, % of rated coil voltage 120% 150% Min./Max. energization duration 30ms/1min at <10% duty factor Coil insulation system according UL1446 class F F0272-B Z V b |
同様の部品番号 - 1-1415898-9 |
|
同様の説明 - 1-1415898-9 |