データシートサーチシステム |
|
1-1462050-1 データシート(PDF) 4 Page - Tyco Electronics |
|
1-1462050-1 データシート(HTML) 4 Page - Tyco Electronics |
4 / 6 page 06-2013, Rev. 0613 www.te.com © 2013 Tyco Electronics Corporation, a TE Connectivity Ltd. company Datasheets and product specification according to IEC 61810-1 and to be used only together with the ‘Definitions’ section. Datasheets and product data is subject to the terms of the disclaimer and all chapters of the ‘Definitions’ section, available at http://relays.te.com/definitions Datasheets, product data, ‘Definitions’ sec- tion, application notes and all specifications are subject to change. 4 AXICOM RF Signal Relays HF3 Relay (Continued) PCB layout TOP view on component side of PCB 50Ω version 75Ω version Dimensions 50Ω version 75Ω version 1 PLC 0 PLC 2 PLC 3 PLC 4 PLC DIMENSIONS: TOLERANCES UNLESS OTHERWISE SPECIFIED: ANGLES WEIGHT APPLICATION SPEC PRODUCT SPEC OF MATERIAL FINISH DWN CHK APVD NAME SIZE CAGE CODE DRAWING NO SCALE SHEET REV LOC DIST REVISIONS P LTR DATE DWN APVD DESCRIPTION 1469-35 (3/11) A4 RESTRICTED TO THIS DRAWING IS A CONTROLLED DOCUMENT. TE Connectivity A 7.2+0.1 -0.1 14.6+0.1 -0.1 0.4 0.8 0.8 0.8 0.8 3.81+0.1 -0.1 3.81+0.1 -0.1 0.5 6.35+0.15 -0.15 6.35+0.15 -0.15 9.4+0.2 -0.2 5.08+0.1 -0.1 5.08+0.1 -0.1 4.9 2.54+0.1 -0.1 2.54+0.1 -0.1 5.08+0.1 -0.1 5.08+0.1 -0.1 1.27+0.1 -0.1 1.27+0.1 -0.1 0.95 6.7 0.9 0.9 0.9 0.7 0.9 0.7 0.9 0.95 14.6 0.9 1.27 2.54 XX = Relay type zz = nominal voltage YYWW = Date code NNNN = Lot number 0.1 A 1 12 2 3 4 5 6 7 8 9 10 11 13 14 15 16 17 18 19 20 21 22 Relay housing A-A C Printing 21JUL2009 UKo HD D Printing 09JUL2010 UKo HD D1 REVIESED PER eco-11-005150 09JUL2010 RK HMR D2 REVISED PER ECO-11-017072 (ECR-13-009645) 14JUN2013 UKo AK HJ - 16AUG2002 mm UKo 9193 - - 16AUG2002 HD 9121 16AUG2002 DIN 7168-m HD 9121 - - HF3-Relay 50 - - - Dimensions - 1 - - 00779 1462051-2 - CUSTOMER DRAWING 3:1 1 1 D2 Coplanarity<=0.10mm DRAWING ALIAS: H2000-DOK02 1 PLC 0 PLC 2 PLC 3 PLC 4 PLC DIMENSIONS: TOLERANCES UNLESS OTHERWISE SPECIFIED: ANGLES WEIGHT APPLICATION SPEC PRODUCT SPEC OF MATERIAL FINISH DWN CHK APVD NAME SIZE CAGE CODE DRAWING NO SCALE SHEET REV LOC DIST REVISIONS P LTR DATE DWN APVD DESCRIPTION 1469-35 (3/11) A4 RESTRICTED TO THIS DRAWING IS A CONTROLLED DOCUMENT. TE Connectivity A 7.2+0.1 -0.1 14.6+0.1 -0.1 0.4 0.8 0.8 0.5 0.5 3.81+0.1 -0.1 3.81+0.1 -0.1 0.5 6.35+0.15 -0.15 6.35+0.15 -0.15 9.4+0.2 -0.2 5.08+0.1 -0.1 5.08+0.1 -0.1 4.9 2.54+0.1 -0.1 2.54+0.1 -0.1 5.08+0.1 -0.1 5.08+0.1 -0.1 1.27+0.1 -0.1 1.27+0.1 -0.1 0.95 6.7 0.5 0.9 0.5 0.7 0.9 0.6 0.9 0.95 14.6 0.5 1.27 2.54 XX = Relay type zz = nominal voltage YYWW = Date code NNNN = Lot number 0.1 A 1 12 2 3 4 5 6 7 8 9 10 11 13 14 15 16 17 18 19 20 21 22 Relay housing A-A C Printing 21JUL2009 UKo HD D Printing 09JUL2010 UKo HD D1 REVISED PER ECO-11-005150 25MAR2011 UKo HMR D2 REVISED PER ECO-11-017072 (ECR-13-009645) 14JUN2013 UKo AK HJ - 16AUG2002 mm UKo 9193 - - 16AUG2002 HD 9121 16AUG2002 DIN 7168-m HD 9121 - - HF3-Relay 75 - - - Dimensions - - - - 00779 1462050-2 - CUSTOMER DRAWING 3:1 1 1 D2 Coplanarity<=0.10mm |
同様の部品番号 - 1-1462050-1 |
|
同様の説明 - 1-1462050-1 |