データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

4-1734598-5 データシート(PDF) 3 Page - Tyco Electronics

部品番号 4-1734598-5
部品情報  Wire To Board Serial, Pitch 1.25mm
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MACOM [Tyco Electronics]
ホームページ  http://www.macom.com
Logo MACOM - Tyco Electronics

4-1734598-5 データシート(HTML) 3 Page - Tyco Electronics

  4-1734598-5 Datasheet HTML 1Page - Tyco Electronics 4-1734598-5 Datasheet HTML 2Page - Tyco Electronics 4-1734598-5 Datasheet HTML 3Page - Tyco Electronics 4-1734598-5 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
108-57273
Rev
C
3 of 4
Test Item
Requirement
Procedure
Mechanical Requirement
9
Vibration
No electrical discontinuity greater
than 1 microsecond shall occur.
See note.
Subject mated connectors to 10-55-10
Hz traversed in 1 minute at 1.52mm
amplitude 2 Hours each of 3 mutually
perpendicular planes, passing DC 1mA
current during the test.
10
Physical Shock
No electrical discontinuity greater
than 1 microsecond shall occur.
See note.
Accelerate Velocity: 490m/s
2 50G
Waveform: Half-sine shock plus
Duration: 11msec
No. of Drops : 3 drops each to normal
and reversed directions of X,Y and Z
axes, totally 18 drops, passing DC 1mA
current during the test.
Environmental Requirements
11
Temperature Life
(Heat Aging)
See note.
Mated Connector
85C°, 250 hours
12
Thermal Shock
See note.
Mated Connector
-55+/-3C° (30 minutes),
+85+/-2C° (30 minutes)
Making this a cycle, repeat 5 cycles
13 Humidity-Temperature Cycle See note.
Mated Connector
25 – 65C°, 95% R.H., 10 cycles
(See Figure 2)
14
Salt Spray
See note.
Subject mated connectors to 35+/-2C°
and 5+/-1% salt condition for 48 hours.
After test, rinse the sample with water
and recondition the room temperature
for 1 hour.
15
Solderability
The inspected area of each lead
must have 95% solder coverage
minimum.
Steam Aging Preconditioning:
93°C +3/-5°C, 8 hours ±15 min.
Reflow Temperature: 230 - 245°C
Reflow Time: 50 - 70 s.
JESD22-B102D, Condition C
16
Resistance to Reflow
Soldering Heat
See note.
Moisture Soak Preconditioning:
85°C and 85% RH. for 168 hours.
Preheat Temp.: 150 – 200°C, 60 – 180 s.
Time over liquidus (217°C): 60 – 150 s.
Peak Temp.: 260 +0/-5°C, 20 – 40 s.
Duration: 3 cycles.
Tyco spec. 109-201, Condition B
NOTE Shall meet visual requirements, show no physical damage, and meet requirements of additional tests
as specified in the Product Qualification and Rrequalification Test Sequence shown in Figure 2.
Figure 1 (end)


同様の部品番号 - 4-1734598-5

メーカー部品番号データシート部品情報
logo
Tyco Electronics
4-1734592-0 MACOM-4-1734592-0 Datasheet
165Kb / 3P
   FPC CONNECTOR, 0.5mm PITCH, BOTTOM CONTACT, SMT TYPE
4-1734592-1 MACOM-4-1734592-1 Datasheet
165Kb / 3P
   FPC CONNECTOR, 0.5mm PITCH, BOTTOM CONTACT, SMT TYPE
4-1734592-2 MACOM-4-1734592-2 Datasheet
165Kb / 3P
   FPC CONNECTOR, 0.5mm PITCH, BOTTOM CONTACT, SMT TYPE
4-1734592-3 MACOM-4-1734592-3 Datasheet
165Kb / 3P
   FPC CONNECTOR, 0.5mm PITCH, BOTTOM CONTACT, SMT TYPE
4-1734592-4 MACOM-4-1734592-4 Datasheet
165Kb / 3P
   FPC CONNECTOR, 0.5mm PITCH, BOTTOM CONTACT, SMT TYPE
More results

同様の説明 - 4-1734598-5

メーカー部品番号データシート部品情報
logo
FCI connector
10114828-10102LF FCI-CONNECTOR-10114828-10102LF Datasheet
2Mb / 2P
   1.25mm Wire-To-Board System
logo
List of Unclassifed Man...
51021 ETC2-51021 Datasheet
69Kb / 1P
   1.25mm (.049) Pitch Wire-to-Wire and Wire-to-Board Receptacle
logo
Molex Electronics Ltd.
51021-0900 MOLEX11-51021-0900 Datasheet
39Kb / 2P
   1.25mm Pitch PicoBlade??Wire-to-Wire and Wire-to-Board Housing, Female, 9
51021-1200 MOLEX11-51021-1200 Datasheet
38Kb / 2P
   1.25mm Pitch PicoBlade??Wire-to-Wire and Wire-to-Board Housing, Female, 12
0510211500 MOLEX1-0510211500_17 Datasheet
32Kb / 2P
   1.25mm Pitch PicoBlade Wire-to-Wire and Wire-to-Board Housing, Female, 15Circuits
0510210500 MOLEX1-0510210500_17 Datasheet
33Kb / 2P
   1.25mm Pitch PicoBlade Wire-to-Wire and Wire-to-Board Housing, Female, 5Circuits
0510211000 MOLEX1-0510211000_17 Datasheet
33Kb / 2P
   1.25mm Pitch PicoBlade Wire-to-Wire and Wire-to-Board Housing, Female, 10circuits
0510210200 MOLEX1-0510210200_17 Datasheet
33Kb / 2P
   1.25mm Pitch PicoBlade Wire-to-Wire and Wire-to-Board Housing, Female, 2Circuits
51021-0700 MOLEX11-51021-0700 Datasheet
39Kb / 2P
   1.25mm Pitch PicoBlade??Wire-to-Wire and Wire-to-Board Housing, Female, 7
51021-1100 MOLEX11-51021-1100 Datasheet
38Kb / 2P
   1.25mm Pitch PicoBlade??Wire-to-Wire and Wire-to-Board Housing, Female, 11
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com