データシートサーチシステム |
|
IRLU3105PBF データシート(PDF) 11 Page - International Rectifier |
|
IRLU3105PBF データシート(HTML) 11 Page - International Rectifier |
11 / 11 page IRLR/U3105PbF www.irf.com 11 Data and specifications subject to change without notice. This product has been designed and qualified for the Industrial market. Qualification Standards can be found on IR’s Web site. IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information. 10/2010 Repetitive rating; pulse width limited by max. junction temperature. ISD ≤ 25A, di/dt ≤ 290A/µs, VDD ≤ V(BR)DSS, TJ ≤ 175°C Notes: Pulse width ≤ 300µs; duty cycle ≤ 2%.
Coss eff. is a fixed capacitance that gives the same charging time as Coss while VDS is rising from 0 to 80% VDSS . Limited by TJmax ' see Fig 12a, 12b, 15, 16 for typical repetitive avalanche performance. This value determined from sample failure population. 100% tested to this value in production. Limited by TJmax, starting TJ = 25°C, L = 0.55mH RG = 25Ω, IAS = 15A, VGS =10V D-Pak (TO-252AA) Tape & Reel Information Dimensions are shown in millimeters (inches) TR 16.3 ( .641 ) 15.7 ( .619 ) 8.1 ( .318 ) 7.9 ( .312 ) 12.1 ( .476 ) 11.9 ( .469 ) FEED DIRECTION FEED DIRECTION 16.3 ( .641 ) 15.7 ( .619 ) TRR TRL NOTES : 1. CONTROLLING DIMENSION : MILLIMETER. 2. ALL DIMENSIONS ARE SHOWN IN MILLIMETERS ( INCHES ). 3. OUTLINE CONFORMS TO EIA-481 & EIA-541. NOTES : 1. OUTLINE CONFORMS TO EIA-481. 16 mm 13 INCH |
同様の部品番号 - IRLU3105PBF |
|
同様の説明 - IRLU3105PBF |