データシートサーチシステム |
|
AD2S81AJD データシート(PDF) 2 Page - Analog Devices |
|
AD2S81AJD データシート(HTML) 2 Page - Analog Devices |
2 / 16 page AD2S81A/AD2S82A–SPECIFICATIONS AD2S81A AD2S82A Parameter Conditions Min Typ Max Min Typ Max Units SIGNAL INPUTS Frequency 400 20,000 50 20,000 Hz Voltage Level 1.8 2.0 2.2 1.8 2.0 2.2 V rms Input Bias Current 60 150 60 150 nA Input Impedance 1.0 1.0 M Ω Maximum Voltage ±8 ±8V pk REFERENCE INPUT Frequency 400 20,000 50 20,000 Hz Voltage Level 1.0 8.0 1.0 8.0 V pk Input Bias Current 60 150 60 150 nA Input Impedance 1.0 1.0 M Ω CONTROL DYNAMICS Repeatability 1 1 LSB Allowable Phase Shift (Signals to Reference) –10 +10 –10 +10 Degrees Tracking Rate 10 Bits 1040 rps 12 Bits 260 260 rps 14 Bits 65 rps 16 Bits 16.25 rps Bandwidth1 User Selectable ACCURACY Angular Accuracy H 22 + 1 LSB arc min J 30 + 1 LSB 8 + 1 LSB arc min K 4 + 1 LSB arc min L 2 + 1 LSB arc min Monotonicity Guaranteed Monotonic Missing Codes (16-Bit Resolution) J, K 4 Codes L 1 Code VELOCITY SIGNAL Linearity Over Full Range ±1 3 ±1 3 % FSD Reversion Error ±2 ±2 % FSD DC Zero Offset 2 66 mV DC Zero Offset Tempco –22 –22 µV/°C Gain Scaling Accuracy 10 10 % FSD Output Voltage 1 mA Load ±8 ±9 ±10.5 ±8 ±9 ±10.5 V Dynamic Ripple Mean Value 1.5 1.5 % rms O/P Output Load 1.0 1.0 k Ω INPUT/OUTPUT PROTECTION Analog Inputs Overvoltage Protection ±8 ±8V Analog Outputs Short Circuit O/P Protection ±5.6 ±8 ±10.4 ±5.6 ±8 ±10.4 mA DIGITAL POSITION Resolution 10, 12, 14 and 16 Output Format Bidirectional Natural Binary Load 3 3 LSTTL INHIBIT 3 Sense Logic LO to Inhibit Time to Stable Data 600 600 ns ENABLE 3 Logic LO Enables Position Output. Logic HI Outputs in High Impedance State ENABLE/Disable Time 35 110 35 110 ns BYTE SELECT3 Sense Logic HI MS Byte DB1–DB8, (LS Byte DB9–DB16)4 Logic LO LS Byte DB1–DB8, (LS Byte DB9–DB16)4 Time to Data Available 60 140 60 140 ns SHORT CYCLE INPUTS 4, 5 Internally Pulled High (100 k Ω) to +V S SC1 SC2 0 0 10 Bit 0 1 12 Bit 1 0 14 Bit 1 1 16 Bit DATA LOAD4, 5 Sense Internally Pulled High (100 k Ω) 150 300 ns to +VS; Logic LO Allows Data to Be Loaded into the Counters from the Data Lines REV. B –2– (@ TA = +25 C, unless otherwise noted) |
同様の部品番号 - AD2S81AJD |
|
同様の説明 - AD2S81AJD |