データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD5291BRUZ-20-RL7 データシート(PDF) 4 Page - Analog Devices

部品番号 AD5291BRUZ-20-RL7
部品情報  256-/1024-Position, Digital Potentiometers
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD5291BRUZ-20-RL7 データシート(HTML) 4 Page - Analog Devices

  AD5291BRUZ-20-RL7 Datasheet HTML 1Page - Analog Devices AD5291BRUZ-20-RL7 Datasheet HTML 2Page - Analog Devices AD5291BRUZ-20-RL7 Datasheet HTML 3Page - Analog Devices AD5291BRUZ-20-RL7 Datasheet HTML 4Page - Analog Devices AD5291BRUZ-20-RL7 Datasheet HTML 5Page - Analog Devices AD5291BRUZ-20-RL7 Datasheet HTML 6Page - Analog Devices AD5291BRUZ-20-RL7 Datasheet HTML 7Page - Analog Devices AD5291BRUZ-20-RL7 Datasheet HTML 8Page - Analog Devices AD5291BRUZ-20-RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
AD5291/AD5292
Rev. D | Page 4 of 32
Parameter
Symbol
Conditions
Min
Typ1
Max
Unit
DYNAMIC CHARACTERISTICS5, 10
Bandwidth
BW
−3 dB, code = half-scale
kHz
RAB = 20 kΩ
520
RAB = 50 kΩ
210
RAB = 100 kΩ
105
Total Harmonic Distortion
THDW
VA = 1 V rms, VB = 0 V, f = 1 kHz
dB
RAB = 20 kΩ
−93
RAB = 50 kΩ
−101
RAB = 100 kΩ
−106
VW Settling Time
tS
VA = 30 V, VB = 0 V, ±0.5 LSB error
band, initial code = zero scale,
board capacitance = 170 pF
Code = full-scale, normal mode
750
ns
Code = full-scale, R-Perf mode
2.5
μs
Code = half-scale, normal mode
μs
RAB = 20 kΩ
2.5
RAB = 50 kΩ
7
RAB = 100 kΩ
14
Code = half-scale, R-Perf mode
μs
RAB = 20 kΩ
5
RAB = 50 kΩ
9
RAB = 100 kΩ
16
Resistor Noise Density
eN_WB
Code = half-scale, TA = 25°C, 0 kHz
to 200 kHz
nV/√Hz
RAB = 20 kΩ
10
RAB = 50 kΩ
18
RAB = 100 kΩ
27
1 Typical values represent average readings at 25°C, VDD = 15 V, VSS = −15 V, and VLOGIC = 5 V.
2 Resistor position nonlinearity error. R-INL is the deviation from an ideal value measured between the RWB at code 0x02 to code 0xFF or between RWA at code 0xFD to
code 0x00. R-DNL measures the relative step change from ideal between successive tap positions. The specification is guaranteed in resistor performance mode, with
a wiper current of 1 mA for VA < 12 V and 1.2 mA for VA ≥ 12 V.
3 Resistor performance mode (see the Resistor Performance Mode section). The terms resistor performance mode and R-Perf mode are used interchangeably.
4 Guaranteed by design and characterization, not subject to production test.
5 INL and DNL are measured at VWB with the RDAC configured as a potentiometer divider similar to a voltage output DAC. VA = VDD and VB = 0 V. DNL specification limits
of ±1 LSB maximum are guaranteed monotonic operating conditions.
6 Resistor Terminal A, Resistor Terminal B, and Resistor Terminal W have no limitations on polarity with respect to each other. Dual-supply operation enables ground-
referenced bipolar signal adjustment.
7 Different from operating current; supply current for fuse program lasts approximately 550 μs.
8 Different from operating current; supply current for fuse read lasts approximately 550 μs.
9 PDISS is calculated from (IDD × VDD) + (ISS × VSS) + (ILOGIC × VLOGIC).
10 All dynamic characteristics use VDD = 15 V, VSS = −15 V, and VLOGIC = 5 V.
RESISTOR PERFORMANCE MODE CODE RANGE
Table 2.
RAB = 20 kΩ
|VDD − VSS| = 30 V to 33 V
|VDD − VSS| = 26 V to 30 V
|VDD − VSS| = 22 V to 26 V
|VDD − VSS| = 21 V to 22 V
Resistor
Tolerance per
Code
RWB
RWA
RWB
RWA
RWB
RWA
RWB
RWA
1% R-Tolerance
From 0x5A
to 0xFF
From 0x00
to 0xA5
From 0x7D
to 0xFF
From 0x00
to 0x82
From 0x7D
to 0xFF
From 0x00
to 0x82
N/A
N/A
2% R-Tolerance
From 0x23
to 0xFF
From 0x00
to 0xDC
From 0x2D
to 0xFF
From 0x00
to 0xD2
From 0x23
to 0xFF
From 0x00
to 0xDC
From 0x23
to 0xFF
From 0x00
to 0xDC
3% R-Tolerance
From 0x1E
to 0xFF
From 0x00
to 0xE1
From 0x19
to 0xFF
From 0x00
to 0xE6
From 0x17
to 0xFF
From 0x00
to 0xE8
From 0x17
to 0xFF
From 0x00
to 0xE8


同様の部品番号 - AD5291BRUZ-20-RL7

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5291BRUZ-20-RL7 AD-AD5291BRUZ-20-RL7 Datasheet
650Kb / 28P
   256-/1024-Position, DigiPOT Potentiometers with Maximum 짹1% R-Tolerance Error and 20-TP Memory
REV. 0
AD5291BRUZ-20-RL7 AD-AD5291BRUZ-20-RL7 Datasheet
1,019Kb / 30P
   256-/1024-Position, Digital Potentiometers
More results

同様の説明 - AD5291BRUZ-20-RL7

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5291 AD-AD5291_14 Datasheet
1,019Kb / 30P
   256-/1024-Position, Digital Potentiometers
AD5231 AD-AD5231 Datasheet
562Kb / 24P
   Nonvolatile Memory, 1024-Position Digital Potentiometers
REV. 0
AD5200BRM50 AD-AD5200BRM50 Datasheet
1Mb / 15P
   256-Position and 33-Position Digital Potentiometers
REV. D
AD5200BRM10 AD-AD5200BRM10 Datasheet
1Mb / 15P
   256-Position and 33-Position Digital Potentiometers
REV. D
AD5201 AD-AD5201 Datasheet
749Kb / 16P
   256-Position and 33-Position Digital Potentiometers
REV. B
AD5200 AD-AD5200_15 Datasheet
1Mb / 15P
   256-Position and 33-Position Digital Potentiometers
REV. D
AD5201 AD-AD5201_15 Datasheet
1Mb / 15P
   256-Position and 33-Position Digital Potentiometers
REV. D
AD5235 AD-AD5235 Datasheet
102Kb / 10P
   Nonvolatile Memory, Dual 1024 Position Digital Potentiometers
REV PrD 6 Nov 2000
AD5241BR10 AD-AD5241BR10 Datasheet
394Kb / 16P
   I2C Compatible 256-Position Digital Potentiometers
REV. B
AD5241 AD-AD5241_09 Datasheet
550Kb / 20P
   I2C-Compatible, 256-Position Digital Potentiometers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com